Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA2078 Datasheet(PDF) 3 Page - Silan Microelectronics Joint-stock

Part # SA2078
Description  PRESET EQUALIZER CIRCUIT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA2078 Datasheet(HTML) 3 Page - Silan Microelectronics Joint-stock

  SA2078 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SA2078 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA2078 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA2078 Datasheet HTML 4Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SA2078
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2004.10.28
Http: www.silan.com.cn
Page 3 of 4
(Continued)
Pin no.
Pin name
Description
12
IN2-
Negative input of channel 2
13
FB2_2
Feedback setting 2 of channel 2
14
FB2_3
Feedback setting 3 of channel 2
15
OUT2
Output of channel 2
16
IN2+
Positive input of channel 2
FUNCTION DESCRIPITION
By setting A (pin10) and B (pin9) high (H) or low (L)
Normal: A=L, B= L, Flat (No equalizing)
Rock: A=H, B= L, High/low boost-1
Classic: A=L, B= H, High/low boost-2
Pop: A=H, B= H, mid boost


Similar Part No. - SA2078

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
SA20 CHENDA-SA20 Datasheet
840Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SA20 PANJIT-SA20 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
First Components Intern...
SA20 FCI-SA20 Datasheet
178Kb / 4P
   5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
SA20 TSC-SA20 Datasheet
667Kb / 5P
   500 Watts Transient Voltage Suppressor
logo
Chongqing Pingwei Enter...
SA20 CHONGQING-SA20 Datasheet
226Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SA2078

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CD7388CP ETC2-CD7388CP Datasheet
393Kb / 7P
   Five preset mode equalizer circuit
logo
Toshiba Semiconductor
TA2078P TOSHIBA-TA2078P Datasheet
197Kb / 6P
   PRESET EQUALIZER IC
TA2078P TOSHIBA-TA2078P_02 Datasheet
154Kb / 7P
   Bipolar Linear Integrated Circuit Silicon Monolithic Preset Equalizer IC
logo
Princeton Technology Co...
PT2381 PTC-PT2381 Datasheet
338Kb / 3P
   4-Mode Preset Equalizer IC?
logo
Silan Microelectronics ...
SC5388 SILAN-SC5388 Datasheet
155Kb / 9P
   5-MODE PRESET EQUALIZER IC
logo
Princeton Technology Co...
PT2388 PTC-PT2388 Datasheet
112Kb / 4P
   5-Mode Preset Equalizer IC???
PT2388 PTC-PT2388_10 Datasheet
308Kb / 9P
   5-Mode Preset Equalizer IC
PT2380 PTC-PT2380 Datasheet
272Kb / 11P
   4 Mode Preset Equalizer IC
PT2381 PTC-PT2381_10 Datasheet
292Kb / 13P
   4-Mode Preset Equalizer IC
logo
Mitsubishi Electric Sem...
M62415 MITSUBISHI-M62415 Datasheet
283Kb / 7P
   2CH 4 MODE PRESET EQUALIZER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com