Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN5358S710X Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FAN5358S710X
Description  2MHz, 500mA, SC70 Synchronous Buck Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5358S710X Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN5358S710X Datasheet HTML 1Page - Fairchild Semiconductor FAN5358S710X Datasheet HTML 2Page - Fairchild Semiconductor FAN5358S710X Datasheet HTML 3Page - Fairchild Semiconductor FAN5358S710X Datasheet HTML 4Page - Fairchild Semiconductor FAN5358S710X Datasheet HTML 5Page - Fairchild Semiconductor FAN5358S710X Datasheet HTML 6Page - Fairchild Semiconductor FAN5358S710X Datasheet HTML 7Page - Fairchild Semiconductor FAN5358S710X Datasheet HTML 8Page - Fairchild Semiconductor FAN5358S710X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
September 2009
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5358 • Rev. 1.0.1
FAN5358
2MHz, 500mA, SC70 Synchronous Buck Regulator
Features
2MHz Nominal-Frequency Operation
25µA Typical Quiescent Current
500mA Output Current Capability
2.7V to 5.5V Input Voltage Range
1.0 to 1.8V Fixed Output Voltages
Low Ripple, Light-Load PFM Mode
Internal Soft-Start
Input Under-Voltage Lockout (UVLO)
Thermal Shutdown and Overload Protection
6-lead 2 x 2.2mm SC70
Applications
Cell Phones, Smart Phones
3G, 4G, WiFi
®, WiMAX™, and WiBro® Data Cards
Netbooks
®, Ultra-Mobile PCs
Description
The FAN5358 is a step-down switching voltage regulator that
delivers a fixed output from an input voltage supply of 2.7V to
5.5V. Using a proprietary architecture with synchronous
rectification, the device is capable of delivering 500mA and
maintaining a very high efficiency of over 80% at load currents
as low as 1mA. The regulator operates at a nominal frequency
of 2MHz, which reduces the value of the external components
to as low as 2.2
μH for the output inductor and 4.7µF for the
output capacitor.
At moderate and light loads, pulse frequency modulation is
used to operate the device in power-save mode with a typical
quiescent current of 25µA. Even with such a low quiescent
current, the part exhibits excellent transient response during
large load swings. In shutdown mode, the supply current
drops below 1µA, reducing power consumption.
FAN5358 is available in a 6-lead SC70 package.
Typical Application
SW
EN
L1
C
IN
VOUT
C
OUT
VIN
U1
1
2
3
6
5
4
GND
GND
Figure 1. FAN5358 Typical Application
Table 1. External Components for Figure 1
U1
fSW
L1
CIN
COUT
FAN5358
2MHz
2.2
μH
2.2
μF
4.7
μF
Wi-Fi® is a registered trademark of Wi-Fi Alliance Corporation.
WiMax™ is a trademark of WIMAX Forum Corporation.
WiBro® is a registered trademark of Telecommunications Technology Association.
Netbooks® is a registered trademark of Netbooks, Inc.


Similar Part No. - FAN5358S710X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5358S710X FAIRCHILD-FAN5358S710X Datasheet
628Kb / 13P
   2MHz, 500mA, SC70 Synchronous Buck Regulator
More results

Similar Description - FAN5358S710X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5358 FAIRCHILD-FAN5358_10 Datasheet
628Kb / 13P
   2MHz, 500mA, SC70 Synchronous Buck Regulator
logo
Intersil Corporation
ISL85415 INTERSIL-ISL85415_13 Datasheet
1Mb / 24P
   Wide VIN 500mA Synchronous Buck Regulator
logo
Altera Corporation
ER3105DI ALTERA-ER3105DI Datasheet
3Mb / 25P
   500mA Wide VIN Synchronous Buck Regulator
logo
Fairchild Semiconductor
FAN5362 FAIRCHILD-FAN5362 Datasheet
1Mb / 14P
   3MHz, 500mA / 750mA Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL85415 RENESAS-ISL85415 Datasheet
1Mb / 24P
   Wide VIN 500mA Synchronous Buck Regulator
logo
Intersil Corporation
ISL85415 INTERSIL-ISL85415 Datasheet
1Mb / 23P
   Wide VIN 500mA Synchronous Buck Regulator
logo
ON Semiconductor
FAN5362 ONSEMI-FAN5362 Datasheet
1Mb / 16P
   3MHz, 500mA / 750mA Synchronous Buck Regulator
Rev. 1.0.5
logo
Enpirion, Inc.
EP5358LUI ENPIRION-EP5358LUI Datasheet
212Kb / 14P
   500mA Synchronous Buck Regulator with Integrated Inductor
logo
Micrel Semiconductor
MIC2225 MICREL-MIC2225_08 Datasheet
360Kb / 15P
   2MHz 600mA Synchronous Buck Regulator with 300mA LDO
MIC2225 MICREL-MIC2225 Datasheet
357Kb / 14P
   2MHz 600mA Synchronous Buck Regulator with 300mA LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com