Electronic Components Datasheet Search |
|
FAN5358S710X Datasheet(PDF) 4 Page - Fairchild Semiconductor |
|
FAN5358S710X Datasheet(HTML) 4 Page - Fairchild Semiconductor |
4 / 13 page © 2009 Fairchild Semiconductor Corporation www.fairchildsemi.com FAN5358 • Rev. 1.0.1 4 Electrical Characteristics Minimum and maximum values are at VIN = 2.7V to 5.5V, TA = -40°C to +85°C, circuit of Figure 1 unless otherwise noted. Typical values are at TA = 25°C, VIN =3.6V. Symbol Parameter Conditions Min. Typ. Max. Units Power Supplies IQ Quiescent Current No Load, EN=VIN 25 48 µA I(SD) Shutdown Supply Current EN = GND 0.05 1.00 µA VUVLO Under-Voltage Lockout Threshold Rising VIN 2.4 2.6 V VUVHYST Under-Voltage Lockout Hysteresis 225 mV V(ENH) Enable HIGH-Level Input Voltage 1.2 V V(ENL) Enable LOW-Level Input Voltage 0.4 V I(EN) Enable Input Leakage Current EN = VIN or GND 0.01 1.00 µA Oscillator fOSC Switching Frequency In PWM Mode 2 MHz Regulation VO Output Voltage Accuracy 1.0V ILOAD = 0 to 500mA -4.5 +4.5 % 1.2V ILOAD = 0 to 500mA -4.5 +4.5 1.3V ILOAD = 0 to 500mA -4.5 +4.5 1.8V ILOAD = 0 to 500mA -4.0 +4.0 tSS Soft-Start From EN Rising Edge 70 µs Output Driver RDS(on) PMOS On Resistance VIN = VGS = 3.6V 750 m Ω NMOS On Resistance VIN = VGS = 3.6V 650 m Ω ILIM PMOS Peak Current Limit Open-Loop (1) 750 850 1150 mA TTSD Thermal Shutdown 150 °C THYS Thermal Shutdown Hysteresis 20 °C Note: 5. The Electrical Characteristics table reflects open-loop data. Refer to Operation Description and Typical Characteristic for closed-loop data. Block Diagram Q2 Q1 SW VIN GND VOUT L1 CIN LOGIC & GATE DRIVE U1 RAMP GEN REF EN COUT VOUT GND Figure 3. IC Block Diagram |
Similar Part No. - FAN5358S710X |
|
Similar Description - FAN5358S710X |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |