Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN103 Datasheet(PDF) 15 Page - Fairchild Semiconductor

Part # FAN103
Description  Primary-Side-Regulation PWM Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN103 Datasheet(HTML) 15 Page - Fairchild Semiconductor

Back Button FAN103 Datasheet HTML 8Page - Fairchild Semiconductor FAN103 Datasheet HTML 9Page - Fairchild Semiconductor FAN103 Datasheet HTML 10Page - Fairchild Semiconductor FAN103 Datasheet HTML 11Page - Fairchild Semiconductor FAN103 Datasheet HTML 12Page - Fairchild Semiconductor FAN103 Datasheet HTML 13Page - Fairchild Semiconductor FAN103 Datasheet HTML 14Page - Fairchild Semiconductor FAN103 Datasheet HTML 15Page - Fairchild Semiconductor FAN103 Datasheet HTML 16Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN103 • Rev. 1.0.1
15
Physical Dimensions
SEE DETAIL A
NOTES: UNLESS OTHERWISE SPECIFIED
A) THIS PACKAGE CONFORMS TO JEDEC
MS-012, VARIATION AA, ISSUE C,
B) ALL DIMENSIONS ARE IN MILLIMETERS.
C) DIMENSIONS DO NOT INCLUDE MOLD
FLASH OR BURRS.
D) LANDPATTERN STANDARD: SOIC127P600X175-8M.
E) DRAWING FILENAME: M08AREV13
LAND PATTERN RECOMMENDATION
SEATING PLANE
0.10 C
C
GAGE PLANE
x 45°
DETAIL A
SCALE: 2:1
PIN ONE
INDICATOR
4
8
1
C
M
BA
0.25
B
5
A
5.60
0.65
1.75
1.27
6.20
5.80
3.81
4.00
3.80
5.00
4.80
(0.33)
1.27
0.51
0.33
0.25
0.10
1.75 MAX
0.25
0.19
0.36
0.50
0.25
R0.10
R0.10
0.90
0.406
(1.04)
OPTION A - BEVEL EDGE
OPTION B - NO BEVEL EDGE
Figure 30. 8-Lead, Small Outline Package (SOP-8)
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specifically the
warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/.


Similar Part No. - FAN103

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN103 FAIRCHILD-FAN103 Datasheet
667Kb / 16P
   Primary-Side-Regulation PWM Controller (PWM-PSR)
FAN103 FAIRCHILD-FAN103 Datasheet
825Kb / 16P
   Primary Side Regulated (PSR) Flyback Converter
FAN103MY FAIRCHILD-FAN103MY Datasheet
667Kb / 16P
   Primary-Side-Regulation PWM Controller (PWM-PSR)
FAN103 FAIRCHILD-FAN103_10 Datasheet
667Kb / 16P
   Primary-Side-Regulation PWM Controller (PWM-PSR)
More results

Similar Description - FAN103

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FL663 ONSEMI-FL663 Datasheet
406Kb / 15P
   Primary-Side-Regulation PWM Controller
June 2015 Rev. 1.0
logo
Fairchild Semiconductor
FAN103 FAIRCHILD-FAN103_10 Datasheet
667Kb / 16P
   Primary-Side-Regulation PWM Controller (PWM-PSR)
logo
ON Semiconductor
FL7740 ONSEMI-FL7740 Datasheet
657Kb / 16P
   Constant-Voltage Primary-Side-Regulation PWM Controller
April 2017 - Rev. P0
FL6630 ONSEMI-FL6630 Datasheet
453Kb / 14P
   Single-Stage Primary-Side-Regulation PWM Controller
May 2015 Rev. 1.0
FL7740 ONSEMI-FL7740_18 Datasheet
344Kb / 14P
   Constant-Voltage Primary-Side-Regulation PWM Controller
February 2018 - Rev. 3
FL7734 ONSEMI-FL7734 Datasheet
380Kb / 14P
   Single-Stage Primary-Side-Regulation PWM Controller
November 2014 Rev. 1.0
FL7730 ONSEMI-FL7730 Datasheet
896Kb / 15P
   Single-Stage Primary-Side-Regulation PWM Controller
October 2012 Rev. 1.0.8
logo
Fairchild Semiconductor
FL103 FAIRCHILD-FL103 Datasheet
1Mb / 14P
   Primary-Side-Regulation PWM Controller for LED Illumination
logo
Unisonic Technologies
US1651 UTC-US1651 Datasheet
178Kb / 7P
   PRIMARY-SIDE REGULATION PWM POWER SWITCH
USR1652 UTC-USR1652 Datasheet
167Kb / 7P
   PRIMARY-SIDE REGULATION PWM POWER SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com