Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RX-2C Datasheet(PDF) 1 Page - Silan Microelectronics Joint-stock

Part # RX-2C
Description  TOY CAR REMOTE CONTROLLER WITH FIVE FUNCTIONS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

RX-2C Datasheet(HTML) 1 Page - Silan Microelectronics Joint-stock

  RX-2C Datasheet HTML 1Page - Silan Microelectronics Joint-stock RX-2C Datasheet HTML 2Page - Silan Microelectronics Joint-stock RX-2C Datasheet HTML 3Page - Silan Microelectronics Joint-stock RX-2C Datasheet HTML 4Page - Silan Microelectronics Joint-stock RX-2C Datasheet HTML 5Page - Silan Microelectronics Joint-stock RX-2C Datasheet HTML 6Page - Silan Microelectronics Joint-stock RX-2C Datasheet HTML 7Page - Silan Microelectronics Joint-stock RX-2C Datasheet HTML 8Page - Silan Microelectronics Joint-stock RX-2C Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TX-2B/RX-2C
TOY CAR REMOTE CONTROLLER WITH FIVE FUNCTIONS
TX-2B
SOP-16
DIP-14
RX-2C
DIP-16
TX-2BS
RX-2CS
DESCRIPTION
The TX-2B/RX-2C is a pair of CMOS LSIs designed for remote
controlled car applications. The TX-2B/RX-2C has five control keys for
controlling the motions (i.e. forward, backward, rightward, leftward and
the turbo function) of the remote controlled car.
FEATURES
* Wide operating voltage range (VCC=1.8V~5.0V when DC-DC is
not used and VCC=1.0V~5.0V when DC-DC is used)
* Low stand-by current
* In order to be used in the low voltage condition, the DC-DC is
added in RX-2C; you can decide whether to use DC-DC; the
voltage to turn on is 1.0V ; and the voltage to work is 0.8V ; and
the output voltage is 3.0V ;
* Auto-power-off function for TX-2B
* Few external components are needed
ORDERING INFORMATION
Device
Package
TX-2B
DIP-14-300-2.54
TX-2BS
SOP-16-225-1.27
RX-2C
DIP-16-300-2.54
RX-2CS
SOP-16-225-1.27
BLOCK DIAGRAM
Oscillator
Latch
Circuit
Encoding
Circuit
Timing
Generator
Logic
OSCI
OSCO
RIGHT
LEFT
TURBO
FORWARD
BACKWARD
PC
SO
SC
TEST B
GND
VDD
FOSC
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2008.06.12
Http: www.silan.com.cn
Page 1 of 13
13
2
12
11
9
1
14
10
6
8
7
5
4
3
TRANSMITTER TX-2B Block Diagram


Similar Part No. - RX-2C

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RX-2405D RECOM-RX-2405D Datasheet
104Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RX-2405D RECOM-RX-2405D Datasheet
104Kb / 3P
   1 Watt SIP7 & DIP14 Single & Dual Output
RX-2405D RECOM-RX-2405D Datasheet
102Kb / 3P
   1 Watt SIP7 & DIP14 Single & Dual Output
RX-2405D/P RECOM-RX-2405D/P Datasheet
102Kb / 3P
   1 Watt SIP7 & DIP14 Single & Dual Output
RX-2405S RECOM-RX-2405S Datasheet
104Kb / 3P
   1 Watt SIP7 & DIP14 Single & Dual Output
More results

Similar Description - RX-2C

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
TX-5B SILAN-TX-5B Datasheet
243Kb / 9P
   TOY CAR REMOTE CONTROLLER WITH NINE FUNCTIONS
TX-6B SILAN-TX-6B Datasheet
282Kb / 11P
   TOY CAR REMOTE CONTROLLER WITH SEVEN FUNCTIONS
TX-2B SILAN-TX-2B Datasheet
133Kb / 10P
   REMOTE CONTROLLER WITH FIVE FUNCTIONS
logo
Unisonic Technologies
RCR2C UTC-RCR2C Datasheet
129Kb / 7P
   DECODER FOR REMOTE CONTROLLER WITH FIVE FUNCTIONS
RCR2E UTC-RCR2E_15 Datasheet
164Kb / 6P
   DECODER FOR REMOTE CONTROLLER WITH FIVE FUNCTIONS
RCR2E UTC-RCR2E Datasheet
164Kb / 6P
   DECODER FOR REMOTE CONTROLLER WITH FIVE FUNCTIONS
RCR02 UTC-RCR02 Datasheet
117Kb / 7P
   Decoder For Remote Controller With Five Functions
RCR02 UTC-RCR02_15 Datasheet
123Kb / 7P
   Decoder For Remote Controller With Five Functions
RCR2C UTC-RCR2C_15 Datasheet
215Kb / 8P
   Decoder For Remote Controller With Five Functions
RCT2E UTC-RCT2E Datasheet
119Kb / 6P
   ENCODER FOR REMOTE CONTROLLER WITH FIVE FUNCTIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com