Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TX-2BS Datasheet(PDF) 5 Page - Silan Microelectronics Joint-stock

Part # TX-2BS
Description  TOY CAR REMOTE CONTROLLER WITH FIVE FUNCTIONS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

TX-2BS Datasheet(HTML) 5 Page - Silan Microelectronics Joint-stock

  TX-2BS Datasheet HTML 1Page - Silan Microelectronics Joint-stock TX-2BS Datasheet HTML 2Page - Silan Microelectronics Joint-stock TX-2BS Datasheet HTML 3Page - Silan Microelectronics Joint-stock TX-2BS Datasheet HTML 4Page - Silan Microelectronics Joint-stock TX-2BS Datasheet HTML 5Page - Silan Microelectronics Joint-stock TX-2BS Datasheet HTML 6Page - Silan Microelectronics Joint-stock TX-2BS Datasheet HTML 7Page - Silan Microelectronics Joint-stock TX-2BS Datasheet HTML 8Page - Silan Microelectronics Joint-stock TX-2BS Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TX-2B/RX-2C
Number Of Function Code (N) W1
Function Key
Decode Result
4
End Code
10
Forward
Forward
16
Forward & Turbo
Forward
22
Turbo
Turbo
28
Turbo & Forward & Left
Forward & Left
34
Turbo & Forward & Right
Forward & Right
40
Backward
Backward
46
Backward & Right
Backward & Right
52
Backward & Left
Backward & Left
58
Left
Left
64
Right
Right
2. ENCODE/DECODE TIMING
(A)
Any function key
Encode output
Decode output
1st word
2nd word 3rd word
1
23456
7
8
9ms
9ms
end code
(B)
T
(n) W1
8ms
1ms
SI
Decode output
T=17ms+(nW1)x1ms
8ms
FUNCTION
Function key(TX-2B)
command(RX-2C,MOD=1)
Command(RX-2C,MOD=0)
Over code
Over code
forward
forward
Forward pulse(50Hz 50%Duty)
Forward and turbo
forward
Forward and turbo
turbo
turbo
Forward and turbo
Forward and turbo and left
Forward and left
Forward and left
Forward pulse(50Hz 50%Duty)
(To be continued)
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2008.06.12
Http: www.silan.com.cn
Page 5 of 13


Similar Part No. - TX-2BS

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
TX-2B SILAN-TX-2B Datasheet
133Kb / 10P
   REMOTE CONTROLLER WITH FIVE FUNCTIONS
logo
SYNERGY MICROWAVE CORPO...
TX-2B1 SYNERGY-TX-2B1 Datasheet
63Kb / 5P
   TRRANSSFFORRMEERRS
TX-2B2 SYNERGY-TX-2B2 Datasheet
63Kb / 5P
   TRRANSSFFORRMEERRS
More results

Similar Description - TX-2BS

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
TX-5B SILAN-TX-5B Datasheet
243Kb / 9P
   TOY CAR REMOTE CONTROLLER WITH NINE FUNCTIONS
TX-6B SILAN-TX-6B Datasheet
282Kb / 11P
   TOY CAR REMOTE CONTROLLER WITH SEVEN FUNCTIONS
TX-2B SILAN-TX-2B Datasheet
133Kb / 10P
   REMOTE CONTROLLER WITH FIVE FUNCTIONS
logo
Unisonic Technologies
RCR2C UTC-RCR2C Datasheet
129Kb / 7P
   DECODER FOR REMOTE CONTROLLER WITH FIVE FUNCTIONS
RCR2E UTC-RCR2E_15 Datasheet
164Kb / 6P
   DECODER FOR REMOTE CONTROLLER WITH FIVE FUNCTIONS
RCR2E UTC-RCR2E Datasheet
164Kb / 6P
   DECODER FOR REMOTE CONTROLLER WITH FIVE FUNCTIONS
RCR02 UTC-RCR02 Datasheet
117Kb / 7P
   Decoder For Remote Controller With Five Functions
RCR02 UTC-RCR02_15 Datasheet
123Kb / 7P
   Decoder For Remote Controller With Five Functions
RCR2C UTC-RCR2C_15 Datasheet
215Kb / 8P
   Decoder For Remote Controller With Five Functions
RCT2E UTC-RCT2E Datasheet
119Kb / 6P
   ENCODER FOR REMOTE CONTROLLER WITH FIVE FUNCTIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com