Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA90-0001 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # SA90-0001
Description  Vector Modulator, 1.94 to 2.24 GHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SA90-0001 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  SA90-0001 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SA90-0001 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SA90-0001 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. SA90-0001 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. SA90-0001 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
4
Vector Modulator,
1.94 to 2.24 GHz
Rev. V6
SA90-0001
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Phase and Attenuation of SA90-0001 vs. Bias Current
9,10
Figure 2B
9. Tic marks on x,y axes refer to reflection coefficient in increments of 0.1. Reflection coefficients vary from -0.6 to +0.6 on both the x and y axes.
10.The phase with the inputs to both linearizers set to +15mA is arbitrarily called zero degrees.
Figure 2A
bias 1 = 0 µA
4 µA
9 µA
17 µA
33 µA
62 µA
112 µA
205 µA
690 µA
2.3 mA
6.7 mA
15 mA
bias 2 = 15 mA
6.7 mA
2.3 mA
690 µA
205 µA
112 µA
62 µA
33 µA
17 µA
9 µA
4 µA
0 µA
(y)
90°
45°
(x)
bias 1 = 0 µA
bias 2 = 0 µA
bias 1 = 15 mA
bias 2 = 0 µA
bias 1 = 15 mA
bias 2 = 15 mA
bias 1 = 0 µA
bias 2 = 15 mA
(y)
90°
45°
(x)
Reflection
coefficient = 0.5
Reflection
coefficient = 0.6


Similar Part No. - SA90-0001

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SA90-0001 MACOM-SA90-0001 Datasheet
365Kb / 5P
   Vector Modulator, 1.94 to 2.24 GHz
logo
M/A-COM Technology Solu...
SA90-0001 MA-COM-SA90-0001 Datasheet
161Kb / 7P
   PIN diode Vector Modulators - Fundamentals and Drive Requirements
logo
Tyco Electronics
SA90-0001-DC000 MACOM-SA90-0001-DC000 Datasheet
340Kb / 5P
   Dual Linear Driver for Vector Modulators
SA90-0001-DC000 MACOM-SA90-0001-DC000 Datasheet
365Kb / 5P
   Vector Modulator, 1.94 to 2.24 GHz
logo
M/A-COM Technology Solu...
SA90-0001-DC000 MA-COM-SA90-0001-DC000 Datasheet
136Kb / 7P
   Dual Linear Driver for Vector Modulators
More results

Similar Description - SA90-0001

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAIA-007150-000100 MA-COM-MAIA-007150-000100 Datasheet
179Kb / 5P
   Vector Modulator, 1.94 to 2.24 GHz
logo
Tyco Electronics
SA90-0001 MACOM-SA90-0001 Datasheet
365Kb / 5P
   Vector Modulator, 1.94 to 2.24 GHz
logo
M/A-COM Technology Solu...
MAIA-007143-000100 MA-COM-MAIA-007143-000100 Datasheet
183Kb / 6P
   Vector Modulator, 1.94 to 2.34 GHz
logo
Analog Devices
AD8341 AD-AD8341 Datasheet
556Kb / 20P
   1.5 GHz to 2.4 GHz RF Vector Modulator
REV. 0
logo
Merrimac Industries, In...
VMD-1Q-2.0G MERRIMAC-VMD-1Q-2.0G Datasheet
158Kb / 5P
   VECTOR MODULATOR
VM-MCM-1.9G MERRIMAC-VM-MCM-1.9G Datasheet
142Kb / 2P
   VECTOR MODULATOR
VMD-2Q-2.0G MERRIMAC-VMD-2Q-2.0G Datasheet
174Kb / 5P
   VECTOR MODULATOR
logo
Hittite Microwave Corpo...
HMC500LP3 HITTITE-HMC500LP3 Datasheet
364Kb / 8P
   GaAs HBT VECTOR MODULATOR 1.8 - 2.2 GHz
logo
M/A-COM Technology Solu...
MAIA-007100-000100 MA-COM-MAIA-007100-000100 Datasheet
141Kb / 5P
   Vector Modulator, 1.805 to 1.88 GHz (DCS) and 1.93 to 1.99 GHz (PCS)
logo
Analog Devices
HMC631LP3 AD-HMC631LP3 Datasheet
834Kb / 8P
   GaAs HBT VECTOR MODULATOR 1.8 - 2.7 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com