Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SW90-0003 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # SW90-0003
Description  GaAs SP4T Switch, Absorptive, Single Supply DC - 4.0 GHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SW90-0003 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  SW90-0003 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SW90-0003 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SW90-0003 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. SW90-0003 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. SW90-0003 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
GaAs SP4T Switch, Absorptive, Single Supply
DC - 4.0 GHz
Rev. V11
SW90-0003
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = 25°C
Parameter
Test Conditions
Frequency
Units
Min.
Typ.
Max.
Insertion Loss
RFC-RF1, 2, 3, 4
DC - 4.0 GHz
dB
2.3
Isolation
DC - 4.0 GHz
dB
38
VSWR
On (RFC, RF1-RF4)
Logic per Truth Table
Off (RF1-RF4)
Logic per Truth Table
DC - 4.0 GHz
DC - 4.0 GHz
Ratio
Ratio
2.0:1
2.0:1
1 dB Compression
50 MHz
0.5 - 4.0 GHz
dBm
dBm
+15
+27
Input IP3
Two-tone inputs up to +5 dBm
50 MHz
0.5-4.0 GHz
dBm
dBm
30
40
Ton (50% Control to 90% RF)
ns
35
Toff (50% Control to 10% RF)
ns
20
Trise (10% to 90% RF)
ns
12
Tfall (90% to 10% RF)
ns
2
Vcc
V
4.5
5.0
5.5
VIL
VIH
LOW-level input voltage
HIGH-level input voltage
V
V
0.0
2.0
0.8
5.0
lin (Input Leakage Current)
Vin = VCC or GND
uA
-1.0
1.0
Icc5,7
Vcc min to max, Logic “0” or “1”
mA
5
8
Turn-on Current6
For guaranteed start-up
mA
125
Switching Noise
Generated from
DC-DC Converter with
recommended capacitors
3.5 MHz
dBm
-93
Switching Speed
Thermal Resistance θjc
°C/W
15
ΔIcc
(Additional Supply Current
Per TTL Input Pin)
VCC = Max, Vcntrl = VCC - 2.1 V
mA
1.0
Icc8
(Quiescent Supply Current)
Vcntrl = VCC or GND
uA
250
400
5.
During turn-on, the device requires an initial start up current (Icc) specified as “Turn-on Current”. Once operational, Icc will drop to the speci-
fied levels. This is not applicable to dual supply operation.
6.
The DC-DC converter is guaranteed to start in 100 µs as long as the power supplies have the maximum turn-on current
available for start-up.
7.
For single supply operation
8.
For dual supply operation


Similar Part No. - SW90-0003

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW90-0003 MACOM-SW90-0003 Datasheet
240Kb / 3P
   GaAs SP4T Switch, Absorptive, Single Supply, DC - 4 GHz
SW90-0003-TB MACOM-SW90-0003-TB Datasheet
240Kb / 3P
   GaAs SP4T Switch, Absorptive, Single Supply, DC - 4 GHz
SW90-0003TR MACOM-SW90-0003TR Datasheet
240Kb / 3P
   GaAs SP4T Switch, Absorptive, Single Supply, DC - 4 GHz
More results

Similar Description - SW90-0003

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWCC0010 MACOM-MASWCC0010 Datasheet
238Kb / 5P
   GaAs SP4T Switch, Absorptive, Single Supply DC - 4.0 GHz
logo
M/A-COM Technology Solu...
MASWCC0010 MA-COM-MASWCC0010 Datasheet
152Kb / 5P
   GaAs SP4T Switch, Absorptive, Single Supply DC - 4.0 GHz
SW65-0440 MA-COM-SW65-0440 Datasheet
180Kb / 6P
   GaAs SP4T Switch, Absorptive, Single Supply DC - 3.0 GHz
logo
Tyco Electronics
SW90-0003 MACOM-SW90-0003 Datasheet
240Kb / 3P
   GaAs SP4T Switch, Absorptive, Single Supply, DC - 4 GHz
logo
M/A-COM Technology Solu...
MASWCC0009 MA-COM-MASWCC0009 Datasheet
181Kb / 6P
   GaAs SP4T Switch, Absorptive, Single Supply DC - 3.0 GHz
MASW-007071-000100 MA-COM-MASW-007071-000100_15 Datasheet
808Kb / 6P
   GaAs SPDT Switch, Absorptive Single Supply, DC-4.0 GHz
MASW-007071-000100 MA-COM-MASW-007071-000100 Datasheet
157Kb / 5P
   GaAs SPDT Switch, Absorptive, Single Supply, DC-4.0 GHz
logo
Tyco Electronics
SW90-0004A MACOM-SW90-0004A Datasheet
178Kb / 4P
   GaAs SP6T Switch, Absorptive, Single Supply DC - 4.0 GHz
MASW-007071-000100 MACOM-MASW-007071-000100 Datasheet
268Kb / 5P
   GaAs SPST Switch, Absorptive, Single Supply, DC-4.0 GHz
MASW-007070-000100 MACOM-MASW-007070-000100 Datasheet
266Kb / 5P
   GaAs SPST Switch, Absorptive, Single Supply, DC-4.0 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com