Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP6887 Datasheet(PDF) 1 Page - Exar Corporation

Part # SP6887
Description  4 CHANNEL REGULATED CHARGE PUMP WLED DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6887 Datasheet(HTML) 1 Page - Exar Corporation

  SP6887 Datasheet HTML 1Page - Exar Corporation SP6887 Datasheet HTML 2Page - Exar Corporation SP6887 Datasheet HTML 3Page - Exar Corporation SP6887 Datasheet HTML 4Page - Exar Corporation SP6887 Datasheet HTML 5Page - Exar Corporation SP6887 Datasheet HTML 6Page - Exar Corporation SP6887 Datasheet HTML 7Page - Exar Corporation SP6887 Datasheet HTML 8Page - Exar Corporation SP6887 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
S
SP
P6
68
88
87
7
4
4 C
CH
HA
AN
NN
NE
EL
L R
RE
EG
GU
UL
LA
AT
TE
ED
D C
CH
HA
AR
RG
GE
E P
PU
UM
MP
P W
WL
LE
ED
D D
DR
RIIV
VE
ER
R
Rev. C – 10/31/2007
SP6887 4 Channel WLED Driver
© 2007 Exar Corporation
1/10
FEATURES
Peak Efficiency: 90%
Individual Current Regulation
3-bit Digital Output Control
1x and 1.5x Modes of Operation
Current Matching with a Max Tolerance of 3%
Output Current up to 30mA per LED
Fixed Frequency of 1MHz
Open LED Protection
Pb-Free Thin QFN-16 3mmx3mm Package
APPLICATIONS
Cellular Phones
LED backlighting
LCD Modules
Handheld Devices
Digital Cameras
PDAs
MP3 Players
DESCRIPTION
The SP6887 is a 4-channel charge pump white LED driver, capable of driving up to 4 LEDs
connected in parallel. The device operates in either 1x mode or 1.5x fractional mode, and it
can switch from 1x mode to 1.5x mode automatically when the input voltage decreases. Its
internal 4 current sink regulators ensure both LED current matching and brightness
uniformity. The LED current can be programmed by an external resistor, RSET, connected
between the RSET pin and ground. LED currents of up to 30mA are supported by the input
supply voltage over a range of 2.7V to 5.5V, making the device optimized for Li-Ion battery
applications. The SP6887 has a fixed switching frequency of 1MHz, allowing the use of very
small value ceramic capacitors. The enable input pin allows the device to be placed in
shutdown mode while reducing current consumption to less than 1µA. LED dimming can be
done by several methods including using a DC voltage to set the RSET pin current, adding a
switched resistor in parallel with RSET or applying a PWM signal to CTRx pin or EN pin.
TYPICAL APPLICATION CIRCUIT


Similar Part No. - SP6887

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
SP688-C PANDUIT-SP688-C Datasheet
69Kb / 1P
   8-position, 8-wire modular plug.
More results

Similar Description - SP6887

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3604 CATALYST-CAT3604_08 Datasheet
411Kb / 12P
   4-Channel Regulated Charge Pump White LED Driver
logo
Power Analog Micoelectr...
PAM2701 PAM-PAM2701 Datasheet
387Kb / 14P
   4-Channel Regulated Charge Pump White LED Driver
logo
Catalyst Semiconductor
CAT3604 CATALYST-CAT3604 Datasheet
616Kb / 11P
   4-Channel Regulated Charge Pump White LED Driver
logo
ON Semiconductor
CAT3604AHV4-T2 ONSEMI-CAT3604AHV4-T2 Datasheet
229Kb / 11P
   4-Channel Regulated Charge Pump White LED Driver
November, 2010 ??Rev. 0
logo
Seaward Electronics Inc...
SE3362 SEAWARD-SE3362 Datasheet
329Kb / 8P
   4-Channel Regulated Charge Pump White LED Driver
logo
ON Semiconductor
CAT3604AHV4-T2 ONSEMI-CAT3604AHV4-T2 Datasheet
238Kb / 11P
   4-Channel Regulated Charge Pump White LED Driver
November, 2010 ??Rev. 0
CAT3604HV4-T2 ONSEMI-CAT3604HV4-T2 Datasheet
388Kb / 12P
   4-Channel Regulated Charge Pump White LED Driver
Doc. No. MD-5009 Rev. D
logo
Advanced Analogic Techn...
AAT3104 ANALOGICTECH-AAT3104 Datasheet
1Mb / 15P
   Low Cost 1x/2x 4 Channel Charge Pump WLED Driver
AAT3105 ANALOGICTECH-AAT3105 Datasheet
1Mb / 15P
   Low Cost 1x/2x 4 Channel Charge Pump WLED Driver
logo
Advanced Analog Technol...
AAT3195 AAT-AAT3195 Datasheet
1Mb / 16P
   4-Channel Charge-Pump LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com