Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP6137 Datasheet(PDF) 11 Page - Exar Corporation

Part # SP6137
Description  Wide Input, 900kHz Synchronous PWM Step Down Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6137 Datasheet(HTML) 11 Page - Exar Corporation

Back Button SP6137 Datasheet HTML 7Page - Exar Corporation SP6137 Datasheet HTML 8Page - Exar Corporation SP6137 Datasheet HTML 9Page - Exar Corporation SP6137 Datasheet HTML 10Page - Exar Corporation SP6137 Datasheet HTML 11Page - Exar Corporation SP6137 Datasheet HTML 12Page - Exar Corporation SP6137 Datasheet HTML 13Page - Exar Corporation SP6137 Datasheet HTML 14Page - Exar Corporation SP6137 Datasheet HTML 15Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
S
SP
P6
61
13
37
7
W
Wiid
de
e IIn
np
pu
utt,, 9
90
00
0k
kH
Hz
z S
Sy
yn
nc
ch
hrro
on
no
ou
us
s P
PW
WM
M S
Stte
ep
p D
Do
ow
wn
n
C
Co
on
nttrro
olllle
err
© 2008 Exar Corporation
11/15
Rev. 2.0.0
copper pad directly under the package,
without occupying additional board space, can
increase
the
maximum
power
from
approximately 1 to 1.2W. For DPAK package,
enlarging the tap mounting pad to 1 square
inches reduces the RΘJA from 96°C/W to
40°C/W.
LOOP COMPENSATION DESIGN
The open loop gain of the whole system can
be divided into the gain of the error amplifier,
PWM modulator, buck converter output stage,
and feedback resistor divider. In order to
crossover at the selected frequency FCO, the
gain of the error amplifier has to compensate
for the attenuation caused by the rest of the
loop at this frequency. The goal of loop
compensation is to manipulate loop frequency
response such that its gain crosses over 0db
at a slope of -20db/dec. The first step of
compensation design is to pick the loop
crossover frequency. High crossover frequency
is desirable for fast transient response, but
often
jeopardizes
the
system
stability.
Crossover frequency should be higher than the
ESR zero but less than 1/5 of the switching
frequency. The ESR zero is contributed by the
ESR associated with the output capacitors and
can be determined by:
SCHOTTKY DIODE SELECTION
When paralleled with the bottom MOSFET, an
optional Schottky diode can improve efficiency
and reduce noises. Without this Schottky
diode, the body diode of the bottom MOSFET
conducts the current during the non-overlap
time when both MOSFETs are turned off.
Unfortunately, the body diode has high
forward voltage and reverse recovery problem.
The reverse recovery of the body diode causes
additional switching noises when the diode
turns off. The Schottky diode alleviates these
noises and additionally improves efficiency
thanks to its low forward voltage. The reverse
voltage across the diode is equal to input
voltage, and the diode must be able to handle
the peak current equal to the maximum load
current.
()
ESR
OUT
ESR
Z
R
C
f
π
2
1
=
The next step is to calculated the complex
conjugate poles contributed by the LC output
filter,
The power dissipation of the Schottky diode is
determined by
()
LC
f
LC
P
π
2
1
=
S
NOL
OUT
F
Diode
F
T
I
V
P
2
=
where
When the output capacitors are of a Ceramic
Type, the SP6137CU Evaluation Board requires
a Type III compensation circuit to give a
phase boost of 180° in order to counteract the
effects of an under damped resonance of the
output filter at the double pole frequency.
TNOL = non-overlap time between GH and GL.
VF = forward voltage of the Schottky diode.


Similar Part No. - SP6137

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6137 SIPEX-SP6137 Datasheet
142Kb / 13P
   Wide Input, 900KHz Synchronous PWM Controller
SP6137EU SIPEX-SP6137EU Datasheet
142Kb / 13P
   Wide Input, 900KHz Synchronous PWM Controller
SP6137EU SIPEX-SP6137EU Datasheet
307Kb / 4P
   Evaluation Board Manual
SP6137EU/TR SIPEX-SP6137EU/TR Datasheet
142Kb / 13P
   Wide Input, 900KHz Synchronous PWM Controller
SP6137HCU SIPEX-SP6137HCU Datasheet
265Kb / 13P
   Dual Supply Synchronous Buck Controller
More results

Similar Description - SP6137

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6137 SIPEX-SP6137 Datasheet
142Kb / 13P
   Wide Input, 900KHz Synchronous PWM Controller
logo
Exar Corporation
SP6139 EXAR-SP6139 Datasheet
733Kb / 16P
   Wide Input, 1.3MHz Synchronous PWM Step Down Controller
logo
Intersil Corporation
ISL8117 INTERSIL-ISL8117 Datasheet
918Kb / 23P
   Synchronous Step-down PWM Controller
June 4, 2015
logo
Renesas Technology Corp
ISL8117 RENESAS-ISL8117 Datasheet
1Mb / 24P
   Synchronous Step-Down PWM Controller
logo
Exar Corporation
SP6123 EXAR-SP6123 Datasheet
155Kb / 18P
   Synchronous Step-Down PWM Controller
logo
Intersil Corporation
ISL8117A INTERSIL-ISL8117A Datasheet
915Kb / 23P
   Synchronous Step-Down PWM Controller
August 31, 2015
logo
Exar Corporation
SP6128A EXAR-SP6128A Datasheet
131Kb / 10P
   Synchronous Step Down PWM Controller
logo
Renesas Technology Corp
ISL8117A RENESAS-ISL8117A Datasheet
1Mb / 23P
   Synchronous Step-Down PWM Controller
logo
Texas Instruments
TPS53119 TI1-TPS53119 Datasheet
1Mb / 36P
[Old version datasheet]   Wide Input Voltage, Eco-Mode, Synchronous Step-Down Controller
logo
Exar Corporation
SP6134 EXAR-SP6134 Datasheet
776Kb / 15P
   600kHz Synchronous PWM Step Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com