Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP6134H Datasheet(PDF) 6 Page - Exar Corporation

Part # SP6134H
Description  High Voltage, 600kHz Synchronous PWM Step Down Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6134H Datasheet(HTML) 6 Page - Exar Corporation

Back Button SP6134H Datasheet HTML 2Page - Exar Corporation SP6134H Datasheet HTML 3Page - Exar Corporation SP6134H Datasheet HTML 4Page - Exar Corporation SP6134H Datasheet HTML 5Page - Exar Corporation SP6134H Datasheet HTML 6Page - Exar Corporation SP6134H Datasheet HTML 7Page - Exar Corporation SP6134H Datasheet HTML 8Page - Exar Corporation SP6134H Datasheet HTML 9Page - Exar Corporation SP6134H Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
S
SP
P6
61
13
34
4H
H
H
Hiig
gh
h V
Vo
olltta
ag
ge
e,, 6
60
00
0k
kH
Hz
z S
Sy
yn
nc
ch
hrro
on
no
ou
us
s P
PW
WM
M S
Stte
ep
p D
Do
ow
wn
n
C
Co
on
nttrro
olllle
err
© 2008 Exar Corporation
6/15
Rev. 2.0.0
THEORY OF OPERATION
GENERAL OVERVIEW
The SP6134H is a fixed frequency, voltage
mode, synchronous PWM controller optimized
for high efficiency. The part has been designed
to be especially attractive for split plane
applications utilizing 5V to power the controller
and 3V to 28V for step down conversion. The
heart of the SP6134H is a wide bandwidth
transconductance
amplifier
designed
to
accommodate
Type
II
and
Type
III
compensation schemes. A precision 0.8V
reference present on the positive terminal of
the error amplifier permits the programming
of the output voltage down to 0.8V via the VFB
pin. The output of the error amplifier, COMP,
compared to a 1.1V peak-to-peak ramp is
responsible for trailing edge PWM control. This
voltage ramp and PWM control logic are
governed by the internal oscillator that
accurately sets the PWM frequency to 300kHz.
The SP6134H contains two unique control
features that are very powerful in distributed
applications. First, Non-synchronous driver
control is enabled during start up to prohibit
the low side NFET from pulling down the
output until the high side NFET has attempted
to turn on. Second, a 100% duty cycle timeout
ensures that the low side NFET is periodically
enhanced during extended periods at 100%
duty cycle. This guarantees the synchronized
refreshing of the BST capacitor during very
large duty ratios. The SP6134H also contains a
number of valuable protection features. A
programmable input (VIN) UVLO allows a user
to set the exact value at which the conversion
voltage is at a safe point to begin down
conversion, and an internal VCC UVLO ensures
that the controller itself has enough voltage to
properly operate. Other protection features
include thermal shutdown and short-circuit
detection. In the event that either a thermal,
short-circuit, or UVLO fault is detected, the
SP6134H is forced into an idle state where the
output drivers are held off for a finite period
before a re-start is attempted.
SOFT START
“Soft Start” is achieved when a power
converter ramps up the output voltage while
controlling the magnitude of the input supply
source current. In a modern step down
converter, ramping up the positive terminal of
the error amplifier controls soft start. As a
result, excess source current can be defined as
the current required to charge the output
capacitor.
IVIN = COUT * DVOUT / DTSoft-start
The SP6134H provides the user with the
option to program the soft start rate by tying
a capacitor from the SS pin to GND. The
selection of this capacitor is based on the
10uA pull up current present at the SS pin and
the 0.8V reference voltage. Therefore, the
excess source can be redefined as:
IVIN = COUT * DVOUT *10μA / (CSS * 0.8V)
UNDER VOLTAGE LOCK OUT (UVLO)
The SP6134H contains two separate UVLO
comparators to monitor the bias (VCC) and
conversion (VIN) voltages independently. The
VCC UVLO threshold is internally set to 4.25V,
whereas
the
VIN
UVLO
threshold
is
programmable through the UVIN pin. When
the UVIN pin is greater than 2.5V, the
SP6134H is permitted to start up pending the
removal of all other faults. Both the VCC and
VIN UVLO comparators have been designed
with hysteresis to prevent noise from resetting
a fault.
THERMAL AND SHORT-CIRCUIT PROTECTION
Because the SP6134H is designed to drive
large NFETs running at high current, there is a
chance that either the controller or power
converter will become too hot. Therefore, an
internal thermal shutdown (145°C) has been
included to prevent the IC from malfunctioning
at extreme temperatures.
A short-circuit detection comparator has also
been included in the SP6134H to protect
against the accidental short or sever build up
of current at the output of the power
converter.
This
comparator
constantly


Similar Part No. - SP6134H

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6134H SIPEX-SP6134H Datasheet
141Kb / 14P
   High Voltage, 600 KHz Synchronous PWM Controller
SP6134HCU SIPEX-SP6134HCU Datasheet
141Kb / 14P
   High Voltage, 600 KHz Synchronous PWM Controller
SP6134HCU SIPEX-SP6134HCU Datasheet
141Kb / 14P
   Dual Supply Synchronous Buck Controller
SP6134HCU/TR SIPEX-SP6134HCU/TR Datasheet
141Kb / 14P
   High Voltage, 600 KHz Synchronous PWM Controller
SP6134HCU/TR SIPEX-SP6134HCU/TR Datasheet
141Kb / 14P
   Dual Supply Synchronous Buck Controller
More results

Similar Description - SP6134H

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP6134 EXAR-SP6134 Datasheet
776Kb / 15P
   600kHz Synchronous PWM Step Down Controller
logo
Sipex Corporation
SP6121CN-L SIPEX-SP6121CN-L Datasheet
1Mb / 42P
   Low Voltage, Synchronous Step Down PWM Controller
logo
Intersil Corporation
ISL8117 INTERSIL-ISL8117 Datasheet
918Kb / 23P
   Synchronous Step-down PWM Controller
June 4, 2015
logo
Renesas Technology Corp
ISL8117 RENESAS-ISL8117 Datasheet
1Mb / 24P
   Synchronous Step-Down PWM Controller
logo
Exar Corporation
SP6123 EXAR-SP6123 Datasheet
155Kb / 18P
   Synchronous Step-Down PWM Controller
logo
Intersil Corporation
ISL8117A INTERSIL-ISL8117A Datasheet
915Kb / 23P
   Synchronous Step-Down PWM Controller
August 31, 2015
logo
Exar Corporation
SP6128A EXAR-SP6128A Datasheet
131Kb / 10P
   Synchronous Step Down PWM Controller
logo
Renesas Technology Corp
ISL8117A RENESAS-ISL8117A Datasheet
1Mb / 23P
   Synchronous Step-Down PWM Controller
logo
Unisonic Technologies
UC3750 UTC-UC3750 Datasheet
211Kb / 9P
   600kHZ PWM/PFM STEP-DOWN DC-DC CONTROLLER
UC3750 UTC-UC3750_11 Datasheet
203Kb / 8P
   600kHZ PWM/PFM STEP-DOWN DC-DC CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com