Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP3070EMN-L Datasheet(PDF) 4 Page - Exar Corporation

Part # SP3070EMN-L
Description  짹15kV ESD-Protected, 3.3V, 1/8 Load, Failsafe RS-485/RS422 Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3070EMN-L Datasheet(HTML) 4 Page - Exar Corporation

  SP3070EMN-L Datasheet HTML 1Page - Exar Corporation SP3070EMN-L Datasheet HTML 2Page - Exar Corporation SP3070EMN-L Datasheet HTML 3Page - Exar Corporation SP3070EMN-L Datasheet HTML 4Page - Exar Corporation SP3070EMN-L Datasheet HTML 5Page - Exar Corporation SP3070EMN-L Datasheet HTML 6Page - Exar Corporation SP3070EMN-L Datasheet HTML 7Page - Exar Corporation SP3070EMN-L Datasheet HTML 8Page - Exar Corporation SP3070EMN-L Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com
SP3070E-SP3078E_100_061109
4
ElECTRICal CHaRaCTERISTICS
Unless otherwise noted V
CC = +3.3 ±0.3V, ambient temperature TMIN < TA < TMAX. Typical values are at VCC = 3.3,
ambient temperature T
A = +25ºC. The ♦ denotes the specifications which apply over the full operating range un-
less otherwise noted.
PARAMETERS
SYM
MIN TYP MAX UNITS ♦
CONDITIONS
Input Current (A and B)
Half Duplex
I
A,B
125
µA
DE = GND
V
CC = GND or 3.6
V
IN = +12V
-100
V
IN = -7V
Thermal-Shutdown Threshold
T
TS
165
ºC
Thermal Shutdown Hysteresis
T
TSH
15
ºC
RECEIVER
Receiver Differential Threshold
(Sensitivity)
V
TH
-200 -125 -50
mV
-7V≤V
CM ≤ 1 2 V
Receiver Input Hysteresis
∆ V
TH
15
mV
Va + Vb = 0V
RO Output High Voltage
V
OH
Vcc -
0.6
V
I
O = -1mA
RO Output Low Voltage
V
OL
0.4
V
I
O = 1mA
Tri-State Output Current at
Receiver
I
OZR
+/-1
µA
0≤V
O ≤ V CC
Receiver Input Resistance
R
IN
96
kΩ
-7V ≤V
CM ≤ 1 2 V
Receiver Output Short-Circuit
Current
I
OZR
±60
mA
0V ≤V
RO ≤ V CC
SUPPLY CURRENT
Supply Current
I
CC
0.8
1.5
mA
No Load, RE = 0, DE = V
CC
0.8
1.5
No Load, RE = V
CC , DE = VCC
0.8
1.5
No Load, RE = 0, DE = 0
Supply Current in Shutdown
mode
I
SHDN
0.05
3
µA
RE = V
CC , DE = GND
ESD PROTECTION
ESD Protection for Y, Z, A, and B
±15
kV
Human Body Model
±15
Air Gap (IEC 1000-4-2)
±8
Contact (IEC 1000-4-2)


Similar Part No. - SP3070EMN-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3070EMN SIPEX-SP3070EMN Datasheet
171Kb / 19P
   15kV ESD-Protected, 3.3V, 1/8 Load, Failsafe RS-485/RS422 Transceivers
SP3070EMN/TR SIPEX-SP3070EMN/TR Datasheet
171Kb / 19P
   15kV ESD-Protected, 3.3V, 1/8 Load, Failsafe RS-485/RS422 Transceivers
More results

Similar Description - SP3070EMN-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3070-3078E SIPEX-SP3070-3078E Datasheet
171Kb / 19P
   15kV ESD-Protected, 3.3V, 1/8 Load, Failsafe RS-485/RS422 Transceivers
SP3070-3078E SIPEX-SP3070-3078E_08 Datasheet
198Kb / 19P
   짹15kV ESD-Protected, 3.3V, 1/8 Load, Failsafe
logo
Exar Corporation
SP3080E EXAR-SP3080E Datasheet
1Mb / 25P
   Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
logo
Sipex Corporation
SP3080E-3088E SIPEX-SP3080E-3088E Datasheet
756Kb / 25P
   Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
logo
Intersil Corporation
ISL3330 INTERSIL-ISL3330 Datasheet
950Kb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol RS-232/RS-485 Transceivers
logo
Renesas Technology Corp
ISL3330 RENESAS-ISL3330 Datasheet
1Mb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
logo
Sipex Corporation
SP1486E SIPEX-SP1486E Datasheet
727Kb / 15P
   5V, 20Mbps PROFIBUS RS485/RS422 Transceivers Advanced Failsafe, 1/8th Unit Load, 짹15kV ESD-Protected
logo
Exar Corporation
SP1486E EXAR-SP1486E Datasheet
953Kb / 15P
   5V, 20Mbps PROFIBUS RS485/RS422 Transceivers Advanced Failsafe, 1/8th Unit Load, 짹15kV ESD-Protected
logo
Sipex Corporation
SP3080E SIPEX-SP3080E Datasheet
555Kb / 21P
   Advanced-Failsafe RS-485/RS-422 Transceiver 1/8th Unit Load, Slew-Limited, 짹15kV ESD-Protected
logo
Intersil Corporation
ISL81387 INTERSIL-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com