Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP3497EEN-L Datasheet(PDF) 5 Page - Exar Corporation

Part # SP3497EEN-L
Description  HIGH SPEED 3.3V RS-485/RS-422 TRANSCEIVERS WITH /-15KV ESD PROTECTION AND ADVANCED FAILSAFE
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3497EEN-L Datasheet(HTML) 5 Page - Exar Corporation

  SP3497EEN-L Datasheet HTML 1Page - Exar Corporation SP3497EEN-L Datasheet HTML 2Page - Exar Corporation SP3497EEN-L Datasheet HTML 3Page - Exar Corporation SP3497EEN-L Datasheet HTML 4Page - Exar Corporation SP3497EEN-L Datasheet HTML 5Page - Exar Corporation SP3497EEN-L Datasheet HTML 6Page - Exar Corporation SP3497EEN-L Datasheet HTML 7Page - Exar Corporation SP3497EEN-L Datasheet HTML 8Page - Exar Corporation SP3497EEN-L Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
SP3495E-3497E
5
REV. 1.0.0
HIGH SPEED +3.3V RS-485/RS-422 TRANSCEIVERS WITH +/-15KV ESD PROTECTION AND ADVANCED FAILSAFE
VIH
Logic Input Thresholds (DI, DE, RE)
2.0
V
Logic Input High
VIL
0.8
V
Logic Input Low
VHYS
Driver Input Hysteresis
100
mV
TA = 25°C
IIN
Logic Input Current (DI, DE and RE)10
uA
IN = 0V
-10
uA
IN = Vcc
Driver AC Characteristics
freq
Data Signaling Rate
32
Mbps
1/tUI, Duty Cycle 40 to 60%
tPLH
Driver Propagation Delay (low to
High)
511
24
ns
CL = 50pF, RL = 54Ω,
freq = 8MHz, Figures 6 and 7
tPHL
Driver Propagation Delay (High to
Low)
511
24
ns
CL = 50pF, RL = 54Ω,
freq = 8MHz, Figures 6 and 7
tR
Driver Rise Time
2.5
4.5
10
ns
CL = 50pF, RL = 54Ω,
freq = 8MHz, Figures 6 and 7
tF
Driver Fall time
2.5
4.5
10
ns
CL = 50pF, RL = 54Ω,
freq = 8MHz, Figures 6 and 7
|t
PLH-tPHL|
Differential Pulse Skew
3
ns
Figures 6 and 7
tOZH
Driver Enable to Output High
50
ns
CL = 50pF, RL = 500Ω, Figures
8 and 9
tOZL
Driver Enable to Outut Low
50
ns
CL = 50pF, RL = 500Ω, Figures
10 and 11
tOHZ
Driver Disable from Output High
50
ns
CL = 50pF, RL = 500Ω, Figures
8 and 9
tOLZ
Driver Disable from Output Low
50
ns
CL = 50pF, RL = 500Ω, Figures
10 and 11
tOZV
Shutdown to Driver Output Valid
6
us
CL = 50pF, RL = 500Ω
tSHDN
Time to Shutdown
50
600
ns
Note 2 and 3
RECEIVER DC CHARACTERISTICS
IIN
Input Current (A, B pins)
-290
500
uA
DE = 0, Vcc = 0 or 3.3V
VA or VB = 12V, other input 0V
VA or VB = -7V, other input 0V
VIH
Receiver Differential Thresholds
(VA - VB)
-85
-40
mV
-7V
V
CM 12V, rising
VIL
-200
-125
mV
-7V
V
CM 12V, falling
Receiver Input Hysteresis
25
mV
VCM = 0V
VOH
Receiver Output Voltage High
2.4
V
IOUT = -8mA, VID = 200mV
VOL
Receiver Output Voltage Low
0.4
V
IOUT = 8mA, VID = -200mV
UNLESS OTHERWISE NOTED: VCC = +3.0V TO +3.6V WITH TA FROM -40
OC TO +85OC. TYPICAL VALUES ARE AT
VCC = +3.3V AND 25
OC.
SYMBOL
PARAMETERS
MIN.TYP.
MAX.UNITS
CONDITIONS


Similar Part No. - SP3497EEN-L

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP3497EENL EXAR-SP3497EENL Datasheet
158Kb / 1P
   Flammability rating of UL 94?륷0
More results

Similar Description - SP3497EEN-L

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR33193 EXAR-XR33193 Datasheet
420Kb / 12P
   3.3V, 20Mbps, TSOT23 RS-485/RS-422 Transmitters with 15kV ESD Protection
XR3160EIU-0A-EB EXAR-XR3160EIU-0A-EB Datasheet
365Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH 15KV ESD PROTECTION
XR5486E EXAR-XR5486E Datasheet
933Kb / 23P
   ULTRA HIGH SPEED RS-485/RS-422 PROFIBUS TRANSCEIVERS WITH 1/8TH UNIT LOAD AND 15KV ESD-PROTECTION
logo
Maxim Integrated Produc...
MAX3070E MAXIM-MAX3070E_14 Datasheet
723Kb / 24P
   3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
MAX3076EASD-T MAXIM-MAX3076EASD-T Datasheet
1Mb / 24P
   3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
MAX3535E MAXIM-MAX3535E_14 Datasheet
645Kb / 26P
   3V to 5V, 2500VRMS Isolated RS-485/RS-422 Transceivers with ±15kV ESD Protection
Rev 0; 4/04
logo
Sipex Corporation
SP3070-3078E SIPEX-SP3070-3078E Datasheet
171Kb / 19P
   15kV ESD-Protected, 3.3V, 1/8 Load, Failsafe RS-485/RS422 Transceivers
logo
Maxim Integrated Produc...
MAX1480E MAXIM-MAX1480E Datasheet
1Mb / 19P
   15kV ESD-Protected, Isolated RS-485/RS-422
Rev 0; 4/01
MAX3480EA MAXIM-MAX3480EA Datasheet
280Kb / 16P
   -15kV ESD-Protected, Isolated, 3.3V RS-485/RS-422 Data Interfaces
Rev 0; 4/01
MAX14783E MAXIM-MAX14783E_15 Datasheet
1,018Kb / 18P
   High-Speed 3.3V/5V RS-485/RS-422 Transceiver with ±35kV HBM ESD Protection
Rev 1; 1/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com