Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP6125EK1-L Datasheet(PDF) 10 Page - Exar Corporation

Part # SP6125EK1-L
Description  High-Voltage, Step Down Controller in TSOT6
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6125EK1-L Datasheet(HTML) 10 Page - Exar Corporation

Back Button SP6125EK1-L Datasheet HTML 4Page - Exar Corporation SP6125EK1-L Datasheet HTML 5Page - Exar Corporation SP6125EK1-L Datasheet HTML 6Page - Exar Corporation SP6125EK1-L Datasheet HTML 7Page - Exar Corporation SP6125EK1-L Datasheet HTML 8Page - Exar Corporation SP6125EK1-L Datasheet HTML 9Page - Exar Corporation SP6125EK1-L Datasheet HTML 10Page - Exar Corporation SP6125EK1-L Datasheet HTML 11Page - Exar Corporation SP6125EK1-L Datasheet HTML 12Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Jan28-08 RevG
SP6125: TSOT-6 PFET Buck Controller
 2007 Exar Corporation
10
Figure 6- Step load 1.2-2.8A,
ch1: VIN; ch2: VOUT; ch3: IOUT
Figure 7- Startup no load,
ch1: VIN; ch2: VOUT, ch3: IOUT
Figure 8- Start up 3A,
ch1: VIN; ch2: VOUT; ch3: IOUT
Figure 9- Output ripple at 0A is 12mV,
ch1: VIN; ch2: VOUT; ch3: IOUT
Figure 10- Output ripple at 3A is 32mV,
ch1: VIN; ch2: VOUT; ch3: IOUT
TYPICAL PERFORMANCE CHARACTERISTICS


Similar Part No. - SP6125EK1-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6125EK1L SIPEX-SP6125EK1L Datasheet
524Kb / 12P
   High-Voltage, Step Down Controller in TSOT6
SP6125EK1L/TR1 SIPEX-SP6125EK1L/TR1 Datasheet
524Kb / 12P
   High-Voltage, Step Down Controller in TSOT6
More results

Similar Description - SP6125EK1-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6127 SIPEX-SP6127 Datasheet
565Kb / 12P
   High-Voltage, Step-Down Controller in TSOT6
logo
Exar Corporation
SP6126 EXAR-SP6126 Datasheet
1Mb / 14P
   High-Voltage, Step Down Controller in TSOT6
logo
Sipex Corporation
SP6126 SIPEX-SP6126 Datasheet
464Kb / 14P
   High-Voltage, Step Down Controller in TSOT6
logo
Exar Corporation
SP6127 EXAR-SP6127 Datasheet
339Kb / 12P
   High-Voltage, Step-Down Controller in TSOT6
logo
Sipex Corporation
SP6125 SIPEX-SP6125 Datasheet
524Kb / 12P
   High-Voltage, Step Down Controller in TSOT6
SP6126 SIPEX-SP6126_07 Datasheet
464Kb / 14P
   High-Voltage, Step Down Controller in TSOT6
logo
Skyworks Solutions Inc.
AAT1185 SKYWORKS-AAT1185 Datasheet
3Mb / 16P
   High Voltage Step-Down Controller
logo
Maxim Integrated Produc...
MAX1744 MAXIM-MAX1744 Datasheet
256Kb / 14P
   High-Voltage, Step-Down DC-DC Controller in uMAX
Rev 1; 10/01
logo
Linear Technology
RH3845MK LINER-RH3845MK_15 Datasheet
103Kb / 6P
   High Voltage Synchronous Step-Down Controller
LT3800 LINER-LT3800_15 Datasheet
264Kb / 24P
   High-Voltage Synchronous Current Mode Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com