Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP4446 Datasheet(PDF) 10 Page - Exar Corporation

Part # SP4446
Description  High Output Voltage Boost Regulator LCD Bias Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP4446 Datasheet(HTML) 10 Page - Exar Corporation

Back Button SP4446 Datasheet HTML 2Page - Exar Corporation SP4446 Datasheet HTML 3Page - Exar Corporation SP4446 Datasheet HTML 4Page - Exar Corporation SP4446 Datasheet HTML 5Page - Exar Corporation SP4446 Datasheet HTML 6Page - Exar Corporation SP4446 Datasheet HTML 7Page - Exar Corporation SP4446 Datasheet HTML 8Page - Exar Corporation SP4446 Datasheet HTML 9Page - Exar Corporation SP4446 Datasheet HTML 10Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
Mar28-08
SP4446 High Output Voltage Boost Regulator, LCD Bias Regulator
© 2008 Exar Corporation
Exar Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
Exar Corporation
Headquarters and
Sales Office
248720 Kato Rd,33 South Hillview Drive
M Fremont, CA 94538
TEL: (510) 668-7000
FAX: (510) 668-7001
ORDERING INFORMATION
Part Number
Operating Temperature Range
Package Type
SP4446EK-L .................................................. -40°C to +85°C ...................................Lead Free 5 Pin SOT-23
SP4446EK-L/TR ............................................ -40°C to +85°C ...................................Lead Free 5 Pin SOT-23
-G: “Green”/Halogen free package. Substitute “-L” by “-G” in the ordering part number.
/TR = Tape and Reel
Pack quantity is 2,500 for SOT-23.


Similar Part No. - SP4446

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP4446 SIPEX-SP4446 Datasheet
169Kb / 10P
   High Output Voltage Boost Regulator LCD Bias Regulator
SP4446 SIPEX-SP4446 Datasheet
149Kb / 10P
   High Output Voltage Boost Regulator LCD Bias Regulator
SP4446EB SIPEX-SP4446EB Datasheet
104Kb / 4P
   Evaluation Board Manual
SP4446EK SIPEX-SP4446EK Datasheet
169Kb / 10P
   High Output Voltage Boost Regulator LCD Bias Regulator
SP4446EK SIPEX-SP4446EK Datasheet
104Kb / 4P
   Evaluation Board Manual
More results

Similar Description - SP4446

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP4446 SIPEX-SP4446_06 Datasheet
149Kb / 10P
   High Output Voltage Boost Regulator LCD Bias Regulator
SP4446 SIPEX-SP4446 Datasheet
169Kb / 10P
   High Output Voltage Boost Regulator LCD Bias Regulator
logo
Micro Linear Corporatio...
ML4761 MICRO-LINEAR-ML4761 Datasheet
200Kb / 8P
   Adjustable Output Low Voltage Boost Regulator
logo
Microsemi Corporation
LX1745 MICROSEMI-LX1745_06 Datasheet
401Kb / 16P
   Triple Output Boost ??LED Driver / LCD Bias
logo
Fairchild Semiconductor
ML4865 FAIRCHILD-ML4865 Datasheet
126Kb / 10P
   High Voltage High Current Boost Regulator
logo
Microsemi Corporation
LX1744 MICROSEMI-LX1744 Datasheet
571Kb / 16P
   Dual Output Boost - LED Driver / LCD Bias
LX1745 MICROSEMI-LX1745 Datasheet
439Kb / 16P
   Triple Output Boost - LED Driver / LCD Bias
logo
Micro Linear Corporatio...
ML4865 MICRO-LINEAR-ML4865 Datasheet
234Kb / 10P
   High Voltage High Current Boost Regulator
logo
Aimtron Technology
AT1380A AIMTRON-AT1380A Datasheet
332Kb / 12P
   Switching Regulator Controller for LCD Bias
logo
Micro Linear Corporatio...
ML4861 MICRO-LINEAR-ML4861 Datasheet
218Kb / 11P
   Low Voltage Boost Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com