Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

70HFR160 Datasheet(PDF) 1 Page - Naina Semiconductor ltd.

Part # 70HFR160
Description  SILICON POWER DIODE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

70HFR160 Datasheet(HTML) 1 Page - Naina Semiconductor ltd.

  70HFR160 Datasheet HTML 1Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DO-5
FEATURES
• Diffused Series
• Available in Normal & Reverse Polarity
• Industrial Grade
• Available In Avalanche Characteristic
* Available in metric and UNF thread
ELECTRICALSPECIFICATIONS
IF
Maximum Average Forward
70A
Current T=1250C
VFM
Maximum peak forward
1.2V
voltage drop @ Rated IF(AV)
I
FSM
Maximum peak one cycle
1000 A
(non-rep) surge current 10 m sec
I
FRM
Maximum peak repetitive surge current
350 A
I2t
Maximum I2t rating (non-rep.) for 5 to 10
5000
msec.
A2 Sec
70HF/70HFR
SILICON POWER DIODE
THERMALMECHANICAL SPECIFICATIONS
θθθθθJC
Maximum thermal resistance Junction to case
0.450C/W
Tj
Operating Junction Temp.
-550C to 1800C
Tstg
Storage temperature
-650C to 2000C
Mounting torque
0.4 M-kg min,
(Non-lubricated threads)
0.6 M-kg max
W
Approx, weight
13.5 & 30 gms.
ELECTRICAL RATINGS
TYPE
70HF/HFR
10
20
40
60
80
100
120
140
160
VRRM
Max. repetitive peak reverse
100
200
400
600
800
1000
1200
1400 1600
voltage (v)
VR(RMS)
Max rms voltage(v)
70
140
280
420
560
700
840
980 1120
VR
Max. D.C. Blocking Voltage (V)
100
200
400
600
800
1000
1200
1400 1600
Recommended R.M.S. working
40
80
160
240
320
400
480
560
640
Voltage(v)
IR(AV)
Max. Average reverse leakage
200
200
200
200
200
200
200
200
200
current @ VRRM Tc 250C uA
NAINA SEMICONDUCTOR LTD.,
D-95,SECTOR 63 NOIDA(INDIA)
e-mail:sales@nainasemi.com , web site :www.nainasemi.com
NAINA
A
A
POLARITY
POLARITY
Normal
Normal
Reverse
Reverse
Ø 4.0
7
27
12
M8 x 1.25
16
Ø 8.0
32
12
11.5
M 8 x 1.25
17 A/F
17 A/F
11.5
C
C
C
C
A
A


Similar Part No. - 70HFR160

ManufacturerPart #DatasheetDescription
logo
International Rectifier
70HFR160 IRF-70HFR160 Datasheet
204Kb / 8P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
70HFR160 VISHAY-70HFR160 Datasheet
174Kb / 7P
   Standard Recovery Diodes (Stud Version), 70 A
Revision: 20-Jun-08
logo
International Rectifier
70HFR160M IRF-70HFR160M Datasheet
204Kb / 8P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
70HFR160M VISHAY-70HFR160M Datasheet
174Kb / 7P
   Standard Recovery Diodes (Stud Version), 70 A
Revision: 20-Jun-08
logo
International Rectifier
70HFR160M IRF-70HFR160M Datasheet
106Kb / 7P
   STANDARD RECOVERY DIODES
More results

Similar Description - 70HFR160

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSM70 POWERSEM-PSM70 Datasheet
79Kb / 1P
   Silicon Power Diode
PSM16 POWERSEM-PSM16 Datasheet
69Kb / 1P
   Silicon Power Diode
logo
Naina Semiconductor ltd...
150NS NAINA-150NS Datasheet
115Kb / 1P
   SILICON POWER DIODE
85HF NAINA-85HF Datasheet
78Kb / 1P
   SILICON POWER DIODE
25F NAINA-25F Datasheet
77Kb / 1P
   SILICON POWER DIODE
logo
Powersem GmbH
PSM250 POWERSEM-PSM250 Datasheet
79Kb / 1P
   Silicon Power Diode
logo
Naina Semiconductor ltd...
150U NAINA-150U Datasheet
87Kb / 1P
   SILICON POWER DIODE
logo
Meder Electronic
PSMPSMR70 MEDER-PSMPSMR70 Datasheet
146Kb / 1P
   Silicon Power Diode
logo
Powersem GmbH
PSM300 POWERSEM-PSM300 Datasheet
79Kb / 1P
   Silicon Power Diode
PSM320 POWERSEM-PSM320 Datasheet
82Kb / 1P
   Silicon Power Diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com