Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP320 Datasheet(PDF) 5 Page - Exar Corporation

Part # SP320
Description  Complete 5V-Only V.35 Interface with RS-232 (V.28) Control Lines
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP320 Datasheet(HTML) 5 Page - Exar Corporation

  SP320 Datasheet HTML 1Page - Exar Corporation SP320 Datasheet HTML 2Page - Exar Corporation SP320 Datasheet HTML 3Page - Exar Corporation SP320 Datasheet HTML 4Page - Exar Corporation SP320 Datasheet HTML 5Page - Exar Corporation SP320 Datasheet HTML 6Page - Exar Corporation SP320 Datasheet HTML 7Page - Exar Corporation SP320 Datasheet HTML 8Page - Exar Corporation SP320 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (50) 668-707 • www.exar.com
SP320_00_092208
phase 4
-Vdd transfer- The fourth phase of the clock
connects the negative terminal of C2 to
ground and transfers the generated +0V
across C2 to C4, the Vdd storage capacitor.
Again, simultaneously with this, the positive
side of capacitor C is switched to +5V and
the negative side is connected to ground,
and the cycle begins again.
Since both V+ and V- are separately gener-
ated from Vcc in a no load condition, V+and
V- will be symmetrical. Older charge pump
approaches that generate V- from V+ will
show a decrease in the magnitude ofV-com-
pared to V+ due to the inherent inefficiencies
in the design.
The clock rate for the charge pump typically
operates at 5kHz. The external capaci-
tors must be 0.µF with a 6V breakdown
rating.
shutdown Mode
The SP320 can be put into a low power
shutdown mode by bringing both TS000 (pin
3)andENV35(pin9)low.Inshutdownmode,
the SP320 will draw less than 2mAof supply
current. For normal operation, both pins
should be connected to +5V.
external power supplies
For applications that do not require +5V only,
external supplies can be applied at the V+
and V- pins. The value of the external supply
voltages must be no greater than ±0V.
The current drain from the ±0V sup-
plies is used for the RS-232 drivers.
For the RS-232 driver the current re-
quirement will be 3.5mA per driver.
It is critical the external power supplies
provide a power supply sequence of : +0V,
+5V, and then -0V.
Applications information
TheSP320isasinglechipdevicethatcanim-
plement a complete V.35 interface.Three (3)
V.35 drivers and three (3) V.35 receivers are
used for clock and data signals and four (4)
RS-232 (V.28) drivers and four (4) RS-232
(V.28) receivers can be used for the control
signals of the interface. The following ex-
amples show the SP320 configured in either
a DTE or DCE application.
+0V
a) C
2
+
GND
GND
b) C
2
–0V
Figure . Charge Pump Waveforms
capacitors, but uses a four-phase voltage
shiftingtechniquetoattainsymmetrical±0V
powersupplies.Thecapacitorscanbeaslow
as 0.µF with a 6 Volt rating. Polarized or
non-polarized capacitors can be used.
Figure (a) shows the waveform found on
the positive side of capacitor C2, and Figure
(b)showsthenegativesideofcapacitorC2.
Thereisafree-runningoscillatorthatcontrols
the four phases of the voltage shifting. A
description of each phase follows.
phase 1
-Vss charge storage- During this phase of
theclockcycle,thepositivesideofcapactors
C and C2 are initially charged to +5V. C+
is then switched to ground and the charge in
C- is transferred to C2-. Since C2+ is con-
nected to +5V, the voltage potential across
capacitor C2 is now 0V.
phase 2
-Vss transfer- Phase two of the clock con-
nects the negative terminal of C2 to the Vss
storage capacitor and the positive terminal
of C2 to ground, and transfers the generated
-0V to C3. Simultaneously, the positive side
of capacitor C is switched to +5V and the
negative side is connected to ground.
phase 3
-Vdd charge storage- The third phase of
the clock is identical to the first phase- the
transferred charge in C produces -5V in
the negative terminal of C, which is applied
to the negative side of capacitor C2. Since
C2+ is at +5V, the voltage potential across
C2 is +0V.


Similar Part No. - SP320

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP320 SIPEX-SP320 Datasheet
220Kb / 12P
   Complete 5V-Only V.35 Interface with RS-232 V.28 Control Lines
SP320 SIPEX-SP320 Datasheet
647Kb / 12P
   Complete 5V-Only V.35 Interface with RS-232 (V.28) Control Lines
logo
Astrodyne Corporation
SP320 ASTRODYNE-SP320 Datasheet
324Kb / 4P
   320W Single Output with PFC Function
SP320-12 ASTRODYNE-SP320-12 Datasheet
324Kb / 4P
   320W Single Output with PFC Function
SP320-13.5 ASTRODYNE-SP320-13.5 Datasheet
324Kb / 4P
   320W Single Output with PFC Function
More results

Similar Description - SP320

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP320 SIPEX-SP320_07 Datasheet
225Kb / 12P
   Complete 5V-Only V.35 Interface with RS-232 (V.28) Control Lines
SP320 SIPEX-SP320 Datasheet
647Kb / 12P
   Complete 5V-Only V.35 Interface with RS-232 (V.28) Control Lines
SP320 SIPEX-SP320 Datasheet
220Kb / 12P
   Complete 5V-Only V.35 Interface with RS-232 V.28 Control Lines
SP319 SIPEX-SP319 Datasheet
222Kb / 14P
   20Mbps, 5V-Only V.35 Interface with RS-232 V.28 Control Lines
SP333 SIPEX-SP333 Datasheet
175Kb / 13P
   5V Only RS-232/AppleTalk Programmable Transceiver
SP333 SIPEX-SP333_07 Datasheet
113Kb / 13P
   5V Only RS-232/AppleTalk??Programmable Transceiver
logo
List of Unclassifed Man...
HWD232 ETC1-HWD232 Datasheet
300Kb / 4P
   5V RS-232
logo
LANSDALE Semiconductor ...
ML145403 LANSDALE-ML145403 Datasheet
916Kb / 8P
   Drivers/Receivers RS 232/EIA-232-E and CCITT V.28
logo
Maxim Integrated Produc...
MAX2511 MAXIM-MAX2511 Datasheet
263Kb / 8P
   Complete, 5V-Powered, Isolated, Dual RS-232 Transceiver Module
19-2370; Rev 2; 10/91
logo
LANSDALE Semiconductor ...
ML145583 LANSDALE-ML145583 Datasheet
527Kb / 7P
   3.3 Volt Only Driver/Receiver with an Integrated Standby Mode RS 232/EIA-232-E and CCITT V.28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com