Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INK0002AX Datasheet(PDF) 3 Page - Isahaya Electronics Corporation

Part # INK0002AX
Description   High speed switching Silicon N-channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

INK0002AX Datasheet(HTML) 3 Page - Isahaya Electronics Corporation

  INK0002AX Datasheet HTML 1Page - Isahaya Electronics Corporation INK0002AX Datasheet HTML 2Page - Isahaya Electronics Corporation INK0002AX Datasheet HTML 3Page - Isahaya Electronics Corporation INK0002AX Datasheet HTML 4Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TYPICAL CHARACTERISTICS
ISAHAYA ELECTRONICS CORPORATION
ID -VDS
0
20
40
60
80
100
02
4
6
8
10
Drain-Source voltage VDS (V)
Ta=25℃
VGS=1.0V
1.1V
1.2V
1.3V
1.4V
1.5V
1.6V
ID -VDS(Low voltage region)
0
0.2
0.4
0.6
0.8
1
0
0.1
0.2
0.3
0.4
0.5
Drain-Source voltage VDS (V)
Ta=25℃
VGS=0.8V
0.85V
0.9V
0.95V
1.0V
IDR -VDS
1
10
100
-0
-0.5
-1
-1.5
-2
Drain-Source voltage VDS (V)
Ta=25℃
VGS=0V
C - VDS
1
10
100
0.1
1
10
100
Drain-Source voltage VDS (V)
Ta=25℃
VGS=0V
Ciss
Coss
VDS(ON) -ID
1
10
100
1000
110
100
Drain current ID (mA)
Ta=25℃
VGS=4V
ID -VGS
1
10
100
1000
012
345
Gate-Source voltage VGS (V)
Ta=25℃
VDS=10V
|Yfs| - ID
1
10
100
1000
1
10
100
1000
Drain current ID (mA)
Ta=25℃
VDS=10V
t - ID
1
10
100
1000
10000
0.1
1
10
100
Drain current ID (mA)
tf
toff
Ta=25℃
ton
tr


Similar Part No. - INK0002AX

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
INK0002AX ISAHAYA-INK0002AX Datasheet
136Kb / 4P
   Silicon N-channel MOSFET
More results

Similar Description - INK0002AX

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
INK0010AX ISAHAYA-INK0010AX Datasheet
138Kb / 4P
   High speed switching Silicon N-channel MOSFET
INK0012AX ISAHAYA-INK0012AX Datasheet
139Kb / 4P
   High speed switching Silicon N-channel MOSFET
INK021ABS1 ISAHAYA-INK021ABS1 Datasheet
146Kb / 5P
   High Speed Switching Silicon N-channel MOSFET
logo
Guangdong Kexin Industr...
KW306 KEXIN-KW306 Datasheet
52Kb / 2P
   N-Channel Silicon MOSFET High Speed Switching
logo
Isahaya Electronics Cor...
INK0001AX ISAHAYA-INK0001AX_08 Datasheet
138Kb / 4P
   High speed switching Silicon N-channel MOSFET
INK0003AX ISAHAYA-INK0003AX_08 Datasheet
138Kb / 4P
   High speed switching Silicon N-channel MOSFET
logo
Hitachi Semiconductor
2SK294 HITACHI-2SK294 Datasheet
47Kb / 1P
   SILICON N CHANNEL MOSFET HIGH SPEED POWER SWITCHING
logo
Renesas Technology Corp
RJK6022DJE RENESAS-RJK6022DJE Datasheet
102Kb / 7P
   Silicon N Channel MOSFET High Speed Power Switching
H7N1004DL RENESAS-H7N1004DL Datasheet
121Kb / 9P
   Silicon N-Channel MOSFET High-Speed Power Switching
RJK6026DPP RENESAS-RJK6026DPP Datasheet
105Kb / 7P
   Silicon N Channel MOSFET High Speed Power Switching
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com