Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

804-004-00C6-1SA Datasheet(PDF) 4 Page - Glenair, Inc.

Part # 804-004-00C6-1SA
Description  Crimp Termination
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

804-004-00C6-1SA Datasheet(HTML) 4 Page - Glenair, Inc.

  804-004-00C6-1SA Datasheet HTML 1Page - Glenair, Inc. 804-004-00C6-1SA Datasheet HTML 2Page - Glenair, Inc. 804-004-00C6-1SA Datasheet HTML 3Page - Glenair, Inc. 804-004-00C6-1SA Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© 2007 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
G-9
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
H
J
K
L
M
Series 804 “Mighty Mouse”
Push-Pull Quick-Disconnect
Series 804 Receptacles – In-Line
DIMENSIoNS
Shell
Shell
Size
Size
Ø A
Ø A
B Threads
B Threads
Ø C
Ø C
In.
In.
mm.
mm.
In.
In.
mm.
mm.
5
.450 11.43 .2500-32 UNEF-2A
.246
6.25
6
.520 13.21 .3125-32 UNEF-2A
.286
7.26
7
.580 14.73 .4375-28 UNEF-2A
.390
9.91
8
.603 15.32 .5000-28 UNEF-2A
.442 11.23
9
.695 17.65 .5625-24 UNEF-2A
.500 12.70
10
.735 18.67 .6250-24 UNEF-2A
.564 14.33
12
.880 22.35 .6875-24 UNEF-2A
.650 16.51
14
1.010 25.65 .9375-20 UNEF-2A
.805 20.45
15
1.060 26.92 .9375-20 UNEF-2A
.850 21.59
ALTERNATE KEY PoSITIoNS
Pos.
Pos. `A°
`A°
A
150° 210°
b
75°
210°
C
95°
230°
d
140° 275°
Rev. 19-AUG-2008
KEYWAY
REd STRIPE
.800 (20.3)
2X .25 (6.4)
Integral Band Platform
Integral Band Platform
804-003-01
Accessory Thread
Accessory Thread
804-004-01
1.160 (29.5)
1.160 (29.5)
ØC
GROMMET
.000 .120
(0.00 3.05)
MEdIUM MALE
dIAMONd KNURL
MEdIUM RAISEd
dIAMONd KNURL
ØA
b THREAd


Similar Part No. - 804-004-00C6-1SA

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
804-004-00 GLENAIR-804-004-00 Datasheet
232Kb / 1P
   Receptacle Connector
More results

Similar Description - 804-004-00C6-1SA

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
790-024PC-13MN GLENAIR-790-024PC-13MN Datasheet
745Kb / 3P
   Cable Connectors, Crimp Termination
790-025SH-5P5EMN GLENAIR-790-025SH-5P5EMN Datasheet
895Kb / 3P
   Cable Connectors, Crimp Termination
790-027SH-66MEN GLENAIR-790-027SH-66MEN Datasheet
948Kb / 5P
   Panel Mount Connectors, Crimp Termination
790-026PL-6P6MN GLENAIR-790-026PL-6P6MN Datasheet
865Kb / 5P
   Panel Mount Connectors, Crimp Termination
logo
HARTING Technology Grou...
09-10-012-3106 HARTING-09-10-012-3106 Datasheet
494Kb / 3P
   Han 1A-12-c-f Crimp termination
09-10-012-3006 HARTING-09-10-012-3006 Datasheet
488Kb / 3P
   Han 1A-12-c-m Crimp termination
09-10-008-3106 HARTING-09-10-008-3106 Datasheet
507Kb / 3P
   Han 1A-M12-f X-coded Crimp termination
logo
List of Unclassifed Man...
KPT06J14-18P ETC2-KPT06J14-18P Datasheet
326Kb / 31P
   High performance, Crimp termination, Closed entry socket contacts
logo
HARTING Technology Grou...
09-10-012-3101 HARTING-09-10-012-3101 Datasheet
494Kb / 3P
   Han 1A-12-c-f latch Crimp termination
09-10-005-3106 HARTING-09-10-005-3106 Datasheet
511Kb / 3P
   Han 1A-5PE-c-f Crimp termination
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com