Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR19L400IL40 Datasheet(PDF) 6 Page - Exar Corporation

Part # XR19L400IL40
Description  SINGLE CHANNEL INTEGRATED UART AND RS-485 TRANSCEIVER
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR19L400IL40 Datasheet(HTML) 6 Page - Exar Corporation

Back Button XR19L400IL40 Datasheet HTML 2Page - Exar Corporation XR19L400IL40 Datasheet HTML 3Page - Exar Corporation XR19L400IL40 Datasheet HTML 4Page - Exar Corporation XR19L400IL40 Datasheet HTML 5Page - Exar Corporation XR19L400IL40 Datasheet HTML 6Page - Exar Corporation XR19L400IL40 Datasheet HTML 7Page - Exar Corporation XR19L400IL40 Datasheet HTML 8Page - Exar Corporation XR19L400IL40 Datasheet HTML 9Page - Exar Corporation XR19L400IL40 Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
XR19L400
6
SINGLE CHANNEL INTEGRATED UART AND RS-485 TRANSCEIVER
REV. 1.0.3
1.0 PRODUCT DESCRIPTION
The XR19L400 consists of a single channel UART and RS-485 transceivers. It operates from a single +3.3V or
5V supply with data rates up to 8Mbps, while meeting all EIA/TIA-485 specifications. The configuration register
set is 16550 UART compatible for control, status and data transfer. Also, the L400 has 64-bytes of transmit and
receive FIFOs, automatic Xon/Xoff software flow control, transmit and receive FIFO trigger levels, and a
programmable fractional baud rate generator with a prescaler of divide by 1 or 4. Additionally, the L400
includes the ACP pin which the user can shut down the charge pump for the RS-485 drivers (when operating at
3.3V). In the UART portion, the Power-Save feature isolates the databus interface to further reduce power
consumption in the Sleep mode. The L400 is fabricated using an advanced CMOS process.
Enhanced Features
The L400 UART provides a solution that supports 64 bytes of transmit and receive FIFO. Increased
performance is realized in the L400 by the transmit and receive FIFOs, FIFO trigger level controls and
automatic flow control mechanism. This allows the external processor to handle more networking tasks within
a given time. This increases the service interval giving the external CPU additional time for other applications
and reducing the overall UART interrupt servicing time. In addition, the L400 provides the ACP and Power-
Save modes that drastically reduces the power consumption when the device is not used. The combination of
the above greatly reduces the CPU’s bandwidth requirement, increases performance, and reduces power
consumption.
Intel or Motorola Data Bus Interface
The L400 provides a host interface that supports Intel or Motorola microprocessor (CPU) data bus interface.
The Intel bus compatible interface allows direct interconnect to Intel compatible type of CPUs using IOR#,
IOW# and CS# inputs for data bus operation. The Motorola bus compatible interface instead uses the R/W#
and CS# signals for data bus transactions. See pin description section for details on all the control signals. The
Intel and Motorola bus interface selection is made through the pin, I/M#.
Data Rate
The L400 is capable of operation up to 8 Mbps data rate. The device can operate either with a crystal on pins
XTAL1 and XTAL2, or external clock source on XTAL1 pin.
Internal Enhanced Register Sets
The L400 UART has a set of enhanced registers providing control and monitoring functions. Interrupt enable/
disable and status, FIFO enable/disable, selectable TX and RX FIFO trigger levels, automatic hardware/
software flow control enable/disable, programmable baud rates, modem interface controls and status, sleep
mode and infrared mode are all standard features.
RS-485 Interface
The L400 includes RS-485 drivers/receivers for the interface. This feature eliminates the need for an external
RS-485 transceiver. The RS-485 transceiver can be selected to operate in either the half-duplex or full-duplex
mode upon power-up via the HALF/FULL# pin. The RS-485 drivers guarantee a data rate of up to 8 Mbps.
All RS-485 drivers and receivers are protected to ±15kV using the Human Body Model ground combination,
±8kV using IEC 61000-4-2 Contact Discharge, and ±15kV using IEC 61000-4-2 Air-Gap Discharge. For more
information, send an e-mail to uarttechsupport@exar.com.


Similar Part No. - XR19L400IL40

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR19L400IL40 EXAR-XR19L400IL40 Datasheet
929Kb / 45P
   SINGLE CHANNEL INTEGRATED UART AND RS-485 TRANSCEIVER
More results

Similar Description - XR19L400IL40

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR19L400 EXAR-XR19L400 Datasheet
929Kb / 45P
   SINGLE CHANNEL INTEGRATED UART AND RS-485 TRANSCEIVER
XR19L402 EXAR-XR19L402_09 Datasheet
989Kb / 49P
   TWO CHANNEL INTEGRATED UART AND RS-485 TRANSCEIVER
XR19L402 EXAR-XR19L402 Datasheet
1Mb / 50P
   TWO CHANNEL INTEGRATED UART AND RS-485 TRANSCEIVER
XR19L200 EXAR-XR19L200 Datasheet
726Kb / 40P
   SINGLE CHANNEL INTEGRATED UART AND RS-232 TRANSCEIVER
XR19L210 EXAR-XR19L210 Datasheet
780Kb / 43P
   SINGLE CHANNEL INTEGRATED UART AND RS-232 TRANSCEIVER
XR19L200 EXAR-XR19L200_07 Datasheet
734Kb / 40P
   SINGLE CHANNEL INTEGRATED UART AND RS-232 TRANSCEIVER
XR19L210 EXAR-XR19L210_07 Datasheet
786Kb / 43P
   SINGLE CHANNEL INTEGRATED UART AND RS-232 TRANSCEIVER
XR19L220 EXAR-XR19L220_07 Datasheet
796Kb / 43P
   SINGLE CHANNEL INTEGRATED UART AND RS-232 TRANSCEIVER
XR19L220 EXAR-XR19L220 Datasheet
789Kb / 43P
   SINGLE CHANNEL INTEGRATED UART AND RS-232 TRANSCEIVER
XR19L202IL48-0B EXAR-XR19L202IL48-0B Datasheet
960Kb / 50P
   TWO CHANNEL INTEGRATED UART AND RS-232 TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com