Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR19L400IL40 Datasheet(PDF) 1 Page - Exar Corporation

Part # XR19L400IL40
Description  SINGLE CHANNEL INTEGRATED UART AND RS-485 TRANSCEIVER
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR19L400IL40 Datasheet(HTML) 1 Page - Exar Corporation

  XR19L400IL40 Datasheet HTML 1Page - Exar Corporation XR19L400IL40 Datasheet HTML 2Page - Exar Corporation XR19L400IL40 Datasheet HTML 3Page - Exar Corporation XR19L400IL40 Datasheet HTML 4Page - Exar Corporation XR19L400IL40 Datasheet HTML 5Page - Exar Corporation XR19L400IL40 Datasheet HTML 6Page - Exar Corporation XR19L400IL40 Datasheet HTML 7Page - Exar Corporation XR19L400IL40 Datasheet HTML 8Page - Exar Corporation XR19L400IL40 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 (510) 668-7000 FAX (510) 668-7017 www.exar.com
XR19L400
SINGLE CHANNEL INTEGRATED UART AND RS-485 TRANSCEIVER
JULY 2009
REV. 1.0.3
GENERAL DESCRIPTION
The XR19L400 (L400) is a highly integrated device that
combines
a
full-featured
single
channel
Universal
Asynchronous Receiver and Transmitter (UART) and RS-
485 transceivers. The L400 is designed to operate with a
single 3.3V or 5V power supply. The L400 is fully compliant
with RS-485 Standards.
The L400 operates in four different modes: Active, Partial
Sleep, Full Sleep and Power-Save. Each mode can be
invoked via hardware or software. Upon power-up, the
L400 is in the Active mode where the UART and RS-485
transceiver function normally. In the Partial Sleep mode, the
internal crystal oscillator of the UART or charge pump of the
RS-485 transceiver is turned off. In Full Sleep mode, both
the crystal oscillator and the charge pump are turned off.
While the UART is in the Sleep mode, the Power-Save
mode isolates the core logic from the control signals (chip
select, read/write strobes, address and data bus lines) to
minimize the power consumption. The RS-485 receivers
remain active in any of these four modes.
APPLICATIONS
Battery-Powered Equipment
Handheld and Mobile Devices
Handheld Terminals
Industrial Peripheral Interfaces
Point-of-Sale (POS) Systems
FEATURES
Meets true RS-485 standards at 3.3V or 5V operation
Up to 8 Mbps data transmission rate
45us sleep mode exit (charge pump to full power)
ESD protection for RS-485 I/O pins at
+/-15kV - Human Body Model
+/- 8kV - IEC 61000-4-2, Contact Discharge
+/- 15kV - IEC 61000-4-2, Air-Gap Discharge
Software compatible with industry standard 16550 UART
Intel/Motorola bus select
Complete modem interface
Sleep and Power-save modes to conserve battery power
Wake-up interrupt upon exiting low power modes
FIGURE 1. BLOCK DIAGRAM
XR19L400
UART
RS-485 Transceiver
PwrSave
A2:A0
D7:D0
IOR#
IOW# (R/W#)
CS# (CS#)
INT (IRQ#)
RESET (RESET#)
I/M#
Crystal
Osc/Buffer
BRG
64 Byte
TX FIFO
64 Byte
RX FIFO
Modem
I/Os
CTS#
DSR#
RI#
Charge Pump
*5 V Tolerant
Inputs
CD#
VCC33
RX
RX+
RX-
TX
TX+
TX-
HALF/FULL#


Similar Part No. - XR19L400IL40

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR19L400IL40 EXAR-XR19L400IL40 Datasheet
929Kb / 45P
   SINGLE CHANNEL INTEGRATED UART AND RS-485 TRANSCEIVER
More results

Similar Description - XR19L400IL40

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR19L400 EXAR-XR19L400 Datasheet
929Kb / 45P
   SINGLE CHANNEL INTEGRATED UART AND RS-485 TRANSCEIVER
XR19L402 EXAR-XR19L402_09 Datasheet
989Kb / 49P
   TWO CHANNEL INTEGRATED UART AND RS-485 TRANSCEIVER
XR19L402 EXAR-XR19L402 Datasheet
1Mb / 50P
   TWO CHANNEL INTEGRATED UART AND RS-485 TRANSCEIVER
XR19L200 EXAR-XR19L200 Datasheet
726Kb / 40P
   SINGLE CHANNEL INTEGRATED UART AND RS-232 TRANSCEIVER
XR19L210 EXAR-XR19L210 Datasheet
780Kb / 43P
   SINGLE CHANNEL INTEGRATED UART AND RS-232 TRANSCEIVER
XR19L200 EXAR-XR19L200_07 Datasheet
734Kb / 40P
   SINGLE CHANNEL INTEGRATED UART AND RS-232 TRANSCEIVER
XR19L210 EXAR-XR19L210_07 Datasheet
786Kb / 43P
   SINGLE CHANNEL INTEGRATED UART AND RS-232 TRANSCEIVER
XR19L220 EXAR-XR19L220_07 Datasheet
796Kb / 43P
   SINGLE CHANNEL INTEGRATED UART AND RS-232 TRANSCEIVER
XR19L220 EXAR-XR19L220 Datasheet
789Kb / 43P
   SINGLE CHANNEL INTEGRATED UART AND RS-232 TRANSCEIVER
XR19L202IL48-0B EXAR-XR19L202IL48-0B Datasheet
960Kb / 50P
   TWO CHANNEL INTEGRATED UART AND RS-232 TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com