Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

804-004-01NF8-13PA Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 804-004-01NF8-13PA
Description  Crimp Termination
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

804-004-01NF8-13PA Datasheet(HTML) 1 Page - Glenair, Inc.

  804-004-01NF8-13PA Datasheet HTML 1Page - Glenair, Inc. 804-004-01NF8-13PA Datasheet HTML 2Page - Glenair, Inc. 804-004-01NF8-13PA Datasheet HTML 3Page - Glenair, Inc. 804-004-01NF8-13PA Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2007 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
G-6
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
H
J
K
L
M
Series 804 “Mighty Mouse”
Push-Pull Quick-Disconnect
Rear Panel Jam Nut Mount
804-003-07
Three Shell Options: Jam nut with o-ring for front or rear
panel mounting, or in-line receptacles for free-hanging cables.
HOW TO ORDER
Sample Part Number
804-003
-01
M
7-10
P
Series
Shell Style
Shell Material /
Finish
Shell Size- Insert
Arrangement
Contact Type
Shell Key
Position
804-003
Receptacle with
Banding Platform
804-004
Receptacle with
Accessory Thread
-00
Jam Nut for Front
Panel Mounting
-01
In-Line for Free-
Hanging Cable
-07
Jam Nut for Rear
Panel Mounting
C
Aluminum / Black
Anodize
M
Aluminum / Electroless
Nickel
NF
Aluminum / Cadmium
with Olive Drab
Chromate
ZN
Aluminum / Zinc-
Nickel with Olive Drab
Chromate
ZNU
Aluminum / Zinc-Nickel
with Black Chromate
Z1
Stainless Steel /
Passivated
5-3
3 #23 Contacts
6-1
1 #16 Contact
6-4
4 #23 Contacts
6-7
7 #23 Contacts
7-1
1 #12 Contact
7-10
10 #23 Contacts
8-13
13 #23 Contacts
9-4
4 #16 Contacts
9-19
19 #23 Contacts
10-26
26 #23 Contacts
12-2
2 #12 Contacts
12-37
37 #23 Contacts
14-55
55 #23 Contacts
15-85
85 #23 Contacts
#23 contacts are packaged
with connectors. #16 and #12
contacts must be ordered
separately.
Standard #23 contacts
accept #22 through
#28 AWG wire. Use the
following contact codes
to specify these contacts:
P
Pin
S
Socket
Special contacts for
#26 to #30 AWG are
also available. Use the
following contact codes
to specify these contacts:
G
Pin
H
Socket
Omit
for Single
Master Key
A
Pos. A
(Normal)
B
Pos. B
C
Pos. C
D
Pos. D
Series 804 Receptacles – Crimp Termination
Front Panel Jam Nut Mount
804-003-00
In-Line
804-003-01
Integral Band Platform for direct attachment of a cable
shield. Install a boot, or overmold a boot over the band
platform. An accessory thread is available for attaching
strain reliefs and backshells.
Rev. 05-APR-2007


Similar Part No. - 804-004-01NF8-13PA

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
804-004-01 GLENAIR-804-004-01 Datasheet
222Kb / 1P
   Receptacle Connector
More results

Similar Description - 804-004-01NF8-13PA

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
790-024PC-13MN GLENAIR-790-024PC-13MN Datasheet
745Kb / 3P
   Cable Connectors, Crimp Termination
790-025SH-5P5EMN GLENAIR-790-025SH-5P5EMN Datasheet
895Kb / 3P
   Cable Connectors, Crimp Termination
790-027SH-66MEN GLENAIR-790-027SH-66MEN Datasheet
948Kb / 5P
   Panel Mount Connectors, Crimp Termination
790-026PL-6P6MN GLENAIR-790-026PL-6P6MN Datasheet
865Kb / 5P
   Panel Mount Connectors, Crimp Termination
logo
HARTING Technology Grou...
09-10-012-3106 HARTING-09-10-012-3106 Datasheet
494Kb / 3P
   Han 1A-12-c-f Crimp termination
09-10-012-3006 HARTING-09-10-012-3006 Datasheet
488Kb / 3P
   Han 1A-12-c-m Crimp termination
09-10-008-3106 HARTING-09-10-008-3106 Datasheet
507Kb / 3P
   Han 1A-M12-f X-coded Crimp termination
logo
List of Unclassifed Man...
KPT06J14-18P ETC2-KPT06J14-18P Datasheet
326Kb / 31P
   High performance, Crimp termination, Closed entry socket contacts
logo
HARTING Technology Grou...
09-10-012-3101 HARTING-09-10-012-3101 Datasheet
494Kb / 3P
   Han 1A-12-c-f latch Crimp termination
09-10-005-3106 HARTING-09-10-005-3106 Datasheet
511Kb / 3P
   Han 1A-5PE-c-f Crimp termination
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com