Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CB10M2L0 Datasheet(PDF) 4 Page - Glenair, Inc.

Part No. CB10M2L0
Description  Qualifi ed Connectors
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GLENAIR [Glenair, Inc.]
Homepage  http://www.glenair.com
Logo 

CB10M2L0 Datasheet(HTML) 4 Page - Glenair, Inc.

 
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
© 2008 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
32
E-Mail: sales@glenair.com
VG95351 and VG96934 Qualified Connectors
Terminal
Style
Key
Pos.
VG Part Number
Glenair Part no.
L0
Solder Cup
N
VG96934E10NL0
CB10E1L0
W
VG96934E10WL0
CB10E2L0
X
VG96934E10XL0
CB10E3L0
Y
VG96934E10YL0
CB10E4L0
Z
VG96934E10ZL0
CB10E5L0
L1
Standard PC Tail
N
VG96934E10NL1
CB10E1L1
W
VG96934E10WL1
CB10E2L1
X
VG96934E10XL1
CB10E3L1
Y
VG96934E10YL1
CB10E4L1
Z
VG96934E10ZL1
CB10E5L1
VG96934E10*L*
10 pin plug with M14 x 1 rear thread for
use with accessories, or for installation into
tapped panel. Maximum weight 7 grams.
L2
Extended PC Tail
N
VG96934E10NL2
CB10E1L2
W
VG96934E10WL2
CB10E2L2
X
VG96934E10XL2
CB10E3L2
Y
VG96934E10YL2
CB10E4L2
Z
VG96934E10ZL2
CB10E5L2
Detail A Terminal Styles
Ø 18.0
MAX
10.5
MAX
17.5
MAX
M14 X 1 THD
A
B
C
D E
F
G
H
J
K
DETAIL
A
L0
SOLDER CUP
#20 AWG
2.5
1.14 MAX.
1.0 MAX.
L1
STANDARD
PC TAIL
3.5
0.45/0.53
L2
EXTENDED
PC TAIL
2.9/3.0
8
0.45/
0.50
VG96934 STYLE E: PANEL MOUNT PLUG


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn