Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

800-032-07M8-13SX Datasheet(PDF) 3 Page - Glenair, Inc.

Part # 800-032-07M8-13SX
Description  Right Angle PCB Receptacle Headers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

800-032-07M8-13SX Datasheet(HTML) 3 Page - Glenair, Inc.

  800-032-07M8-13SX Datasheet HTML 1Page - Glenair, Inc. 800-032-07M8-13SX Datasheet HTML 2Page - Glenair, Inc. 800-032-07M8-13SX Datasheet HTML 3Page - Glenair, Inc. 800-032-07M8-13SX Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
A
B
C
D
E
F
G
H
J
K
L
M
Dimensions in inches (millimeters) and are subject to change without notice.
© 2009 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
C-15
E-Mail: sales@glenair.com
Series 800 “Mighty Mouse” with UN Mating Thread
Right Angle PCB Receptacle Headers
800-032-07 Face View
MASTER KEY
NORMAL
JAM NUT FLAT AND KEYWAY LOCATIONS
SHELL SIZE 5 AND 6
SOCKET FACE SHOWN
JAM NUT FLAT AND KEYWAY LOCATIONS
SHELL SIZE 7 10 POSITION
SOCKET FACE SHOWN
JAM NUT FLAT AND KEYWAY LOCATIONS
SHELL SIZE 8 13 POSITION
SOCKET FACE SHOWN
JAM NUT FLAT AND KEYWAY LOCATIONS
SHELL SIZE 9 19 POSITION
SOCKET FACE SHOWN
JAM NUT FLAT
NORMAL
MASTER KEY
MASTER KEY
NORMAL°
MASTER KEYWAY
NORMAL°
JAM NUT FLAT
JAM NUT FLAT
JAM NUT FLAT
KEY POSITIONS
Key Position
Key Rotation
Normal (N)
150°
X
140°
Y
130°
Z
120°
FACE VIEWS OF RIGHT ANGLE PCB HEADERS
Rev. 01-FEB-2009


Similar Part No. - 800-032-07M8-13SX

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
800-032 GLENAIR-800-032 Datasheet
240Kb / 1P
   Right Angle Printed Circuit Board Receptacle Headers
More results

Similar Description - 800-032-07M8-13SX

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
800-032 GLENAIR-800-032 Datasheet
240Kb / 1P
   Right Angle Printed Circuit Board Receptacle Headers
logo
Dubilier
DBCIDCB7S04AG1 DUBILIER-DBCIDCB7S04AG1 Datasheet
144Kb / 1P
   FEMALE HEADERS FEMALE HEADERS RIGHT ANGLE - 8.4mm PROFILE
logo
PHOENIX CONTACT
1717025 PHOENIX-1717025 Datasheet
267Kb / 12P
   PCB headers
logo
Dubilier
DBCPHC1804AG1-XXX DUBILIER-DBCPHC1804AG1-XXX Datasheet
114Kb / 1P
   PIN HEADERS DUAL ROW RIGHT ANGLE
logo
Tyco Electronics
281698 MACOM-281698 Datasheet
71Kb / 1P
   HEADERS HEI4, SINGLE ROW, RIGHT ANGLE
logo
Dubilier
DBCPHC2206AG1-XXX DUBILIER-DBCPHC2206AG1-XXX Datasheet
137Kb / 1P
   PIN HEADERS TRIPLE ROW RIGHT ANGLE
logo
Winchester Electronics ...
SD353-060-0040H WINCHESTER-SD353-060-0040H Datasheet
82Kb / 1P
   SMA RIGHT ANGLE PCB MOUNT RECEPTACLE
logo
Dubilier
DBCPHC1204AG1-XXX DUBILIER-DBCPHC1204AG1-XXX Datasheet
77Kb / 1P
   PIN HEADERS DUAL ROW RIGHT ANGLE 1.27MM
DBCPHC1010AG1 DUBILIER-DBCPHC1010AG1 Datasheet
103Kb / 1P
   PIN HEADERS SINGLE ROW RIGHT ANGLE 1.27MM
DBCPHC2804AG1-XXX DUBILIER-DBCPHC2804AG1-XXX Datasheet
107Kb / 1P
   PIN HEADERS SINGLE ROW RIGHT ANGLE 2.00mm
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com