Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

804-006-00Z15-3CA Datasheet(PDF) 3 Page - Glenair, Inc.

Part # 804-006-00Z15-3CA
Description  Hermetic Receptacles
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

804-006-00Z15-3CA Datasheet(HTML) 3 Page - Glenair, Inc.

  804-006-00Z15-3CA Datasheet HTML 1Page - Glenair, Inc. 804-006-00Z15-3CA Datasheet HTML 2Page - Glenair, Inc. 804-006-00Z15-3CA Datasheet HTML 3Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© 2007 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
G-15
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
H
J
K
L
M
Series 804 “Mighty Mouse”
Push-Pull Quick-Disconnect
DIMENSIoNS
Shell
Shell
Size
Size
Ø A
Ø A
B Threads
B Threads
Ø C
Ø C
Ø E
Ø E
E Flat
E Flat
In.
In.
mm.
mm.
In.
In.
mm.
mm.
In.
In.
mm.
mm.
In.
In.
mm.
mm.
5
.830 21.08
.5000-32 UN-2A
.244
6.20
.625 15.87
.470 11.94
6
.885 22.48
.6250-28 UN-2A
.330
8.38
.688 17.47
.530 13.46
7
.995 25.27
.6875-32 UN-2A
.432 10.97
.812 20.62
.663 16.84
8
.995 25.27
.6875-32 UN-2A
.493 12.52
.812 20.62
.663 16.84
9
1.075 27.31
.7500-28 UN-2A
.551 14.00
.875 22.22
.720 18.29
10
1.140 28.95
.8750-28 UN-2A
.620 15.75
.938 23.82
.788 20.02
12
1.340 34.04 1.0000-28 UN-2A
.703 17.86 1.125 28.57
.970 24.64
14
1.390 35.31 1.0625-20 UN-2A
.863 21.92 1.188 30.18 1.020 25.91
15
1.450 36.83 1.1250-28 UN-2A
.912 23.16 1.250 31.75 1.093 27.76
ALTERNATE KEY PoSITIoNS
Pos.
Pos.
A
150° 210°
b
75°
210°
C
95°
230°
d
140° 275°
JAM NUT PANEL CUToUT
Shell
Shell
Size
Size
A Flat
A Flat
Ø B
B
In.
In.
± .002
± .002
mm.
mm.
± 0.05
± 0.05
In.
In.
mm.
mm.
5
.480 12.19
.510 12.95
6
.540 13.72
.575 14.61
7
.674
17.12
.698 17.73
8
.674
17.12
.698 17.73
9
.730 18.54
.760 19.30
10
.799 20.29
.822 20.88
12
.980 24.89 1.010 25.65
14
1.030 26.16 1.075 27.31
15
1.013 25.73 1.135 28.83
A FLAT
ø b
Series 804 Hermetic Receptacles – Front Panel Jam Nut
KEYWAY
ø A
E
FLAT
ø d
Rev. 19-AUG-2008
ø C
ø F
.025 (0.64)
.125 (3.18) MIN
bTHREAd
Front Panel Jam Nut
Front Panel Jam Nut
804-006-07
.940
(23.88)
.30 (7.6) MAX
PANEL THICKNESS
.830/.820
(21.08/20.83)


Similar Part No. - 804-006-00Z15-3CA

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
804-006-00 GLENAIR-804-006-00 Datasheet
195Kb / 1P
   Push-Pull Mighty Mouse Connector
More results

Similar Description - 804-006-00Z15-3CA

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
803-006-07Z15-3PN GLENAIR-803-006-07Z15-3PN Datasheet
295Kb / 2P
   Hermetic Receptacles
805-006-02Z18-1PA GLENAIR-805-006-02Z18-1PA Datasheet
147Kb / 2P
   Hermetic Receptacles
800-013-02Z15-3PN GLENAIR-800-013-02Z15-3PN Datasheet
126Kb / 3P
   Hermetic Receptacles
803-006 GLENAIR-803-006 Datasheet
221Kb / 2P
   Mighty Mouse Hermetic Receptacles
800-013 GLENAIR-800-013 Datasheet
313Kb / 4P
   Mighty Mouse Hermetic Receptacles
804-006 GLENAIR-804-006 Datasheet
316Kb / 3P
   Mighty Mouse Hermetic Receptacles
257-215 GLENAIR-257-215_15 Datasheet
292Kb / 2P
   Jam Nut Mount Hermetic Receptacles
257-215 GLENAIR-257-215 Datasheet
166Kb / 2P
   Jam Nut Mount Hermetic Receptacles
257-216 GLENAIR-257-216 Datasheet
177Kb / 2P
   Jam Nut Mount Hermetic Receptacles
257-216 GLENAIR-257-216 Datasheet
305Kb / 2P
   Jam Nut Mount Hermetic Receptacles
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com