Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

800-032-07M6-4PX Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 800-032-07M6-4PX
Description  Right Angle PCB Receptacle Headers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

800-032-07M6-4PX Datasheet(HTML) 2 Page - Glenair, Inc.

  800-032-07M6-4PX Datasheet HTML 1Page - Glenair, Inc. 800-032-07M6-4PX Datasheet HTML 2Page - Glenair, Inc. 800-032-07M6-4PX Datasheet HTML 3Page - Glenair, Inc. 800-032-07M6-4PX Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
A
B
C
D
E
F
G
H
J
K
L
M
Dimensions in inches (millimeters) and are subject to change without notice.
© 2009 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
C-14
E-Mail: sales@glenair.com
DIMENSIONS
Shell
Size
A
BØ C
D Threads
EF
GH
JK
L
In. mm.
In. mm. In. mm.
±.005 ±0.13
In. mm. In. mm.
In. mm. In. mm. ±.035 ±0.89 ±.005 ±0.13 In. mm. In. mm. In. mm.
5-3
.289
7.34 .498 12.65 .538 13.67 .3125-28 UN-2A
.260
6.60 .235
5.97 .257
6.53 .050
1.27 .165
4.19 .310
7.87 .486 12.34
6-4
.355
9.02 .560 14.22 .605 15.37 .3750-28 UN-2A
.330
8.38 .232
5.89 .285
7.24 .050
1.27 .224
5.69 .385
9.78 .580 14.73
6-7
.355
9.02 .560 14.22 .605 15.37 .3750-28 UN-2A
.350
8.89 .232
5.89 .285
7.24 .050
1.27 .187
4.75 .408 10.36 .580 14.73
7-10
.414 10.52 .640 16.26 .665 16.89 .4375-28 UNEF-2A .350
8.89 .325
8.26 .285
7.24 .092
2.34 .170
4.32 .452 11.48 .640 16.26
8-13
.475 12.07 .730 18.54 .770 19.56 .5000-32 UN-2A
.490 12.45 .330
8.38 .285
7.24 .092
2.34 .230
5.84 .490 12.45 .680 17.27
9-19
.532 13.51 .805 20.45 .875 22.23 .5625-32 UN-2A
.490 12.45 .360
9.14 .275
6.99 .092
2.34 .342
8.69 .600 15.24 .800 20.32
Shell
Size
A Flat
øB
In.
mm.
In.
mm.
+.004/-.000
+0.10/-0.00
±.005
±0.13
5
.294
7.47
.322
8.18
6
.360
9.14
.386
9.80
7
.419
10.64
.449
11.40
8
.481
12.22
.510
12.95
9
.538
13.67
.574
14.58
Series 800 “Mighty Mouse” with UN Mating Thread
Right Angle PCB Receptacle Headers
800-032-07
°
0
6
°
0
5
1
MASTER
KEY
A
FLAT
B
FLATS
D THREAD
H
F
G
ø.018/.022 (0.46/0.56)
E
Ø C
2-56 THREADED INSERT
J
K
L
RECOMMENDED PANEL CUTOUT
ø B
ø B
A FLAT
A FLAT
SHELL SIZE 5, 6, 7, 9
SHELL SIZE 8
PANEL CUTOUTS FOR RIGHT ANGLE PCB HEADERS
Rev. 01-FEB-2009


Similar Part No. - 800-032-07M6-4PX

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
800-032 GLENAIR-800-032 Datasheet
240Kb / 1P
   Right Angle Printed Circuit Board Receptacle Headers
More results

Similar Description - 800-032-07M6-4PX

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
800-032 GLENAIR-800-032 Datasheet
240Kb / 1P
   Right Angle Printed Circuit Board Receptacle Headers
logo
Dubilier
DBCIDCB7S04AG1 DUBILIER-DBCIDCB7S04AG1 Datasheet
144Kb / 1P
   FEMALE HEADERS FEMALE HEADERS RIGHT ANGLE - 8.4mm PROFILE
logo
PHOENIX CONTACT
1717025 PHOENIX-1717025 Datasheet
267Kb / 12P
   PCB headers
logo
Dubilier
DBCPHC1804AG1-XXX DUBILIER-DBCPHC1804AG1-XXX Datasheet
114Kb / 1P
   PIN HEADERS DUAL ROW RIGHT ANGLE
logo
Tyco Electronics
281698 MACOM-281698 Datasheet
71Kb / 1P
   HEADERS HEI4, SINGLE ROW, RIGHT ANGLE
logo
Dubilier
DBCPHC2206AG1-XXX DUBILIER-DBCPHC2206AG1-XXX Datasheet
137Kb / 1P
   PIN HEADERS TRIPLE ROW RIGHT ANGLE
logo
Winchester Electronics ...
SD353-060-0040H WINCHESTER-SD353-060-0040H Datasheet
82Kb / 1P
   SMA RIGHT ANGLE PCB MOUNT RECEPTACLE
logo
Dubilier
DBCPHC1204AG1-XXX DUBILIER-DBCPHC1204AG1-XXX Datasheet
77Kb / 1P
   PIN HEADERS DUAL ROW RIGHT ANGLE 1.27MM
DBCPHC1010AG1 DUBILIER-DBCPHC1010AG1 Datasheet
103Kb / 1P
   PIN HEADERS SINGLE ROW RIGHT ANGLE 1.27MM
DBCPHC2804AG1-XXX DUBILIER-DBCPHC2804AG1-XXX Datasheet
107Kb / 1P
   PIN HEADERS SINGLE ROW RIGHT ANGLE 2.00mm
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com