Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

800-033-AAK4C6-1 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 800-033-AAK4C6-1
Description  Overmolded Cordsets
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

800-033-AAK4C6-1 Datasheet(HTML) 1 Page - Glenair, Inc.

  800-033-AAK4C6-1 Datasheet HTML 1Page - Glenair, Inc. 800-033-AAK4C6-1 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A
B
C
D
E
F
G
H
J
K
L
M
Dimensions in inches (millimeters) and are subject to change without notice.
© 2009 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
C-20
E-Mail: sales@glenair.com
Series 800 Overmolded Cordset
HOW TO ORDER SERIES 800 OVERMOLDED CORDSETS
Sample Part Number
800-033
-A
C
K
2
M
7-10
P
Z
-72
Series
End A
Connector
End B
Connector
Plug Style
Wire
Size
Shell Material /
Finish
Insert
Arr.
Protective
Cover
Shell
Key Pos. Length
800-033
Overmolded
Cordset,
Shielded, with
Polyurethane
Cable Jacket
800-034
Overmolded
Cordset,
Shielded,
with Low
Smoke/ Zero
Halogen
Polyurethane
Jacket
-A
Plug, with
Male Pin
Contacts
-B
Plug, with
Female
Socket
Contacts
-C
Receptacle,
with
Male Pin
Contacts
-D
Receptacle,
with Female
Socket
Contacts
A
Plug, with
Male Pin
Contacts
B
Plug, with
Female
Socket
Contacts
C
Receptacle,
with
Male Pin
Contacts
D
Receptacle,
with Female
Socket
Contacts
N
No
Connector
(Single-
Ended)
K
Round
Knurled
Coupling Nut
KL
Round
Knurled
Coupling Nut,
Self-Locking
H
Hex Coupling
Nut
HL
Hex Coupling
Nut, Self-
Locking
N
Receptacle
Cable
2
#22 AWG
(Std.)
4
#24 AWG
(Std.)
C
Aluminum / Black
Anodize
(Non-Conductive)
RoHS Compliant
M
Aluminum /
Electroless Nickel
RoHS Compliant
NF
Aluminum /
Cadmium with Olive
Drab Chromate
ZN
Aluminum / Zinc-
Nickel with Olive
Drab Chromate
UCR
Aluminum / Zinc-
Cobalt with Black
Chromate
RoHS Compliant
ZNU
Aluminum / Zinc-
Nickel with Black
Chromate
MT
Aluminum / Nickel-
PTFE
RoHS Compliant
Z1
Stainless Steel /
Passivated
RoHS Compliant
5-3
6-1
6-4
6-7
7-1
7-10
8-2
8-13
8-200
9-4
9-19
9-200
9-201
10-5
10-26
10-200
10-201
10-202
12-2
12-3
12-7
12-37
12-200
12-201
P
Metal
Protective
Covers
Included
N
No Covers
Supplied
N
Normal
X
Pos. X
Y
Pos. Y
Z
Pos. Z
Overall
Length
In
Inches
12 Inch
Min.
Glenair’s ASAP “Mighty Mouse”
overmolded cordsets offer
watertight sealing and excellent cold
temperature flexibility. These cables
are 100% tested and ready for use.
Shielded
– 90% braid coverage and
BAND-IT®
shield termination meet
EMI requirements.
Simplified Ordering, No Minimums
Two Jacket Types
– Extruded
Estane polyurethane jacket resists
abrasion, provides excellent flexibility,
withstands continuous exposure
to weather and solvents. Choose
standard or Low Smoke/Zero Halogen.
Series 800 “Mighty Mouse” with UN Mating Thread
Overmolded Cordsets
800-033 and 800-034
Rev. 01-FEB-2009


Similar Part No. - 800-033-AAK4C6-1

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
800-0331-500 DIALIGHT-800-0331-500 Datasheet
792Kb / 3P
   PRESS-TO-TEST INDICATORS
800-0332-500 DIALIGHT-800-0332-500 Datasheet
792Kb / 3P
   PRESS-TO-TEST INDICATORS
800-0333-500 DIALIGHT-800-0333-500 Datasheet
792Kb / 3P
   PRESS-TO-TEST INDICATORS
800-0334-500 DIALIGHT-800-0334-500 Datasheet
792Kb / 3P
   PRESS-TO-TEST INDICATORS
800-0337-500 DIALIGHT-800-0337-500 Datasheet
792Kb / 3P
   PRESS-TO-TEST INDICATORS
More results

Similar Description - 800-033-AAK4C6-1

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
800-038 GLENAIR-800-038 Datasheet
133Kb / 1P
   Overmolded Cordsets
800-034 GLENAIR-800-034 Datasheet
133Kb / 1P
   Overmolded Cordsets
802-019 GLENAIR-802-019 Datasheet
133Kb / 1P
   Shielded Overmolded Harsh Environment Cordsets
802-026 GLENAIR-802-026 Datasheet
132Kb / 1P
   Shielded Overmolded Harsh Environment Cordsets
logo
Molex Electronics Ltd.
84702-0005 MOLEX-84702-0005 Datasheet
535Kb / 2P
   RJ-45 EtherNet/IP* Overmolded Cordsets, IDT and PCB Receptacles
logo
Coto Technology
CM15S COTO-CM15S Datasheet
1Mb / 3P
   Overmolded DYAD
logo
Littelfuse
59170 LITTELFUSE-59170 Datasheet
545Kb / 3P
   Overmolded Reed Switches
59165 LITTELFUSE-59165 Datasheet
516Kb / 3P
   Overmolded Reed Switches
59045 LITTELFUSE-59045 Datasheet
588Kb / 3P
   Overmolded Reed Switches
59166 LITTELFUSE-59166 Datasheet
567Kb / 3P
   Overmolded Reed Switches
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com