Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

800-033-BAK2M5-3 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 800-033-BAK2M5-3
Description  Overmolded Cordsets
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

800-033-BAK2M5-3 Datasheet(HTML) 2 Page - Glenair, Inc.

  800-033-BAK2M5-3 Datasheet HTML 1Page - Glenair, Inc. 800-033-BAK2M5-3 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A
B
C
D
E
F
G
H
J
K
L
M
Dimensions in inches (millimeters) and are subject to change without notice.
© 2009 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
C-21
E-Mail: sales@glenair.com
SPECIFICATIONS
Cable Jacket Material
Thermoplastic Polyurethane, Black, UL 94 V-0 Rated
Cable Shield
Tin-Coated Copper Braid, 90% Minimum Coverage
Conductors
Silver Coated Stranded Wire, TFE Insulated, Per M22759/11
BAND-IT
® Shield Termination Band
Stainless Steel
Current Rating
Up to 5 AMP Continuous Duty With #22 AWG Wire
Test Voltage (Dielectric Withstanding Voltage)
500 VAC RMS sea level, 100 VAC RMS 70,000 feet
Insulation Resistance
200 megohms minimum
Operating Temperature
-30° C. to +105° C.
Immersion, Mated and Unmated
1 meter water immersion for 1 Hour per MIL-STD-810 Method 512
Solvent Resistance, Polyamide Overmold
Excellent Resistance to Most Solvents, Fuels, and Oils; Poor Resistance to
Strong Acids and Bipolar Solvents (Alcohol)
Electrical Resistance
(8 Milliohms Mated Contacts) + (Wire Resistance)
Shielding Effectiveness
50 dB minimum from 100MHz to 1000MHz.
Flammability and Toxicity (LSZH Jacket)
Toxicity Index 3.9 per NES 713
Oxygen Index 28% per ASTM D-2863
Smoke Index 24 per NES 711
LENGTH
+ 2.0/-0.0 (+50.8/ -0.0)
12 IN. (300 mm.) MIN.
A MAX.
B MAX.
SERIES 800 PLUG
SEE PAGE C-6 FOR
DIMENSIONS AND KEY
POSITIONS
SERIES 800 RECEPTACLE
SEE PAGE C-10 FOR
DIMENSIONS AND KEY
POSITIONS
OPTIONAL
PROTECTIVE COVER
WITH POLYURETHANE
WIRE ROPE
POLYAMIDE
OVERMOLDED STRAIN
RELIEF
SHIELDED JACKETED
CABLE
How To Order Right Angle Cordsets
Insert the letter “R” after the End A or End B
Connector letter designator.
Example
Straight cable 800-033-ACK4Z16-4PN-72
Right Angle
800-033-ARCR4Z16-4PN-72
RIGHT ANGLE CORDSETS
DIMENSIONS
Shell
Size
A Max.
B Max.
C Max.
D Max.
E Max.
In. mm. In. mm. In. mm. In. mm. In. mm.
5
2.000 50.80 .490 12.45 1.500 38.10 .490 12.45 1.650 41.91
6
2.500 63.50 .560 14.22 1.500 38.10 .560 14.22 1.650 41.91
7
2.500 63.50 .680 17.27 1.700 43.18 .680 17.27 1.700 43.18
8
2.500 63.50 .740 18.80 1.750 44.45 .740 18.80 1.750 44.45
9
2.500 63.50 .810 20.57 1.750 44.45 .810 20.57 1.750 44.45
10
2.750 69.85 .870 22.10 1.750 44.45 .870 22.10 1.750 44.45
12
3.000 76.20 .930 23.62 1.750 44.45 .930 23.62 1.750 44.45
How To Order Right Angle Cordsets
Insert the letter “R” after the End A or End B
Connector letter designator.
Example
Straight cable 800-033-AC4Z16-4PN-72
Right Angle
800-033-ARCR4Z16-4PN-72
MASTER
KEY
LOCATED 180°
FROM CABLE EXIT
LENGTH + 2.0/-0.0 (+50.8/ -0.0)
12 IN. (300 mm.) MIN.
C MAX.
E
MAX.
D
MAX.
Series 800 “Mighty Mouse” with UN Mating Thread
Overmolded Cordsets
800-033 and 800-034
Rev. 01-FEB-2009


Similar Part No. - 800-033-BAK2M5-3

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
800-0331-500 DIALIGHT-800-0331-500 Datasheet
792Kb / 3P
   PRESS-TO-TEST INDICATORS
800-0332-500 DIALIGHT-800-0332-500 Datasheet
792Kb / 3P
   PRESS-TO-TEST INDICATORS
800-0333-500 DIALIGHT-800-0333-500 Datasheet
792Kb / 3P
   PRESS-TO-TEST INDICATORS
800-0334-500 DIALIGHT-800-0334-500 Datasheet
792Kb / 3P
   PRESS-TO-TEST INDICATORS
800-0337-500 DIALIGHT-800-0337-500 Datasheet
792Kb / 3P
   PRESS-TO-TEST INDICATORS
More results

Similar Description - 800-033-BAK2M5-3

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
800-038 GLENAIR-800-038 Datasheet
133Kb / 1P
   Overmolded Cordsets
800-034 GLENAIR-800-034 Datasheet
133Kb / 1P
   Overmolded Cordsets
802-019 GLENAIR-802-019 Datasheet
133Kb / 1P
   Shielded Overmolded Harsh Environment Cordsets
802-026 GLENAIR-802-026 Datasheet
132Kb / 1P
   Shielded Overmolded Harsh Environment Cordsets
logo
Molex Electronics Ltd.
84702-0005 MOLEX-84702-0005 Datasheet
535Kb / 2P
   RJ-45 EtherNet/IP* Overmolded Cordsets, IDT and PCB Receptacles
logo
Coto Technology
CM15S COTO-CM15S Datasheet
1Mb / 3P
   Overmolded DYAD
logo
Littelfuse
59170 LITTELFUSE-59170 Datasheet
545Kb / 3P
   Overmolded Reed Switches
59165 LITTELFUSE-59165 Datasheet
516Kb / 3P
   Overmolded Reed Switches
59045 LITTELFUSE-59045 Datasheet
588Kb / 3P
   Overmolded Reed Switches
59166 LITTELFUSE-59166 Datasheet
567Kb / 3P
   Overmolded Reed Switches
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com