Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUX85 Datasheet(PDF) 1 Page - Motorola, Inc

Part # BUX85
Description  2 AMPERES POWER TRANSISTOR NPN SILICON 450 VOLTS 50 WATTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BUX85 Datasheet(HTML) 1 Page - Motorola, Inc

  BUX85 Datasheet HTML 1Page - Motorola, Inc BUX85 Datasheet HTML 2Page - Motorola, Inc BUX85 Datasheet HTML 3Page - Motorola, Inc BUX85 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Bipolar Power Transistor Device Data
SWITCHMODE
NPN Silicon Power Transistors
The BUX85 is designed for high voltage, high speed power switching applications
like converters, inverters, switching regulators, motor control systems.
SPECIFICATIONS FEATURES:
• VCEO(sus) 450 V
• VCES(sus) 1000 V
• Fall time = 0.3 µs (typ) at IC = 1.0 A
• VCE(sat) = 1.0 V (max) at IC = 1.0 A, IB = 0.2 A
MAXIMUM RATINGS
Rating
Symbol
BUX84
BUX85
Unit
Collector–Emitter Voltage
VCEO(sus)
400
450
Vdc
Collector–Emitter Voltage
VCES
800
1000
Vdc
Emitter Base Voltage
VEBO
5
Vdc
Collector Current
— Continuous
— Peak (1)
IC
ICM
2
3.0
Adc
Base Current
— Continuous
— Peak (1)
IB
IBM
0.75
1.0
Adc
Reverse Base Current — Peak
IBM
1
Adc
Total Power Dissipation @ TC = 25_C
Derate above 25
_C
PD
50
400
Watts
mW/
_C
Operating and Storage Junction Temperature Range
TJ, Tstg
– 65 to + 150
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
R
θJC
2.5
_C/W
Thermal Resistance, Junction to Ambient
R
θJA
62.5
_C/W
Maximum Lead Temperature for Soldering Purpose:
1/8
″ from Case for 5 Seconds
TL
275
_C
(1) Pulse Test: Pulse Width = 5 ms, Duty Cycle
x10%.
SWITCHMODE is a trademark of Motorola, Inc.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by BUX85/D
© Motorola, Inc. 1995
BUX85
2 AMPERES
POWER TRANSISTOR
NPN SILICON
450 VOLTS
50 WATTS
CASE 221A–06
TO–220AB
REV 7


Similar Part No. - BUX85

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BUX85 MOSPEC-BUX85 Datasheet
102Kb / 2P
   POWER TRANSISTORS(2A,400-450V,40W)
logo
NXP Semiconductors
BUX85 PHILIPS-BUX85 Datasheet
94Kb / 12P
   Silicon diffused power transistors
1997 Aug 13
logo
Siemens Semiconductor G...
BUX85 SIEMENS-BUX85 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
BUX85 BOCA-BUX85 Datasheet
109Kb / 2P
   SWITCHMODE SERIES NPN POWER TRANSISTORS
logo
Bourns Electronic Solut...
BUX85 BOURNS-BUX85 Datasheet
125Kb / 6P
   NPN SILICON POWER TRANSISTOR
More results

Similar Description - BUX85

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ16020 MOTOROLA-MJ16020 Datasheet
168Kb / 4P
   NPN SILICON POWER TRANSISTOR 30 AMPERES 450 VOLTS
logo
ON Semiconductor
MJD18002D2 ONSEMI-MJD18002D2 Datasheet
129Kb / 11P
   POWER TRANSISTOR 2 AMPERES 1000 VOLTS, 50 WATTS Bipolar NPN Transistor
January, 2006 ??Rev. 2
logo
Motorola, Inc
BUT11AF MOTOROLA-BUT11AF Datasheet
120Kb / 6P
   POWER TRANSISTOR 5.0 AMPERES 450 VOLTS 40 WATTS
BU522B MOTOROLA-BU522B Datasheet
105Kb / 4P
   7 AMPERES DARLINGTON POWER TRANSISTORS NPN SILICON 450 VOLTS 75 WATTS
BUT34 MOTOROLA-BUT34 Datasheet
287Kb / 8P
   50 AMPERES NPN SILICON POWER DARLINGTON TRANSISTOR 850 VOLTS 250 WATTS
BUV20 MOTOROLA-BUV20 Datasheet
142Kb / 4P
   50 AMPERES NPN SILICON POWER METAL TRANSISTOR 125 VOLTS 250 WATTS
logo
Micro Commercial Compon...
MJE13007 MCC-MJE13007 Datasheet
573Kb / 3P
   NPN Power Transistor 8.0 Amperes 400 Volts 2 Watts
logo
Motorola, Inc
MJE18002D2 MOTOROLA-MJE18002D2 Datasheet
152Kb / 4P
   POWER TRANSISTORS 2 AMPERES 1000 VOLTS 50 WATTS
logo
ON Semiconductor
BUL44D2 ONSEMI-BUL44D2 Datasheet
504Kb / 12P
   POWER TRANSISTORS 2 AMPERES 700 VOLTS 50 WATTS
1995
logo
Motorola, Inc
BUL44D2 MOTOROLA-BUL44D2 Datasheet
504Kb / 12P
   POWER TRANSISTORS 2 AMPERES 700 VOLTS 50 WATTS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com