Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

800-032-07NF7-10PN Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 800-032-07NF7-10PN
Description  Right Angle PCB Receptacle Headers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

800-032-07NF7-10PN Datasheet(HTML) 1 Page - Glenair, Inc.

  800-032-07NF7-10PN Datasheet HTML 1Page - Glenair, Inc. 800-032-07NF7-10PN Datasheet HTML 2Page - Glenair, Inc. 800-032-07NF7-10PN Datasheet HTML 3Page - Glenair, Inc. 800-032-07NF7-10PN Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
A
B
C
D
E
F
G
H
J
K
L
M
Dimensions in inches (millimeters) and are subject to change without notice.
© 2009 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
C-13
E-Mail: sales@glenair.com
Right Angle PCB Receptacle
Jam Nut Rear Panel Mounting
Environmentally Sealed
Threaded Board Mounting Holes
HOW TO ORDER SERIES 800 RIGHT ANGLE PCB RECEPTACLES
Sample Part Number
800-032
-07
M
7-10
P
Z
Series
Shell Style
Shell Material / Finish
Shell Size- Insert
Arrangement
Contact
Type
Shell Key
Position
800-032
PCB Receptacle
-07
Jam Nut
C
Aluminum / Black Anodize
(Non-Conductive)
RoHS Compliant
M
Aluminum / Electroless Nickel
RoHS Compliant
NF
Aluminum / Cadmium with Olive
Drab Chromate
ZN
Aluminum / Zinc-Nickel with
Olive Drab Chromate
UCR
Aluminum / Zinc-Cobalt with
Black Chromate
RoHS Compliant
ZNU
Aluminum / Zinc-Nickel with
Black Chromate
MT
Aluminum / Nickel-PTFE
RoHS Compliant
Z1
Stainless Steel / Passivated
RoHS Compliant
5-3
3 #23
6-4
4 #23
6-7
7 #23
7-10 10 #23
8-13 13 #23
P
Pin
S
Socket
N
Normal
X
Pos. X
Y
Pos. Y
Z
Pos. Z
Glenair's right angle 800-032 connectors offer military grade performance in a
small, economical package. Ideal for 100/1000BASE-T or IEEE 1394, these
connectors are rated for MIL-STD-810 Method 512 immersion. Eliminate the
extra labor to install flex or wire jumpers from your board to conventional mil
spec circular connectors.
Series 800 “Mighty Mouse” with UN Mating Thread
Right Angle PCB Receptacle Headers
800-032-07
Rev. 01-FEB-2009


Similar Part No. - 800-032-07NF7-10PN

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
800-032 GLENAIR-800-032 Datasheet
240Kb / 1P
   Right Angle Printed Circuit Board Receptacle Headers
More results

Similar Description - 800-032-07NF7-10PN

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
800-032 GLENAIR-800-032 Datasheet
240Kb / 1P
   Right Angle Printed Circuit Board Receptacle Headers
logo
Dubilier
DBCIDCB7S04AG1 DUBILIER-DBCIDCB7S04AG1 Datasheet
144Kb / 1P
   FEMALE HEADERS FEMALE HEADERS RIGHT ANGLE - 8.4mm PROFILE
logo
PHOENIX CONTACT
1717025 PHOENIX-1717025 Datasheet
267Kb / 12P
   PCB headers
logo
Dubilier
DBCPHC1804AG1-XXX DUBILIER-DBCPHC1804AG1-XXX Datasheet
114Kb / 1P
   PIN HEADERS DUAL ROW RIGHT ANGLE
logo
Tyco Electronics
281698 MACOM-281698 Datasheet
71Kb / 1P
   HEADERS HEI4, SINGLE ROW, RIGHT ANGLE
logo
Dubilier
DBCPHC2206AG1-XXX DUBILIER-DBCPHC2206AG1-XXX Datasheet
137Kb / 1P
   PIN HEADERS TRIPLE ROW RIGHT ANGLE
logo
Winchester Electronics ...
SD353-060-0040H WINCHESTER-SD353-060-0040H Datasheet
82Kb / 1P
   SMA RIGHT ANGLE PCB MOUNT RECEPTACLE
logo
Dubilier
DBCPHC1204AG1-XXX DUBILIER-DBCPHC1204AG1-XXX Datasheet
77Kb / 1P
   PIN HEADERS DUAL ROW RIGHT ANGLE 1.27MM
DBCPHC1010AG1 DUBILIER-DBCPHC1010AG1 Datasheet
103Kb / 1P
   PIN HEADERS SINGLE ROW RIGHT ANGLE 1.27MM
DBCPHC2804AG1-XXX DUBILIER-DBCPHC2804AG1-XXX Datasheet
107Kb / 1P
   PIN HEADERS SINGLE ROW RIGHT ANGLE 2.00mm
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com