Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF28100H Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # UF28100H
Description  RF Power MOSFET Transistor 100W, 100-500 MHz, 28V
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

UF28100H Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  UF28100H Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. UF28100H Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. UF28100H Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
RF Power MOSFET Transistor
100W, 100-500 MHz, 28V
M/A-COM Products
Released - Ver 08.07
UF28100H
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
N-channel enhancement mode device
DMOS structure
Lower capacitances for broadband operation
High saturated output power
Lower noise figure than competitive devices
RoHS Compliant
ABSOLUTE MAXIMUM RATINGS AT 25° C
Parameter
Rating
Drain-Source Voltage
65
Gate-Source Voltage
20
Drain-Source Current
12*
Power Dissipation
250
Junction Temperature
200
Storage Temperature
-55 to +150
Thermal Resistance
0.7
Symbol
VDS
VGS
IDS
PD
TJ
TSTG
θJC
Units
V
V
A
W
°C
°C
°C/W
ELECTRICAL CHARACTERISTICS AT 25°C
Parameter
Symbol
Min
Max
Units
Test Conditions
Drain-Source Breakdown Voltage
BVDSS
65
-
V
VGS = 0.0 V , IDS = 15.0 mA
Drain-Source Leakage Current
IDSS
-
3.0
mA
VGS = 28.0 V , VGS = 0.0 V
Gate-Source Leakage Current
IGSS
-
3.0
µA
VGS = 20.0 V , VDS = 0.0 V
Gate Threshold Voltage
VGS(TH)
2.0
6.0
V
VDS = 10.0 V , IDS = 300.0 mA
Forward Transconductance
GM
1.5
-
S
VDS = 10.0 V , IDS 3000.0 mA , Δ VGS = 1.0V, 80 μs Pulse
Input Capacitance
CISS
-
135
pF
VDS = 28.0 V , F = 1.0 MHz
Output Capacitance
COSS
-
90
pF
VDS = 28.0 V , F = 1.0 MHz
Reverse Capacitance
CRSS
-
24
pF
VDS = 28.0 V , F = 1.0 MHz
Power Gain
GP
10
-
dB
VDD = 28.0 V, IDQ = 600.0 mA, POUT = 100.0 W F =500 MHz
Drain Efficiency
ŋD
50
-
%
VDD = 28.0 V, IDQ = 600.0 mA, POUT = 100.0 W F =500 MHz
Load Mismatch Tolerance
VSWR-T
-
30:1
-
VDD = 28.0 V, IDQ = 600.0 mA, POUT = 100.0 W F =500 MHz
Return Loss
RL
10
-
dB
VDD = 28.0 V, IDQ = 600.0 mA, POUT = 100.0 W F =500 MHz
F (MHz)
ZIN (Ω)
ZLOAD (Ω)
100
4.5-j6.0
14.5+j0.5
300
2.25-j1.75
7.5j1.0
500
1.5+j5.5
3.5+j3.5
VDD=28V, IDQ=600 Ma, POUT =100.0 W
TYPICAL DEVICE IMPEDANCES
ZIN is the series equivalent input impedance of the device from gate to gate.
ZLOAD is the optimum series equivalent load impedance as measured from drain
*Per side
PACKAGE OUTLINE


Similar Part No. - UF28100H

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
UF28100H MACOM-UF28100H Datasheet
192Kb / 3P
   RF MOSFET Power Transistor, 100W, 28V 100 - 500 MHz
logo
M/A-COM Technology Solu...
UF28100H MA-COM-UF28100H Datasheet
235Kb / 3P
   RF Power MOSFET Transistor
UF28100H MA-COM-UF28100H_15 Datasheet
235Kb / 3P
   RF Power MOSFET Transistor
UF28100H MA-COM-UF28100H_17 Datasheet
661Kb / 4P
   RF Power MOSFET Transistor
More results

Similar Description - UF28100H

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
UF28100H MACOM-UF28100H Datasheet
192Kb / 3P
   RF MOSFET Power Transistor, 100W, 28V 100 - 500 MHz
logo
M/A-COM Technology Solu...
UF28100V MA-COM-UF28100V Datasheet
224Kb / 3P
   RF Power MOSFET Transistor 100W, 100-500 MHz, 28V
UF28100M MA-COM-UF28100M Datasheet
235Kb / 3P
   RF Power MOSFET Transistor 100W, 100-500 MHz, 28V
UF2805B MA-COM-UF2805B Datasheet
210Kb / 3P
   RF Power MOSFET Transistor 5W, 100-500 MHz, 28V
UF2820P MA-COM-UF2820P Datasheet
205Kb / 3P
   RF Power MOSFET Transistor 20W, 100-500 MHz, 28V
UF2820R MA-COM-UF2820R Datasheet
221Kb / 3P
   RF Power MOSFET Transistor 20W, 100-500 MHz, 28V
logo
Tyco Electronics
UF281OOV MACOM-UF281OOV Datasheet
214Kb / 3P
   RF MOSFET Power Transistor, IOOW, 28V 100 - 500 MHz
UF2840G MACOM-UF2840G Datasheet
197Kb / 3P
   RF MOSFET Power Transistor, 4OW, 28V 100 - 500 MHz
UF284OP MACOM-UF284OP Datasheet
209Kb / 3P
   RF MOSFET Power Transistor, 4OW, 28V 100 - 500 MHz
logo
M/A-COM Technology Solu...
UF2810P MA-COM-UF2810P Datasheet
218Kb / 2P
   RF Power MOSFET Transistor 10W, 100-500 MHz, 28V
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com