Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADXL327 Datasheet(PDF) 11 Page - Analog Devices

Part # ADXL327
Description  Small, Low Power, 3-Axis 짹2 g Accelerometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL327 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADXL327 Datasheet HTML 7Page - Analog Devices ADXL327 Datasheet HTML 8Page - Analog Devices ADXL327 Datasheet HTML 9Page - Analog Devices ADXL327 Datasheet HTML 10Page - Analog Devices ADXL327 Datasheet HTML 11Page - Analog Devices ADXL327 Datasheet HTML 12Page - Analog Devices ADXL327 Datasheet HTML 13Page - Analog Devices ADXL327 Datasheet HTML 14Page - Analog Devices ADXL327 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADXL327
Rev. 0 | Page 11 of 16
APPLICATIONS INFORMATION
POWER SUPPLY DECOUPLING
For most applications, a single 0.1 μF capacitor, CDC, placed
close to the ADXL327 supply pins adequately decouples the
accelerometer from noise on the power supply. However, in
applications where noise is present at the 50 kHz internal clock
frequency (or any harmonic thereof), additional care in power
supply bypassing is required because this noise can cause errors
in acceleration measurement. If additional decoupling is needed, a
100 Ω (or smaller) resistor or ferrite bead can be inserted in the
supply line. Additionally, a larger bulk bypass capacitor (1 μF or
greater) can be added in parallel to CDC. Ensure that the
connection from the ADXL327 ground to the power supply
ground is low impedance because noise transmitted through
ground has a similar effect as noise transmitted through VS.
SETTING THE BANDWIDTH USING CX, CY, AND CZ
The ADXL327 has provisions for band limiting the XOUT,
YOUT, and ZOUT pins. Capacitors must be added at these pins to
implement low-pass filtering for antialiasing and noise reduction.
The 3 dB bandwidth equation is
f−3 dB = 1/(2π(32 kΩ) × C(X, Y, Z))
or more simply
f–3 dB = 5 μF/C(X, Y, Z)
The tolerance of the internal resistor (RFILT) typically varies as
much as ±15% of its nominal value (32 kΩ), and the bandwidth
varies accordingly. A minimum capacitance of 0.0047 μF for CX,
CY, and CZ is recommended in all cases.
Table 4. Filter Capacitor Selection, CX, CY, and CZ
Bandwidth (Hz)
Capacitor (μF)
1
4.7
10
0.47
50
0.10
100
0.05
200
0.027
500
0.01
SELF TEST
The ST pin controls the self test feature. When this pin is set to
VS, an electrostatic force is exerted on the accelerometer beam.
The resulting movement of the beam allows the user to test
whether the accelerometer is functional. The typical change in
output is −1.08 g (corresponding to −450 mV) in the X axis,
+1.08 g (+450 mV) on the Y axis, and +1.83 g (+770 mV) on
the Z axis. This ST pin can be left open circuit or connected to
common (COM) in normal use.
Never expose the ST pin to voltages greater than VS + 0.3 V. If
this cannot be guaranteed due to the system design (for instance,
there are multiple supply voltages), then a low VF clamping
diode between ST and VS is recommended.
DESIGN TRADE-OFFS FOR SELECTING FILTER
CHARACTERISTICS: THE NOISE/BW TRADE-OFF
The selected accelerometer bandwidth ultimately determines
the measurement resolution (smallest detectable acceleration).
Filtering can be used to lower the noise floor to improve the
resolution of the accelerometer. Resolution is dependent on the
analog filter bandwidth at XOUT, YOUT, and ZOUT.
The output of the ADXL327 has a typical bandwidth greater than
500 Hz. The user must filter the signal at this point to limit
aliasing errors. The analog bandwidth must be no more than
half the analog-to-digital sampling frequency to minimize
aliasing. The analog bandwidth can be further decreased to
reduce noise and improve resolution.
The ADXL327 noise has the characteristics of white Gaussian
noise, which contributes equally at all frequencies and is described
in terms of μg/√Hz (the noise is proportional to the square root
of the accelerometer bandwidth). The user should limit bandwidth
to the lowest frequency needed by the application to maximize the
resolution and dynamic range of the accelerometer.
With the single-pole roll-off characteristic, the typical noise of
the ADXL327 is determined by
rms Noise = Noise Density ×
)
1.6
(
×
BW
Often, the peak value of the noise is desired. Peak-to-peak noise
can only be estimated by statistical methods. Table 5 is useful
for estimating the probabilities of exceeding various peak
values, given the rms value.
Table 5. Estimation of Peak-to-Peak Noise
Peak-to-Peak Value
% of Time That Noise Exceeds
Nominal Peak-to-Peak Value
2 × rms
32
4 × rms
4.6
6 × rms
0.27
8 × rms
0.006
USE WITH OPERATING VOLTAGES OTHER THAN 3 V
The ADXL327 is tested and specified at VS = 3 V; however, it can be
powered with VS as low as 1.8 V or as high as 3.6 V. Note that some
performance parameters change as the supply voltage is varied.
The ADXL327 output is ratiometric; therefore, the output
sensitivity (or scale factor) varies proportionally to the supply
voltage. At VS = 3.6 V, the output sensitivity is typically 500 mV/g.
At VS = 2 V, the output sensitivity is typically 289 mV/g.
The zero g bias output is also ratiometric; therefore, the zero g
output is nominally equal to VS/2 at all supply voltages.
The output noise is not ratiometric but is absolute in volts;
therefore, the noise density decreases as the supply voltage
increases. This is because the scale factor (mV/g) increases while
the noise voltage remains constant. At VS = 3.6 V, the X- and Y-
axis noise density is typically 200 μg/√Hz, while at VS = 2 V, the
X- and Y-axis noise density is typically 300 μg/√Hz.


Similar Part No. - ADXL327

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL320 AD-ADXL320 Datasheet
412Kb / 16P
   Small and Thin 5 g Accelerometer
REV. 0
ADXL320EB AD-ADXL320EB Datasheet
412Kb / 16P
   Small and Thin 5 g Accelerometer
REV. 0
ADXL320JCP-REEL AD-ADXL320JCP-REEL Datasheet
412Kb / 16P
   Small and Thin 5 g Accelerometer
REV. 0
ADXL320JCP-REEL7 AD-ADXL320JCP-REEL7 Datasheet
412Kb / 16P
   Small and Thin 5 g Accelerometer
REV. 0
ADXL320JCP1 AD-ADXL320JCP1 Datasheet
412Kb / 16P
   Small and Thin 5 g Accelerometer
REV. 0
More results

Similar Description - ADXL327

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL377BCPZ-RL7 AD-ADXL377BCPZ-RL7 Datasheet
261Kb / 12P
   Small, Low Power, 3-Axis 200 g Accelerometer
REV. 0
ADXL335 AD-ADXL335_10 Datasheet
430Kb / 16P
   Small, Low Power, 3-Axis 짹3 g Accelerometer
REV. B
ADXL335 AD-ADXL335 Datasheet
130Kb / 11P
   Small, Low Power, 3-Axis 짹3 g Accelerometer
Rev. PrA
ADXL325 AD-ADXL325 Datasheet
309Kb / 16P
   Small, Low Power, 3-Axis 짹5 g Accelerometer
REV. 0
ADXL326 AD-ADXL326 Datasheet
308Kb / 16P
   Small, Low Power, 3-Axis 짹16 g Accelerometer
REV. 0
ADXL377BCPZ-RL7 AD-ADXL377BCPZ-RL7 Datasheet
261Kb / 12P
   Small, Low Power, 3-Axis 200 g Accelerometer
Rev. 0
ADXL330 AD-ADXL330_15 Datasheet
490Kb / 16P
   Small, Low Power, 3-Axis 3 g iMEMS Accelerometer
ADXL311 AD-ADXL311 Datasheet
419Kb / 12P
   Low Cost, Ultracompact 짹2 g Dual-Axis Accelerometer
REV. A
ADXL316 AD-ADXL316 Datasheet
277Kb / 14P
   Small, Low Power, 3-Axis plus minus16 g Accelerometer
ADXL346 AD-ADXL346 Datasheet
688Kb / 32P
   3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g Ultralow Power Digital Accelerometer
Rev. PrC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com