Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

940L006M24G Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 940L006M24G
Description  Connector Savers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

940L006M24G Datasheet(HTML) 1 Page - Glenair, Inc.

  940L006M24G Datasheet HTML 1Page - Glenair, Inc. 940L006M24G Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
G-20
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2004 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
Metric Dimensions (mm) are indicated in parentheses.
B
EMI Ground Spring
(Optional)
Interfacial Seal
1.750
(44.5)
MAX
RECEPTACLE END
LOCK RING
(Optional)
PLUG END
A
94 0 L 006 M 16 G 24 P N 131
Series No.
Class
0 = General Duty
1 = Environmental
2 = Hi Rel
L = Lock Ring (Optional)
- = Standard
Basic Part No.
Finish Symbol
(See Page G-6)
Modification Code* (Omit for None)
Alternate Position
1 thru 10 - (N = Normal)
P = Pins, Plug Side
S = Sockets, Plug Side
Insert Arrangement
G = EMI Ground Spring (Optional)
- = Standard
Shell Size
Sav-Con® Connector Savers
MIL-DTL-83723 Series III, Bayonet Coupling
*Add Modification Code 131 for Dry Lubricant on inside surfaces of Coupling Nut.
May not be suitable for space applications.
Shell
Size
08
10
12
14
16
18
20
22
24
A
Max
.536 (13.6)
.659 (16.7)
.829 (21.1)
.898 (22.8)
1.025 (26.0)
1.131 (28.7)
1.256 (31.9)
1.381 (35.1)
1.506 (38.3)
B
Max
.776 (19.7)
.906 (23.0)
1.078 (27.4)
1.141 (29.0)
1.266 (32.2)
1.375 (34.9)
1.510 (38.4)
1.625 (41.3)
1.760 (44.7)
TABLE I


Similar Part No. - 940L006M24G

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
940L004M08GP GLENAIR-940L004M08GP Datasheet
139Kb / 2P
   Connector Savers
940L004M08GS GLENAIR-940L004M08GS Datasheet
139Kb / 2P
   Connector Savers
940L004M10GP GLENAIR-940L004M10GP Datasheet
139Kb / 2P
   Connector Savers
940L004M10GS GLENAIR-940L004M10GS Datasheet
139Kb / 2P
   Connector Savers
940L004M12GP GLENAIR-940L004M12GP Datasheet
139Kb / 2P
   Connector Savers
More results

Similar Description - 940L006M24G

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
940L004M08GP GLENAIR-940L004M08GP Datasheet
139Kb / 2P
   Connector Savers
941-021NF2520 GLENAIR-941-021NF2520 Datasheet
95Kb / 2P
   Connector Savers
941-011NF08S GLENAIR-941-011NF08S Datasheet
101Kb / 2P
   Connector Savers
941-005 GLENAIR-941-005 Datasheet
204Kb / 3P
   Connector Savers
233-213 GLENAIR-233-213 Datasheet
240Kb / 3P
   connector savers
801-091 GLENAIR-801-091 Datasheet
169Kb / 1P
   connector savers
941-003 GLENAIR-941-003 Datasheet
208Kb / 2P
   connector savers
940-025 GLENAIR-940-025 Datasheet
187Kb / 2P
   connector savers
941-021 GLENAIR-941-021 Datasheet
218Kb / 3P
   Connector Savers
940-014 GLENAIR-940-014 Datasheet
155Kb / 2P
   connector savers
941-011 GLENAIR-941-011 Datasheet
189Kb / 3P
   connector savers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com