Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADT7310TRZ-REEL Datasheet(PDF) 4 Page - Analog Devices

Part # ADT7310TRZ-REEL
Description  짹0.5째C Accurate, 16-Bit Digital SPI Temperature Sensor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7310TRZ-REEL Datasheet(HTML) 4 Page - Analog Devices

  ADT7310TRZ-REEL Datasheet HTML 1Page - Analog Devices ADT7310TRZ-REEL Datasheet HTML 2Page - Analog Devices ADT7310TRZ-REEL Datasheet HTML 3Page - Analog Devices ADT7310TRZ-REEL Datasheet HTML 4Page - Analog Devices ADT7310TRZ-REEL Datasheet HTML 5Page - Analog Devices ADT7310TRZ-REEL Datasheet HTML 6Page - Analog Devices ADT7310TRZ-REEL Datasheet HTML 7Page - Analog Devices ADT7310TRZ-REEL Datasheet HTML 8Page - Analog Devices ADT7310TRZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ADT7310
Rev. 0 | Page 4 of 24
SPI TIMING SPECIFICATIONS
TA = −55°C to +150°C, VDD = 2.7 V to 5.5 V, unless otherwise noted. All input signals are specified with rise time (tR) = fall time (tF) = 5 ns
(10% to 90% of VDD) and timed from a voltage level of 1.6 V.
Table 2.
Parameter1, 2
Limit at TMIN, TMAX (B Version)
Unit
Conditions/Comments
t1
0
ns min
CS falling edge to SCLK active edge setup time3
t2
100
ns min
SCLK high pulse width
t3
100
ns min
SCLK low pulse width
t4
30
ns min
Data valid to SCLK edge setup time
t5
25
ns min
Data valid to SCLK edge hold time
t6
0
ns min
SCLK active edge to data valid delay3
60
ns max
VDD = 4.5 V to 5.5 V
80
ns max
VDD = 2.7 V to 3.6 V
t74
10
ns min
Bus relinquish time after CS inactive edge
80
ns max
t8
0
ns min
CS rising edge to SCLK edge hold time
t9
0
ns min
CS falling edge to DOUT active time
60
ns max
VDD = 4.5 V to 5.5 V
80
ns max
VDD = 2.7 V to 3.6 V
t10
10
ns min
SCLK inactive edge to DOUT high
1 Sample tested during initial release to ensure compliance. All input signals are specified with tR = tF = 5 ns (10% to 90% of VDD) and timed from a voltage level of 1.6 V.
2 See Figure 2.
3 SCLK active edge is falling edge of SCLK.
4 This means that the times quoted in the timing characteristics are the true bus relinquish times of the part and, as such, are independent of external bus loading
capacitances.
CS
SCLK
DIN
DOUT
t1
1
8
7
MSB
LSB
23
MSB
LSB
12
7
8
t2
t4
t5
t3
t6
t7
t8
t9
t10
Figure 2. Detailed SPI Timing Diagram
1.6V
10pF
TO
OUTPUT
PIN
ISINK (1.6mA WITH VDD = 5V,
100µA WITH VDD = 3V)
ISOURCE (200µA WITH VDD =5V,
100µA WITH VDD = 3V)
Figure 3. Load Circuit for Timing Characterization


Similar Part No. - ADT7310TRZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7310TRZ-REEL AD-ADT7310TRZ-REEL Datasheet
442Kb / 25P
   16-Bit Digital SPI Temperature Sensor
ADT7310TRZ-REEL7 AD-ADT7310TRZ-REEL7 Datasheet
442Kb / 25P
   16-Bit Digital SPI Temperature Sensor
More results

Similar Description - ADT7310TRZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7410 AD-ADT7410 Datasheet
452Kb / 24P
   짹0.5째C Accurate, 16-Bit Digital I2C Temperature Sensor
REV. 0
logo
ATMEL Corporation
AT30TS01 ATMEL-AT30TS01 Datasheet
850Kb / 30P
   짹0.5째C Accurate, 1.7V Digital Temperature Sensor
logo
Analog Devices
ADT7320 AD-ADT7320_11 Datasheet
423Kb / 24P
   짹0.25째C Accurate, 16-Bit Digital SPI Temperature Sensor
REV. 0
ADT7320 AD-ADT7320 Datasheet
275Kb / 24P
   짹0.25째C Accurate, 16-Bit Digital SPI Temperature Sensor
Rev. PrA
logo
ATMEL Corporation
AT30TS75 ATMEL-AT30TS75 Datasheet
309Kb / 37P
   9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor
AT30TS75A ATMEL-AT30TS75A Datasheet
1Mb / 37P
   9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor
logo
Analog Devices
ADT7310 AD-ADT7310_17 Datasheet
442Kb / 25P
   16-Bit Digital SPI Temperature Sensor
ADT7311 AD-ADT7311 Datasheet
425Kb / 25P
   16-Bit Digital SPI Temperature Sensor
ADT7320 AD-ADT7320_17 Datasheet
485Kb / 25P
   16-Bit Digital SPI Temperature Sensor
ADT7420 AD-ADT7420_12 Datasheet
419Kb / 24P
   짹0.25째C Accurate, 16-Bit Digital I2C Temperature Sensor
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com