Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

940L004M18GP Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 940L004M18GP
Description  Connector Savers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

940L004M18GP Datasheet(HTML) 2 Page - Glenair, Inc.

  940L004M18GP Datasheet HTML 1Page - Glenair, Inc. 940L004M18GP Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
G-15
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2004 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
Sav-Con® Connector Savers
MIL-DTL-38999 Series II
C
D
N
A
B
FACE VIEW
RECEPTACLE
C
L
28° BSC
37°
BSC
100°
BSC
MASTER KEY POSITION
NORMAL
100°
79°
66°
134°
121°
10
8
12
14
16
18
24
20
22
Insert
Arrangement
Dash No.
8-3
8-35
8-97
8-98
10-5
10-35
10-98
10-99
12-3
12-4
12-8
12-35
12-98
14-5
14-15
14-18
14-19
14-35
14-97
16-6
16-8
16-26
16-42
16-35
16-99
18-11
18-28
18-30
18-32
18-35
18-45
18-96
20-16
20-24
20-25
20-35
20-39
20-41
22-21
22-32
22-34
22-35
22-36
22-53
22-55
22-97
22-99
24-4
24-19
24-24
24-29
24-35
24-61
Do
118
114
120
121
118
118
115
115
Shell
Size
Desig
22
6
2
13
22
37
42
55
66
67
79
100
128
20
3
2
3
5
6
7
8
10
14
18
19
8
26
21
26
29
32
24
25
37
41
32
34
36
53
55
48
61
16
3
4
5
1
4
8
2
11
2
1
16
2
21
16
11
8
12
29
Contact Size:
Quantity
Ao
82
86
80
79
82
82
85
85
Bo
-
72
68
66
70
70
74
74
Alternate Keyway
Positions
12
6
9
19
12
Insert Arrangements
Co
-
128
132
134
130
130
126
125


Similar Part No. - 940L004M18GP

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
940L004M16G35PA131 GLENAIR-940L004M16G35PA131 Datasheet
139Kb / 2P
   Sav-Con짰 Connector Savers
More results

Similar Description - 940L004M18GP

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
941-021NF2520 GLENAIR-941-021NF2520 Datasheet
95Kb / 2P
   Connector Savers
941-011NF08S GLENAIR-941-011NF08S Datasheet
101Kb / 2P
   Connector Savers
941-005 GLENAIR-941-005 Datasheet
204Kb / 3P
   Connector Savers
233-213 GLENAIR-233-213 Datasheet
240Kb / 3P
   connector savers
801-091 GLENAIR-801-091 Datasheet
169Kb / 1P
   connector savers
941-003 GLENAIR-941-003 Datasheet
208Kb / 2P
   connector savers
940-025 GLENAIR-940-025 Datasheet
187Kb / 2P
   connector savers
941-021 GLENAIR-941-021 Datasheet
218Kb / 3P
   Connector Savers
940-014 GLENAIR-940-014 Datasheet
155Kb / 2P
   connector savers
941-011 GLENAIR-941-011 Datasheet
189Kb / 3P
   connector savers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com