Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADT7410 Datasheet(PDF) 1 Page - Analog Devices

Part # ADT7410
Description  짹0.5째C Accurate, 16-Bit Digital I2C Temperature Sensor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7410 Datasheet(HTML) 1 Page - Analog Devices

  ADT7410 Datasheet HTML 1Page - Analog Devices ADT7410 Datasheet HTML 2Page - Analog Devices ADT7410 Datasheet HTML 3Page - Analog Devices ADT7410 Datasheet HTML 4Page - Analog Devices ADT7410 Datasheet HTML 5Page - Analog Devices ADT7410 Datasheet HTML 6Page - Analog Devices ADT7410 Datasheet HTML 7Page - Analog Devices ADT7410 Datasheet HTML 8Page - Analog Devices ADT7410 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
±0.5°C Accurate, 16-Bit Digital
I2C Temperature Sensor
ADT7410
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
13- or 16-bit user selectable temperature-to-digital converter
Temperature accuracy: ±0.5°C from −40°C to +105°C
No temperature calibration/correction required by user
Power saving 1 sample per second (SPS) mode
Fast first conversion on power-up of 6 ms
I2C-compatible interface
Operating temperature: −55°C to +150°C
Operating voltage: 2.7 V to 5.5 V
Critical overtemperature indicator
Programmable overtemperature/undertemperature interrupt
Low power consumption: 700 μW typical at 3.3 V
Shutdown mode for lower power: 7 μW typical at 3.3 V
8-lead narrow SOIC RoHS-compliant package
APPLICATIONS
Medical equipment
Environmental control systems
Computer thermal monitoring
Thermal protection
Industrial process control
Power system monitors
Hand-held applications
GENERAL DESCRIPTION
The ADT7410 is a high accuracy digital temperature sensor
in a narrow SOIC package. It contains a band gap temperature
reference and a 13 bit ADC to monitor and digitize the temper-
ature to a 0.0625°C resolution. The ADC resolution, by default,
is set to 13 bits (0.0625°C). This can be changed to 16 bits
(0.0078°C) by setting Bit 7 in the configuration register
(Register Address 0x03).
The ADT7410 is guaranteed to operate over supply voltages from
2.7 V to 5.5 V. Operating at 3.3 V, the average supply current is typi-
cally 210 μA. The ADT7410 has a shutdown mode that powers
down the device and offers a shutdown current of typically 2 μA.
The ADT7410 is rated for operation over the −55°C to +150°C
temperature range.
Pin A0 and Pin A1 are available for address selection, giving the
ADT7410 four possible I2C® addresses. The CT pin is an open-
drain output that becomes active when the temperature exceeds
a programmable critical temperature limit. The default critical
temperature limit is 147°C. The INT pin is also an open-drain
output that becomes active when the temperature exceeds a
programmable limit. The INT and CT pins can operate in either
comparator or interrupt mode.
FUNCTIONAL BLOCK DIAGRAM
TEMPERATURE
VALUE
REGISTER
CONFIGURATION
REGISTER
THYST
REGISTER
TLOW
REGISTER
THIGH
REGISTER
TCRIT
REGISTER
POINTER
REGISTER
INTERNAL
REFERENCE
8
7
TEMPERATURE
SENSOR
THIGH
TCRIT
TLOW
INTERNAL
OSCILLATOR
FILTER
LOGIC
Σ-Δ
MODULATOR
VDD
GND
6
5
CT
INT
3
4
A0
A1
1
2
SCL
SDA
I2C INTERFACE
ADT7410
Figure 1.


Similar Part No. - ADT7410

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7410 AD-ADT7410 Datasheet
487Kb / 25P
   16-Bit Digital I2C Temperature Sensor
ADT7410TRZ AD-ADT7410TRZ Datasheet
487Kb / 25P
   16-Bit Digital I2C Temperature Sensor
ADT7410TRZ-REEL AD-ADT7410TRZ-REEL Datasheet
487Kb / 25P
   16-Bit Digital I2C Temperature Sensor
ADT7410TRZ-REEL7 AD-ADT7410TRZ-REEL7 Datasheet
487Kb / 25P
   16-Bit Digital I2C Temperature Sensor
ADT7410 AD-ADT7410_17 Datasheet
487Kb / 25P
   16-Bit Digital I2C Temperature Sensor
More results

Similar Description - ADT7410

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7310 AD-ADT7310 Datasheet
455Kb / 24P
   짹0.5째C Accurate, 16-Bit Digital SPI Temperature Sensor
REV. 0
logo
ATMEL Corporation
AT30TS01 ATMEL-AT30TS01 Datasheet
850Kb / 30P
   짹0.5째C Accurate, 1.7V Digital Temperature Sensor
logo
Analog Devices
ADT7420 AD-ADT7420_12 Datasheet
419Kb / 24P
   짹0.25째C Accurate, 16-Bit Digital I2C Temperature Sensor
REV. 0
ADT7420 AD-ADT7420 Datasheet
384Kb / 24P
   짹0.25째C Accurate, 16-Bit Digital I2C Temperature Sensor
Rev. PrA
logo
ATMEL Corporation
AT30TS75 ATMEL-AT30TS75 Datasheet
309Kb / 37P
   9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor
AT30TS75A ATMEL-AT30TS75A Datasheet
1Mb / 37P
   9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor
logo
Maxim Integrated Produc...
MAX30208 MAXIM-MAX30208 Datasheet
739Kb / 29P
   -0.1C Accurate, I2C Digital Temperature Sensor
Rev 1; 5/20
logo
Analog Devices
ADT7410 AD-ADT7410_17 Datasheet
487Kb / 25P
   16-Bit Digital I2C Temperature Sensor
logo
ATMEL Corporation
AT30TSE752A ATMEL-AT30TSE752A_14 Datasheet
1Mb / 57P
   9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor with Nonvolatile Registers
logo
Analog Devices
ADT7320 AD-ADT7320 Datasheet
275Kb / 24P
   짹0.25째C Accurate, 16-Bit Digital SPI Temperature Sensor
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com