Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADN4666ARUZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADN4666ARUZ
Description  3 V, LVDS, Quad CMOS Differential Line Receiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4666ARUZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADN4666ARUZ Datasheet HTML 4Page - Analog Devices ADN4666ARUZ Datasheet HTML 5Page - Analog Devices ADN4666ARUZ Datasheet HTML 6Page - Analog Devices ADN4666ARUZ Datasheet HTML 7Page - Analog Devices ADN4666ARUZ Datasheet HTML 8Page - Analog Devices ADN4666ARUZ Datasheet HTML 9Page - Analog Devices ADN4666ARUZ Datasheet HTML 10Page - Analog Devices ADN4666ARUZ Datasheet HTML 11Page - Analog Devices ADN4666ARUZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ADN4666
Rev. 0 | Page 9 of 12
THEORY OF OPERATION
The ADN4666 is a quad-channel line receiver for low voltage
differential signaling (LVDS). It takes a differential input signal
of 350 mV typical and converts it into a single-ended, 3 V TTL/
CMOS logic signal.
A differential current input signal, received via a transmission
medium such as a twisted pair cable, develops a voltage across
a termination resistor, RT. This resistor is chosen to match the
characteristic impedance of the medium, typically around 100 Ω.
The differential voltage is detected by the receiver and converted
back into a single-ended logic signal.
When the noninverting receiver input, RINx+, is positive with respect
to the inverting input, RINx− (that is, when current flows through
RT from RINx+ to RINx−), ROUTx is high. When the noninverting
receiver input, RINx+, is negative with respect to the inverting
input, RINx− (that is, when current flows through RT from RINx−
to RINx+), ROUTx is low.
Using the ADN4665 as a driver, the received differential current
is between ±2.5 mA and ±4.5 mA (±3.5 mA typical), developing
between ±250 mV and ±450 mV across a 100 Ω termination
resistor. The received voltage is centered around the receiver
offset of 1.2 V. Therefore, the noninverting receiver input is
typically 1.375 V (that is, 1.2 V + [350 mV/2]) and the inverting
receiver input is 1.025 V (that is, 1.2 V − [350 mV/2]) for a
Logic 1. For a Logic 0, the inverting and noninverting input
voltages are reversed. Note that because the differential voltage
reverses polarity, the peak-to-peak voltage swing across RT is
twice the differential voltage.
Current-mode drivers offer considerable advantages over voltage-
mode drivers, such as the RS-422 drivers. The operating current
remains fairly constant with increased switching frequency,
whereas the operating current of voltage-mode drivers increases
exponentially in most cases. This increase is caused by the overlap
as internal gates switch between high and low, causing currents
to flow from VCC to ground. A current-mode device reverses a
constant current between its two outputs, with no significant
overlap currents.
This is similar to emitter-coupled logic (ECL) and positive emitter-
coupled logic (PECL), but without the high quiescent current of
ECL and PECL.
ENABLE INPUTS
The ADN4666 has active high and active low enable inputs that
put all the logic outputs into a high impedance state when disabled,
reducing device current consumption from 10 mA typical to 3 mA
typical. See Table 5 for a truth table of the enable inputs.
Table 5. Enable Inputs Truth Table
Pin Logic Level
EN
EN
RINx+
RINx−
ROUTx
Low
High
X1
X1
High-Z
Low
Low
1.025 V
1.375 V
0
Low
Low
1.375 V
1.025 V
1
High
Low
1.025 V
1.375 V
0
High
Low
1.375 V
1.025 V
1
1 X = don’t care.
APPLICATIONS INFORMATION
Figure 12 shows a typical application for point-to-point data
transmission using the ADN4665 as the driver and the
ADN4666 as the receiver.
1/4 ADN4666
1/4 ADN4665
EN
EN
DOUTx+
DOUTx–
ROUTx
DINx
RINx+
RINx–
GND
GND
RT
100
EN
EN
Figure 12. Typical Application Circuit


Similar Part No. - ADN4666ARUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4666 AD-ADN4666 Datasheet
593Kb / 12P
   LVDS and M-LVDS Circuit Implementation Guide
REV. 0
More results

Similar Description - ADN4666ARUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4668ARZ AD-ADN4668ARZ Datasheet
286Kb / 12P
   3 V LVDS Quad CMOS Differential Line Receiver
REV. A
ADN4668 AD-ADN4668 Datasheet
306Kb / 12P
   3 V LVDS Quad CMOS Differential Line Receiver
REV. 0
ADN4668 AD-ADN4668_V01 Datasheet
286Kb / 12P
   3 V LVDS Quad CMOS Differential Line Receiver
Rev. A
logo
Texas Instruments
DS90LV048A TI1-DS90LV048A_16 Datasheet
1Mb / 22P
[Old version datasheet]   3-V LVDS Quad CMOS Differential Line Receiver
logo
National Semiconductor ...
MNDS90C032-X-RH NSC-MNDS90C032-X-RH Datasheet
281Kb / 10P
   LVDS Quad CMOS Differential Line Receiver
logo
Texas Instruments
DS90C032QML TI1-DS90C032QML_13 Datasheet
722Kb / 19P
[Old version datasheet]   LVDS Quad CMOS Differential Line Receiver
DS90C032B TI1-DS90C032B Datasheet
1Mb / 16P
[Old version datasheet]   LVDS Quad CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90C032 NSC-DS90C032_07 Datasheet
352Kb / 12P
   LVDS Quad CMOS Differential Line Receiver
DS90C032 NSC-DS90C032 Datasheet
231Kb / 12P
   LVDS Quad CMOS Differential Line Receiver
DS90C032B NSC-DS90C032B Datasheet
160Kb / 9P
   LVDS Quad CMOS Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com