Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADN2872 Datasheet(PDF) 6 Page - Analog Devices

Part # ADN2872
Description  3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2872 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADN2872 Datasheet HTML 2Page - Analog Devices ADN2872 Datasheet HTML 3Page - Analog Devices ADN2872 Datasheet HTML 4Page - Analog Devices ADN2872 Datasheet HTML 5Page - Analog Devices ADN2872 Datasheet HTML 6Page - Analog Devices ADN2872 Datasheet HTML 7Page - Analog Devices ADN2872 Datasheet HTML 8Page - Analog Devices ADN2872 Datasheet HTML 9Page - Analog Devices ADN2872 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADN2872
Rev. 0 | Page 6 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
19
24
18
1
12
7
13
6
FAIL
IBMON
ERREF
IMMON
ERSET
VCC
CCBIAS
PAVSET
VCC
PAVREF
RPAV
GND
ADN2872
TOP VIEW
(Not to Scale)
NOTES
1. THE LFCSP PACKAGE HAS AN EXPOSED PADDLE THAT
MUST BE CONNECTED TO GROUND.
Figure 5. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
CCBIAS
Control Output Current.
2
PAVSET
Average Optical Power Set Pin.
3
GND
Supply Ground.
4
VCC
Supply Voltage.
5
PAVREF
Reference Voltage Input for Average Optical Power Control.
6
RPAV
Average Power Resistor when Using PAVREF.
7
ERCAP
Extinction Ratio Loop Capacitor.
8
PAVCAP
Average Power Loop Capacitor.
9
GND
Supply Ground.
10
DATAP
Data, Positive Differential Input.
11
DATAN
Data, Negative Differential Input.
12
ALS
Automatic Laser Shutdown.
13
ERSET
Extinction Ratio Set Pin.
14
IMMON
Modulation Current Monitor Current Source.
15
ERREF
Reference Voltage Input for Extinction Ratio Control.
16
VCC
Supply Voltage.
17
IBMON
Bias Current Monitor Current Source.
18
FAIL
FAIL Alarm Output.
19
GND
Supply Ground.
20
VCC
Supply Voltage.
21
IMODP
Modulation Current Positive Output (Current Sink), Connect to Laser Diode.
22
IMODN
Modulation Current Negative Output (Current Sink).
23
GND
Supply Ground.
24
IBIAS
Laser Diode Bias (Current Sink to Ground).
25 (EPAD)
Exposed Paddle (EPAD)
The LFCSP package has an exposed paddle that must be connected to ground.


Similar Part No. - ADN2872

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2870 AD-ADN2870 Datasheet
764Kb / 20P
   3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
ADN2870ACPZ AD-ADN2870ACPZ Datasheet
764Kb / 20P
   3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
ADN2870ACPZ-RL AD-ADN2870ACPZ-RL Datasheet
764Kb / 20P
   3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
ADN2870ACPZ-RL7 AD-ADN2870ACPZ-RL7 Datasheet
764Kb / 20P
   3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
ADN2870 AD-ADN2870_15 Datasheet
705Kb / 20P
   3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. A
More results

Similar Description - ADN2872

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2870 AD-ADN2870 Datasheet
764Kb / 20P
   3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
ADN2847 AD-ADN2847_15 Datasheet
502Kb / 16P
   3.3 V Dual-Loop 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. B
ADN2870 AD-ADN2870_15 Datasheet
705Kb / 20P
   3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. A
ADN2847 AD-ADN2847 Datasheet
1Mb / 12P
   3 V Dual-Loop 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
ADN2848 AD-ADN2848_15 Datasheet
347Kb / 12P
   3.3 V Dual-Loop 50 Mbps to 1.25 Gbps Laser Diode Driver
REV. B
ADN2871 AD-ADN2871_15 Datasheet
768Kb / 20P
   3.3 V, 50 Mbps to 4.25 Gbps, Single-Loop, Laser Diode Driver
REV. A
ADN2871 AD-ADN2871 Datasheet
797Kb / 20P
   3.3 V, 50 Mbps to 4.25 Gbps Single-Loop Laser Diode Driver
REV. 0
ADN2873 AD-ADN2873 Datasheet
625Kb / 20P
   3.3 V, 50 Mbps to 4.25 Gbps, Single-Loop, Laser Diode Driver
REV. 0
ADN2841 AD-ADN2841_15 Datasheet
346Kb / 16P
   Dual-Loop, 50 Mbps to 2.7 Gbps Laser Diode Driver
REV. B
ADN2848 AD-ADN2848 Datasheet
254Kb / 12P
   3 V Dual-Loop 50 Mbps to 1.25 Gbps Laser Diode Driver
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com