Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM2914-2ARQZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADM2914-2ARQZ
Description  Quad UV/OV Positive/Negative Voltage Supervisor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2914-2ARQZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADM2914-2ARQZ Datasheet HTML 5Page - Analog Devices ADM2914-2ARQZ Datasheet HTML 6Page - Analog Devices ADM2914-2ARQZ Datasheet HTML 7Page - Analog Devices ADM2914-2ARQZ Datasheet HTML 8Page - Analog Devices ADM2914-2ARQZ Datasheet HTML 9Page - Analog Devices ADM2914-2ARQZ Datasheet HTML 10Page - Analog Devices ADM2914-2ARQZ Datasheet HTML 11Page - Analog Devices ADM2914-2ARQZ Datasheet HTML 12Page - Analog Devices ADM2914-2ARQZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADM2914
Rev. 0 | Page 9 of 16
MONITORING PIN CONNECTIONS
Positive Voltage Monitoring Scheme
When monitoring a positive supply, the desired nominal
operating voltage for monitoring is denoted by VM, IM is the
nominal current through the resistor divider, VOV is the
overvoltage trip point, and VUV is the undervoltage trip point.
0.5V
UVx
VHx
VM
VLx
OVx
ADM2914
RX
VPH
VPL
RZ
RY
Figure 17. Positive Undervoltage/Overvoltage Monitoring Configuration
Figure 17 illustrates the positive voltage monitoring input connec-
tion. Three external resistors, RX, RY, and RZ, divide the positive
voltage for monitoring, VM, into high-side voltage, VPH, and
low-side voltage, VPL. The high-side voltage is connected to the
corresponding VHx pin, and the low-side voltage is connected
to the corresponding VLx pin.
To trigger an overvoltage condition, the low-side voltage (in this
case, VPL) must exceed the 0.5 V threshold on the VLx pin. The
low-side voltage, VPL, is given by the following equation:
V
5
.
0
=


+
+
=
Z
Y
X
Z
OV
PL
R
R
R
R
V
V
Also,
M
M
Z
Y
X
I
V
R
R
R
=
+
+
Therefore, RZ, which sets the desired trip point for the
overvoltage monitor, is calculated using the following equation:
( )
( )( )
M
OV
M
Z
I
V
V
R
)
5
.
0
(
=
(1)
To trigger the undervoltage condition, the high-side voltage,
VPH, must exceed the 0.5 V threshold on the VHx pin. The
high-side voltage, VPH, is given by the following equation:
V
5
.
0
=


+
+
+
=
Z
Y
X
Z
Y
UV
PH
R
R
R
R
R
V
V
Because RZ is already known, RY can be expressed as follows:
( )
( )( ) Z
M
UV
M
Y
R
I
V
V
R
=
)
5
.
0
(
(2)
When RY and RZ are known, RX is calculated using the following
equation:
( )
( )
Y
Z
M
M
X
R
R
I
V
R
=
(3)
If VM, IM, VOV, or VUV changes, each step must be recalculated.
Negative Voltage Monitoring Scheme
Figure 18 shows the circuit configuration for negative supply
voltage monitoring. To monitor the negative voltage, a 1 V
reference voltage is required to connect to the end node of the
voltage divider circuit. This reference voltage is generated
internally and is output through the REF pin.
0.5V
OVx
VHx
VM
VLx
UVx
REF
ADM2914
RZ
VNH
VNL
RX
RY
Figure 18. Negative Undervoltage/Overvoltage Monitoring Configuration
The equations described in the Positive Voltage Monitoring
Scheme section need some minor modifications for use with
negative voltage monitoring. The 1 V reference voltage is added
to the overall voltage drop; it must therefore be subtracted from
VM, VUV, and VOV before using each in the previous equations.
To monitor a negative voltage level, the resistor divider circuit
divides the voltage differential level between the 1 V reference
voltage and the negative supply voltage into high-side voltage,
VNH, and low-side voltage, VNL. Similar to the positive voltage
monitoring scheme, the high-side voltage, VNH, is connected to
the corresponding VHX pin, and the low-side voltage, VNL, is
connected to the corresponding VLX pin. Refer to the Voltage
Monitoring Example section for more information.


Similar Part No. - ADM2914-2ARQZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2914-2ARQZ AD-ADM2914-2ARQZ Datasheet
371Kb / 16P
   Quad UV/OV Positive/Negative
REV. B
ADM2914-2ARQZ-RL7 AD-ADM2914-2ARQZ-RL7 Datasheet
371Kb / 16P
   Quad UV/OV Positive/Negative
REV. B
More results

Similar Description - ADM2914-2ARQZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM12914 AD-ADM12914 Datasheet
826Kb / 16P
   짹0.8% Accurate Quad UV/OV Positive/Negative Voltage Supervisor
REV. 0
ADM2914 AD-ADM2914_10 Datasheet
371Kb / 16P
   Quad UV/OV Positive/Negative
REV. B
logo
Linear Technology
LTC2914 LINER-LTC2914_15 Datasheet
259Kb / 18P
   Quad UV/OV Positive/Negative Voltage Monitor
LTC2914 LINER-LTC2914 Datasheet
217Kb / 16P
   Quad UV/OV Positive/Negative Voltage Monitor
LTC2909 LINER-LTC2909_15 Datasheet
196Kb / 16P
   Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
LTC2909 LINER-LTC2909 Datasheet
235Kb / 16P
   Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
LTC2919 LINER-LTC2919_15 Datasheet
197Kb / 16P
   Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
LTC2912CTS8-2TRPBF LINER-LTC2912CTS8-2TRPBF Datasheet
178Kb / 12P
   Single UV/OV Voltage Monitor
LTC2912 LINER-LTC2912_15 Datasheet
228Kb / 14P
   Single UV/OV Voltage Monitor
LTC2913 LINER-LTC2913 Datasheet
281Kb / 12P
   Dual UV/OV Voltage Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com