Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADL5380 Datasheet(PDF) 29 Page - Analog Devices

Part # ADL5380
Description  400 MHz to 6 GHz Quadrature Demodulator
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5380 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADL5380 Datasheet HTML 25Page - Analog Devices ADL5380 Datasheet HTML 26Page - Analog Devices ADL5380 Datasheet HTML 27Page - Analog Devices ADL5380 Datasheet HTML 28Page - Analog Devices ADL5380 Datasheet HTML 29Page - Analog Devices ADL5380 Datasheet HTML 30Page - Analog Devices ADL5380 Datasheet HTML 31Page - Analog Devices ADL5380 Datasheet HTML 32Page - Analog Devices ADL5380 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
ADL5380
Rev. 0 | Page 29 of 36
As the load impedance of the filter increases, the filter design
becomes more challenging in terms of meeting the required
rejection and pass band specifications. In the previous W-CDMA
example, the 500 Ω load impedance resulted in the design of a
sixth-order filter that has relatively large inductor values and small
capacitor values. If the load impedance is 200 Ω, the filter design
becomes much more manageable. Figure 92 shows a fourth-order
filter designed for a 10 MHz wide LTE signal. As shown in Figure 92,
the resultant inductor and capacitor values become much more
practical with a 200 Ω load.
2.2µH
2.2µH
1.5µH
1.5µH
Figure 92. Fourth-Order Low-Pass LTE Filter Schematic
Figure 93 and Figure 94 illustrate the magnitude response and
group delay response of the fourth-order filter, respectively.
–35
–25
–15
–5
–30
–20
–10
0
–40
5
FREQUENCY (MHz)
40
35
30
25
20
15
10
5
0
Figure 93. Fourth-Order Low-Pass LTE Filter Magnitude Response
5
10
1520253035
40
0
10
20
30
40
50
0
60
FREQUENCY (MHz)
Figure 94. Fourth-Order Low-Pass LTE Filter Group Delay Response


Similar Part No. - ADL5380

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5380 AD-ADL5380 Datasheet
429Kb / 5P
   Wideband LO PLL Synthesizer with Simple Interface to Quadrature Demodulators
REV. 0
More results

Similar Description - ADL5380

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5375 AD-ADL5375 Datasheet
2Mb / 32P
   400 MHz to 6 GHz Broadband Quadrature Modulator
REV. 0
ADL5375 AD-ADL5375_13 Datasheet
926Kb / 36P
   400 MHz to 6 GHz Broadband Quadrature Modulator
REV. C
ADL5375ACPZ-R7 AD-ADL5375ACPZ-R7 Datasheet
926Kb / 36P
   400 MHz to 6 GHz Broadband Quadrature Modulator
REV. C
ADL5387 AD-ADL5387 Datasheet
761Kb / 28P
   50 MHz to 2 GHz Quadrature Demodulator
REV. 0
logo
Skyworks Solutions Inc.
SKY73012 SKYWORKS-SKY73012 Datasheet
893Kb / 25P
   400 - 3900 MHz Direct Quadrature Demodulator
SKY73009 SKYWORKS-SKY73009 Datasheet
619Kb / 22P
   400 -3000 MHz Direct Quadrature Demodulator
logo
Analog Devices
ADL5382 AD-ADL5382 Datasheet
804Kb / 28P
   700 MHz to 2.7 GHz Quadrature Demodulator
REV. 0
ADL5387 AD-ADL5387_V01 Datasheet
865Kb / 27P
   30 MHz to 2 GHz Quadrature Demodulator
Rev. C
logo
Skyworks Solutions Inc.
SKY73012-11 SKYWORKS-SKY73012-11 Datasheet
900Kb / 25P
   SKY73012 400 ??3900 MHz Direct Quadrature Demodulator
logo
Analog Devices
AD8348 AD-AD8348_15 Datasheet
929Kb / 28P
   50 MHz to 1000 MHz Quadrature Demodulator
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com