Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUX48 Datasheet(PDF) 4 Page - Motorola, Inc

Part # BUX48
Description  SWITCHMODE II Series NPN Silicon Power Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BUX48 Datasheet(HTML) 4 Page - Motorola, Inc

  BUX48 Datasheet HTML 1Page - Motorola, Inc BUX48 Datasheet HTML 2Page - Motorola, Inc BUX48 Datasheet HTML 3Page - Motorola, Inc BUX48 Datasheet HTML 4Page - Motorola, Inc BUX48 Datasheet HTML 5Page - Motorola, Inc BUX48 Datasheet HTML 6Page - Motorola, Inc BUX48 Datasheet HTML 7Page - Motorola, Inc BUX48 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
BUX48 BUX48A
3–404
Motorola Bipolar Power Transistor Device Data
Table 1. Test Conditions for Dynamic Performance
VCEO(sus)
RBSOA AND INDUCTIVE SWITCHING
RESISTIVE SWITCHING
20
1
0
PW Varied to Attain
IC = 200 mA
Lcoil = 25 mH, VCC = 10 V
Rcoil = 0.7 Ω
Lcoil = 180 µH
Rcoil = 0.05 Ω
VCC = 20 V
VCC = 300 V
RL = 83 Ω
Pulse Width = 10
µs
INDUCTIVE TEST CIRCUIT
TURN–ON TIME
IB1 adjusted to
obtain the forced
hFE desired
TURN–OFF TIME
Use inductive switching
driver as the input to
the resistive test circuit.
t1 Adjusted to
Obtain IC
Test Equipment
Scope — Tektronix
475 or Equivalent
RESISTIVE TEST CIRCUIT
OUTPUT WAVEFORMS
2
IB1
1
2
Vclamp = 300 V
RB ADJUSTED TO ATTAIN DESIRED IB1
+10 V
220
100
680 pF
100
PULSES
δ = 3%
33
2 W
33
2 W
160
D1
22
µF
D3
22
680 pF
MM3735
1N4934
D1 D2 D3 D4
2N3763
160
680 pF
22
D4
0.22
µF
D3
2N6438
+10 V
MR854
0.1
µF
2N6339
MR854
Ib1 ADJUST
dTb ADJUST
Ib2 ADJUST
VCC
t1
IC
VCE
IC(pk)
tf Clamped
tf
t
t
t2
TIME
VCE or
Vclamp
1
2
TUT
RL
VCC
t1 ≈
Lcoil (IC
pk
)
VCC
t2 ≈
Lcoil (IC
pk
)
VClamp
1
INPUT
2
Rcoil
Lcoil
VCC
Vclamp
RS =
0.1
1N4937
OR
EQUIVALENT
TUT
SEE ABOVE FOR
DETAILED CONDITIONS
VBE(off), BASE–EMITTER VOLTAGE (VOLTS)
Figure 7. Inductive Switching Measurements
Figure 8. Peak–Reverse Current
1
2
3
4
5
6
10
8
6
4
2
0
0
βf = 5
IC = 10 A
trv
TIME
IC
VCE
90% IB1
tsv
IC pk
VCE(pk)
90% VCE(pk)
90% IC(pk)
10% VCE(pk) 10%
IC pk
2% IC
IB
tfi
tti
tc


Similar Part No. - BUX48

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BUX48 MOSPEC-BUX48 Datasheet
123Kb / 3P
   POWER TRANSISTORS(15A,400-450V,175W)
logo
Thinki Semiconductor Co...
BUX48 THINKISEMI-BUX48 Datasheet
475Kb / 8P
   175Watt Metal Package NPN Silicon Power Transistor
logo
ON Semiconductor
BUX48 ONSEMI-BUX48 Datasheet
325Kb / 8P
   SITCHMODE II Series NPN Silicon Power Transistors
REV 7
logo
STMicroelectronics
BUX48 STMICROELECTRONICS-BUX48 Datasheet
89Kb / 7P
   HIGH POWER NPN SILICON TRANSISTORS
logo
Central Semiconductor C...
BUX48 CENTRAL-BUX48 Datasheet
53Kb / 1P
   Power Transistors
More results

Similar Description - BUX48

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUV48 MOTOROLA-BUV48 Datasheet
308Kb / 8P
   SWITCHMODE II Series NPN Silicon Power Transistors
MJ13101 MOTOROLA-MJ13101 Datasheet
249Kb / 6P
   SWITCHMODE II SERIES NPN SILICON POWER TRANSISTOR
logo
ON Semiconductor
2N6547 ONSEMI-2N6547 Datasheet
77Kb / 8P
   SWITCHMODE Series NPN Silicon Power Transistors
April, 2001 ??Rev. 6
logo
Tiger Electronic Co.,Lt...
MJE13003 TGS-MJE13003 Datasheet
84Kb / 1P
   SWITCHMODE Series NPN Silicon Power Transistors
logo
New Jersey Semi-Conduct...
MJE16002 NJSEMI-MJE16002 Datasheet
126Kb / 3P
   SWITCHMODE Series NPN Silicon Power Transistors
MJE8502 NJSEMI-MJE8502 Datasheet
92Kb / 2P
   SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
MJ16010 NJSEMI-MJ16010 Datasheet
1Mb / 3P
   SWITCHMODE Series NPN Silicon Power Transistors
logo
Boca Semiconductor Corp...
2N6546 BOCA-2N6546 Datasheet
217Kb / 4P
   SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
logo
Unisonic Technologies
MJE13009-K UTC-MJE13009-K_15 Datasheet
440Kb / 9P
   SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
MJE13009-K UTC-MJE13009-K Datasheet
445Kb / 9P
   SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com