Electronic Components Datasheet Search |
|
AD9277 Datasheet(PDF) 1 Page - Analog Devices |
|
AD9277 Datasheet(HTML) 1 Page - Analog Devices |
1 / 48 page Octal LNA/VGA/AAF/14-Bit ADC and CW I/Q Demodulator AD9277 Rev. 0 Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.461.3113 ©2009 Analog Devices, Inc. All rights reserved. FEATURES 8 channels of LNA, VGA, AAF, ADC, and I/Q demodulator Low noise preamplifier (LNA) Input-referred noise: 0.75 nV/√Hz typical at 5 MHz (gain = 21.3 dB) SPI-programmable gain: 15.6 dB/17.9 dB/21.3 dB Single-ended input: VIN maximum = 733 mV p-p/ 550 mV p-p/367 mV p-p Dual-mode active input impedance matching Bandwidth (BW) > 100 MHz Full-scale (FS) output: 4.4 V p-p differential Variable gain amplifier (VGA) Attenuator range: −42 dB to 0 dB Postamp gain: 21 dB/24 dB/27 dB/30 dB Linear-in-dB gain control Antialiasing filter (AAF) Programmable second-order LPF from 8 MHz to 18 MHz Programmable HPF Analog-to-digital converter (ADC) 14 bits at 10 MSPS to 50 MSPS SNR: 73 dB SFDR: 75 dB Serial LVDS (ANSI-644, IEEE 1596.3 reduced range link) Data and frame clock outputs CW mode I/Q demodulator Individual programmable phase rotation Output dynamic range per channel >160 dBFS/√Hz Low power: 207 mW per channel at 14 bits/50 MSPS (TGC), 94 mW per channel for CW Doppler Flexible power-down modes Overload recovery in <10 ns Fast recovery from low power standby mode: <2 μs 100-lead TQFP_EP APPLICATIONS Medical imaging/ultrasound Automotive radar PRODUCT HIGHLIGHTS 1. Small Footprint. Eight channels are contained in a small, space-saving package. Full TGC path, ADC, and I/Q demodulator contained within a 100-lead, 16 mm × 16 mm TQFP. 2. Low Power. In TGC mode, low power of 207 mW per channel at 50 MSPS. In CW mode, ultralow power of 94 mW per channel. 3. Integrated High Dynamic Range I/Q Demodulator with Phase Rotation. 4. Ease of Use. A data clock output (DCO±) operates up to 480 MHz and supports double data rate (DDR) operation. 5. User Flexibility. Serial port interface (SPI) control offers a wide range of flexible features to meet specific system requirements. 6. Integrated Second-Order Antialiasing Filter. This filter is placed before the ADC and is programmable from 8 MHz to 18 MHz. FUNCTIONAL BLOCK DIAGRAM AAF 14-BIT ADC VGA LNA SERIAL LVDS I/Q DEMODULATOR 8 CHANNELS SERIAL PORT INTERFACE DATA RATE MULTIPLIER REFERENCE LO GENERATION LO-A TO LO-H LOSW-A TO LOSW-H LI-A TO LI-H LG-A TO LG-H DOUTA+ TO DOUTH+ DOUTA– TO DOUTH– FCO+ DRVDD STBY PDWN AVDD2 AVDD1 FCO– DCO+ DCO– Figure 1. |
Similar Part No. - AD9277 |
|
Similar Description - AD9277 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |