Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BM-08K88ND Datasheet(PDF) 2 Page - BRIGHT LED ELECTRONICS CORP

Part # BM-08K88ND
Description  super red chips, which are made from AlGaAs on AlGaAs substrate.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BM-08K88ND Datasheet(HTML) 2 Page - BRIGHT LED ELECTRONICS CORP

  BM-08K88ND Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BM-08K88ND Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BM-08K88ND Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BM
M--0
08
8K
K8
88
8N
ND
D
Ver.1.0 Page 2 of 3
SINCE 1981
Absolute Maximum Ratings(Ta=25℃)
Parameter
Symbol
Rating
Unit
Power Dissipation Per Dot
Pd
80
mW
Forward Current Per Dot
IF
30
mA
Peak Forward Current Per Dot
IFP
(Duty 1/10, 1KHZ)
150
mA
Reverse Voltage Per Dot
VR
5
V
Operating Temperature
Topr
-40℃~80℃
-
Storage Temperature
Tstg
-40℃~85℃
-
Soldering Temperature
(1/16" From Body)
Tsol
260℃ For 5 Seconds
-
Electrical And Optical Characteristics(Ta=25℃)
Parameter
Symbol Condition
Min.
Typ.
Max.
Unit
Forward Voltage Per Dot
VF
IF=10mA
-
2.1
2.5
V
Luminous Intensity Per Dot
Iv
IF=10mA
-
20.0
-
mcd
Reverse Current Per Dot
IR
VR=5V
-
-
100
µA
Peak Wave Length
λ
p
IF=10mA
-
590
-
nm
Dominant Wave Length
λ
d
IF=10mA
582
-
592
nm
Spectral Line Half-width
∆λ
IF=10mA
-
15
-
nm
佰鴻工業股份有限公司
http://www.brtled.com


Similar Part No. - BM-08K88ND

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BM-08K88MD BRIGHT-BM-08K88MD Datasheet
584Kb / 3P
   super red chips, which are made from AlGaAs on AlGaAs substrate.
More results

Similar Description - BM-08K88ND

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BM-08F88MD BRIGHT-BM-08F88MD Datasheet
665Kb / 3P
   super red chips, which are made from AlGaAs on AlGaAs substrate.
BM-08K88MD BRIGHT-BM-08K88MD Datasheet
584Kb / 3P
   super red chips, which are made from AlGaAs on AlGaAs substrate.
BM-21F57MD BRIGHT-BM-21F57MD Datasheet
262Kb / 3P
   super red chips, which are made from AlGaAs on AlGaAs substrate.
BM-40F58MD BRIGHT-BM-40F58MD Datasheet
279Kb / 3P
   super red chips, which are made from AlGaAs on AlGaAs substrate.
BM-08F58MD BRIGHT-BM-08F58MD Datasheet
371Kb / 3P
   super red chips, which are made from AlGaAs on AlGaAs substrate.
BD-E406RD BRIGHT-BD-E406RD Datasheet
174Kb / 3P
   super red chips which are made from AlGaAs on GaAs substrate.
BA-4S7UW-A BRIGHT-BA-4S7UW-A Datasheet
180Kb / 3P
   super red chips which are made from AlGaAs on GaAs substrate.
BA-8D6UW BRIGHT-BA-8D6UW Datasheet
153Kb / 3P
   super red chips which are made from AlGaAs on GaAs substrate.
BD-A50DRD BRIGHT-BD-A50DRD Datasheet
170Kb / 3P
   super red chips, which are made from AlGaAs on GaAs substrate.
BD-E54DRD BRIGHT-BD-E54DRD Datasheet
247Kb / 3P
   super red chips, which are made from AlGaAs on GaAs substrate
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com