Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DU1260T Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # DU1260T
Description  RF Power MOSFET Transistor 60W, 2-175MHz, 12V
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

DU1260T Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  DU1260T Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. DU1260T Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. DU1260T Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
RF Power MOSFET Transistor
60W, 2-175MHz, 12V
M/A-COM Products
Released; RoHS Compliant
DU1260T
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
N-Channel enhancement mode device
DMOS structure
Lower capacitances for broadband operation
High saturated output power
Lower noise figure than bipolar devices
Specifically designed for 12 volt applications
Package Outline
ABSOLUTE MAXIMUM RATINGS AT 25° C
Parameter
Rating
Drain-Source Voltage
40
Gate-Source Voltage
20
Drain-Source Current
24
Power Dissipation
250
Junction Temperature
200
Storage Temperature
-55 to +150
Thermal Resistance
0.7
Symbol
VDS
VGS
IDS
PD
TJ
TSTG
θJC
Units
V
V
A
W
°C
°C
°C/W
MILLIMETERS
INCHES
MIN
MAX
MIN
MAX
A
24.38
25.15
.960
.990
B
18.29
18.54
.720
.730
C
21.36
21.74
.841
.856
D
12.60
12.85
.496
.506
E
5.33
5.59
.210
.220
F
5.08
5.33
.200
.210
G
3.81
4.06
.150
.160
H
3.10
3.15
.122
.128
J
2.51
2.67
.099
.105
K
4.06
4.57
.160
.180
L
6.68
7.49
.263
.295
LETTER
DIM
M
.10
.15
.004
.006
ELECTRICAL CHARACTERISTICS AT 25°C
Parameter
Symbol
Min
Max
Units
Test Conditions
Drain-Source Breakdown Voltage
BVDSS
40
-
V
VGS = 0.0 V , IDS = 30.0 mA
Drain-Source Leakage Current
IDSS
-
6.0
mA
VGS = 15.0 V , VGS = 0.0 V
Gate-Source Leakage Current
IGSS
-
6.0
µA
VGS = 20.0 V , VDS = 0.0 V
Gate Threshold Voltage
VGS(TH)
2.0
6.0
V
VDS = 10.0 V , IDS = 600 mA
Forward Transconductance
GM
3.0
-
S
VDS = 10.0 V , IDS = 6000 mA , Δ VGS = 1.0 V
Input Capacitance
CISS
-
200
pF
VDS = 12.0 V , F = 1.0 MHz
Output Capacitance
COSS
-
240
pF
VDS = 12.0 V , F = 1.0 MHz
Reverse Capacitance
CRSS
-
48
pF
VDS = 12.0 V , F = 1.0 MHz
Drain Efficiency
ŋD
60
-
%
VDD = 12.0 V, IDQ = 600 mA, POUT = 60 W F =175 MHz
Load Mismatch
VSWR-T
-
30:1
-
VDD = 12.0 V, IDQ = 600 mA, POUT = 60 W F =175 MHz
Power Gain
GP
8.0
-
dB
VDD = 12.0 V, IDQ = 600 mA, POUT = 60 W F =175 MHz
F (MHz)
ZIN (Ω)
ZLOAD (Ω)
30
4.5 - j8.0
4.6 - j3.0
100
1.4 - j4.0
1.4 - j8.0
175
1.0 - j0.5
1.0 - j0.5
VDD = 12V, IDQ = 600mA, POUT = 60W
TYPICAL DEVICE IMPEDANCE
ZIN is the series equivalent input impedance of the device
from gate to source.
ZLOAD is the optimum series equivalent load impedance as
measured from drain to ground.


Similar Part No. - DU1260T

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DU1260T MACOM-DU1260T Datasheet
197Kb / 3P
   RF MOSFET Power Transistor, 6OW, 12V 2 - 175 MHz
More results

Similar Description - DU1260T

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
DU2860U MA-COM-DU2860U Datasheet
149Kb / 3P
   RF Power MOSFET Transistor 60W, 2-175MHz, 28V
DU2860T MA-COM-DU2860T Datasheet
161Kb / 3P
   RF Power MOSFET Transistor 60W, 2-175MHz, 28V
DU1215S MA-COM-DU1215S Datasheet
166Kb / 3P
   RF Power MOSFET Transistor 15W, 2-175MHz, 12V
DU1230S MA-COM-DU1230S Datasheet
160Kb / 3P
   RF Power MOSFET Transistor 30W, 2-175MHz, 12V
DU2840S MA-COM-DU2840S Datasheet
164Kb / 3P
   RF Power MOSFET Transistor 40W, 2-175MHz, 28V
DU2805S MA-COM-DU2805S Datasheet
165Kb / 3P
   RF Power MOSFET Transistor 5W, 2-175MHz, 28V
DU2810S MA-COM-DU2810S Datasheet
151Kb / 2P
   RF Power MOSFET Transistor 10W, 2-175MHz, 28V
DU28200M MA-COM-DU28200M Datasheet
156Kb / 3P
   RF Power MOSFET Transistor 200W, 2-175MHz, 28V
DU2820S MA-COM-DU2820S Datasheet
164Kb / 3P
   RF Power MOSFET Transistor 200W, 2-175MHz, 28V
DU2880U MA-COM-DU2880U Datasheet
156Kb / 3P
   RF Power MOSFET Transistor 80W, 2-175MHz, 28V
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com