Electronic Components Datasheet Search |
|
DS54-0002SAM Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc. |
|
DS54-0002SAM Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc. |
2 / 3 page • North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400 • India Tel: +91.80.4155721 • China Tel: +86.21.2407.1588 Visit www.macomtech.com for additional data sheets and product information. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. 2 Low Cost Four-Way SMT Power Splitter/Combiner, 1700 - 2000 MHz Rev. V5 DS54-0002 ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions is considering for development. Performance is based on target specifications, simulated results, and/or prototype measurements. Commitment to develop is not guaranteed. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. Commitment to produce in volume is not guaranteed. Electrical Specifications: TA = 25°C 1 Parameter Test Conditions Frequency Units Min Typ Max Insertion Loss (Above 6.0 dB) — — dB — 1.0 1.5 Isolation — 1700 - 1800 MHz 1801 - 2000 MHz dB dB 18 17 23 22 — — Input VSWR — — Ratio — 1.5:1 1.7:1 Output VSWR — 1700 - 1800 MHz 1801 - 2000 MHz Ratio Ratio — — — — 1.3:1 1.5:1 Amplitude Balance — — dB — 0.1 0.7 Phase Balance — — Deg — 4 7 Recommended PCB Configuration Absolute Maximum Ratings 2,3 Parameter Absolute Maximum Input Power 4 1W CW Operating Temperature -40°C to +85°C Storage Temperature -65°C to +150°C 2. Exceeding any one or combination of these limits may cause permanent damage to this device. 3. M/A-COM does not recommend sustained operation near these survivability limits. 4. With internal load dissipation of 0.125W maximum. Handling Procedures Please observe the following precautions to avoid damage: Static Sensitivity GMIC Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices. 1. All specifications apply with a 50-ohm source and load impedance. |
Similar Part No. - DS54-0002SAM |
|
Similar Description - DS54-0002SAM |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |