Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS54-0001-TR Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # DS54-0001-TR
Description  Low Cost Four-way SMT Power Splitter/Combiner, 824 - 960 MHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

DS54-0001-TR Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  DS54-0001-TR Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. DS54-0001-TR Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. DS54-0001-TR Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. DS54-0001-TR Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
Low Cost Four-way SMT Power
Splitter/Combiner, 824 - 960 MHz
Rev. V5
DS54-0001
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
VSWR vs. Frequency
Isolation vs. Frequency
Typical Performance Curves
Insertion Loss vs. Frequency
(above theoretical split loss)
0.00
0.50
1.00
1.50
2.00
824
858
892
926
960
Fre que ncy (MHz )
1.00
1.25
1.50
1.75
2.00
824
858
892
926
960
Fre que ncy (MHz )
Input
Out put
0
5
10
15
20
25
30
35
824
858
892
926
960
Fre que ncy (MHz )


Similar Part No. - DS54-0001-TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS54-0001-TR MACOM-DS54-0001-TR Datasheet
37Kb / 2P
   Low Cost Four-Way SMT Power Splitter/Combiner, 824-960 MHz
More results

Similar Description - DS54-0001-TR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPDCC0007 MA-COM-MAPDCC0007 Datasheet
78Kb / 3P
   Low Cost Four-way SMT Power Splitter/Combiner, 824 - 960 MHz
MAPDCC0007 MA-COM-MAPDCC0007_15 Datasheet
587Kb / 4P
   Low Cost Four-way SMT Power Splitter/Combiner, 824 - 960 MHz
logo
Tyco Electronics
DS54-0001 MACOM-DS54-0001 Datasheet
37Kb / 2P
   Low Cost Four-Way SMT Power Splitter/Combiner, 824-960 MHz
logo
Tachyonics CO,. LTD
MAPDCC0007 TACHYONICS-MAPDCC0007 Datasheet
439Kb / 3P
   Low Cost Four-way SMT Power Splitter/Combiner, 824 - 960 MHz
logo
M/A-COM Technology Solu...
DS53-0001 MA-COM-DS53-0001 Datasheet
81Kb / 4P
   Low Cost Three Way Power Splitter/Combiner 824 - 960 MHz
logo
Tyco Electronics
DS53-0001 MACOM-DS53-0001 Datasheet
110Kb / 2P
   Low Cost Three Way Power Splitter/Combiner 824 - 960 MHz
logo
M/A-COM Technology Solu...
MAPDCC0005 MA-COM-MAPDCC0005 Datasheet
81Kb / 4P
   Low Cost Three Way Power Splitter/Combiner 824 - 960 MHz
logo
Tyco Electronics
DS54-0005 MACOM-DS54-0005 Datasheet
45Kb / 2P
   Low Cost Four-Way GMIC SMT Power Divider 824 . 960 MHz
logo
M/A-COM Technology Solu...
DS54-0005 MA-COM-DS54-0005 Datasheet
80Kb / 4P
   Low Cost Four-Way GMIC SMT Power Divider 824 - 960 MHz
MAPDCC0009 MA-COM-MAPDCC0009 Datasheet
80Kb / 4P
   Low Cost Four-Way GMIC SMT Power Divider 824 - 960 MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com