Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS52-0008 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # DS52-0008
Description  Low Cost Two-Way GMIC SMT Power Divider 824 - 960 MHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

DS52-0008 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  DS52-0008 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. DS52-0008 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. DS52-0008 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. DS52-0008 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
Low Cost Two-Way GMIC SMT Power Divider
824 – 960 MHz
Rev. V2
DS52-0008
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
VSWR vs. Frequency
Isolation vs. Frequency
Phase Balance vs. Frequency
(Relative to RF1)
Typical Performance Curves @ 25ºC
Insertion Loss vs. Frequency
(Dashed lines show amplitude balance window)
-1
-0.75
-0.5
-0.25
0
824
858
892
926
960
Frequency MHz
qy
1
1.2
1.4
1.6
1.8
2
824
858
892
926
960
Frequency MHz
Input
Output
-20
-15
-10
-5
0
824
858
892
926
960
Frequency MHz
-10
-8
-6
-4
-2
0
824
858
892
926
960
Frequency MHz


Similar Part No. - DS52-0008

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS52-0008 MACOM-DS52-0008 Datasheet
46Kb / 2P
   Low Cost Two-Way GMIC SMT Power Divider 824 - 960 MHz
DS52-0008-RTR MACOM-DS52-0008-RTR Datasheet
46Kb / 2P
   Low Cost Two-Way GMIC SMT Power Divider 824 - 960 MHz
DS52-0008-TR MACOM-DS52-0008-TR Datasheet
46Kb / 2P
   Low Cost Two-Way GMIC SMT Power Divider 824 - 960 MHz
More results

Similar Description - DS52-0008

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAPDCC0011 MACOM-MAPDCC0011 Datasheet
155Kb / 3P
   Low Cost Two-Way GMIC SMT Power Divider 824-960 MHz
logo
M/A-COM Technology Solu...
MAPDCC0011 MA-COM-MAPDCC0011 Datasheet
73Kb / 4P
   Low Cost Two-Way GMIC SMT Power Divider 824 - 960 MHz
logo
Tyco Electronics
DS52-0008 MACOM-DS52-0008 Datasheet
46Kb / 2P
   Low Cost Two-Way GMIC SMT Power Divider 824 - 960 MHz
logo
M/A-COM Technology Solu...
MAPDCC0011 MA-COM-MAPDCC0011_15 Datasheet
646Kb / 5P
   Low Cost Two-Way GMIC SMT Power Divider 824 ??960 MHz
MAPDCC0021 MA-COM-MAPDCC0021_15 Datasheet
530Kb / 4P
   Low Cost Eight-Way GMIC SMT Power Divider 824 ??960 MHz
logo
Tyco Electronics
DS58-0001 MACOM-DS58-0001 Datasheet
36Kb / 2P
   Low Cost Eight-Way GMIC SMT Power Divider 824 - 960 MHz
logo
M/A-COM Technology Solu...
DS58-0001 MA-COM-DS58-0001 Datasheet
77Kb / 3P
   Low Cost Eight-Way GMIC SMT Power Divider 824 - 960 MHz
MAPDCC0021 MA-COM-MAPDCC0021 Datasheet
78Kb / 3P
   Low Cost Eight-Way GMIC SMT Power Divider 824 - 960 MHz
logo
Tyco Electronics
DS54-0005 MACOM-DS54-0005 Datasheet
45Kb / 2P
   Low Cost Four-Way GMIC SMT Power Divider 824 . 960 MHz
logo
M/A-COM Technology Solu...
DS54-0005 MA-COM-DS54-0005 Datasheet
80Kb / 4P
   Low Cost Four-Way GMIC SMT Power Divider 824 - 960 MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com