Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP52-0002SAM Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # DP52-0002SAM
Description  Low Cost SMT Dual Band Diplexer AMPS/PCS and GSM/DCS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

DP52-0002SAM Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  DP52-0002SAM Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. DP52-0002SAM Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. DP52-0002SAM Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. DP52-0002SAM Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Low Cost SMT Dual Band Diplexer
AMPS/PCS and GSM/DCS
Rev. V3
DP52-0002
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Small Size and Low Profile
• Superior Repeatability
• Passbands 824 – 960 MHz and 1850 – 1990
MHz
• Passbands 880 – 960 MHz and 1700 – 1900
MHz
• Typical Passband Insertion Loss: 0.5 dB
• 2 Watt Power Handling
• Low Cost
• SOIC-8 Package
Description
M/A-COM’s DP52-0002 is an IC-based monolithic
diplexer in a low cost SOIC-8 SMT plastic package.
This diplexer is ideally suited for applications where
small size, low insertion loss, superior repeatability,
and low cost are required. Typical applications in-
clude AMPS/PCS and GSM/DCS dual mode port-
able devices.
The DP52-0002 is fabricated using a passive-
integrated circuit process. The process features full-
chip passivation for increased performance and reli-
ability.
Ordering Information
Part Number
Package
DP52-0002
Bulk Packaging
DP52-0002-TR
1000 piece reel
DP52-0002SAM
Sample Test Board
Note: Reference Application Note M513 for reel size
information.
Functional Block Diagram
1,2
Pin Configuration
Pin No.
Function
Pin No.
Function
1
GND
5
PCS IN/OUT
2
AMPS IN/OUT
6
GND
3
GND
7
ANTENNA
4
GND
8
GND
1.
All unused pins must be RF and DC grounded.
2.
Pins 1 and 4 are thermal ground contacts.


Similar Part No. - DP52-0002SAM

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DP52-0002 MACOM-DP52-0002 Datasheet
142Kb / 2P
   Low Cost SMT Dual Band Diplexer
DP52-0002-TR MACOM-DP52-0002-TR Datasheet
142Kb / 2P
   Low Cost SMT Dual Band Diplexer
DP52-0002-TR MACOM-DP52-0002-TR Datasheet
264Kb / 2P
   Low Cost SMT Dual Band Diplexer, 824-960/1850-1990 MHz(AMPS/PCS), 880-960/1700-1900 MHz(GSM/DCS)
DP52-0002 MACOM-DP52-0002_1 Datasheet
264Kb / 2P
   Low Cost SMT Dual Band Diplexer, 824-960/1850-1990 MHz(AMPS/PCS), 880-960/1700-1900 MHz(GSM/DCS)
More results

Similar Description - DP52-0002SAM

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAFLCC0003 MA-COM-MAFLCC0003 Datasheet
80Kb / 3P
   Low Cost SMT Dual Band Diplexer AMPS/PCS and GSM/DCS
DP52-0005 MA-COM-DP52-0005 Datasheet
80Kb / 3P
   Low Cost SMT Dual Band Diplexer AMPS/PCS and GSM/DCS
logo
Tyco Electronics
MAFLCC0001 MACOM-MAFLCC0001 Datasheet
288Kb / 4P
   Low Cost SMT Dual Band Diplexer AMPS/PCS and GSM/DCS
MAFLCC0003 MACOM-MAFLCC0003 Datasheet
209Kb / 3P
   Low Cost SMT Dual Band Diplexer AMPS/PCS and GSM/DCS
logo
M/A-COM Technology Solu...
MAFLCC0001 MA-COM-MAFLCC0001 Datasheet
82Kb / 4P
   Low Cost SMT Dual Band Diplexer AMPS/PCS and GSM/DCS
logo
Tyco Electronics
DP52-0005 MACOM-DP52-0005_1 Datasheet
223Kb / 2P
   Low Cost SMT Dual Band Diplexer, 824-960/1850-1990 MHz(AMPS/PCS), 880-960/1700-1900 MHz(GSM/DCS)
DP52-0002 MACOM-DP52-0002_1 Datasheet
264Kb / 2P
   Low Cost SMT Dual Band Diplexer, 824-960/1850-1990 MHz(AMPS/PCS), 880-960/1700-1900 MHz(GSM/DCS)
logo
WALSIN TECHNOLOGY CORPO...
RFCPL1807P2S0T62 WALSIN-RFCPL1807P2S0T62 Datasheet
359Kb / 2P
   AMPS/GSM/ DCS/PCS/ISM2.4 GHz Band Application
RFCPL1608070P0T WALSIN-RFCPL1608070P0T Datasheet
538Kb / 2P
   AMPS/GSM/ DCS/PCS/ISM2.4 GHz Band Application
RFCPL1608070P1T WALSIN-RFCPL1608070P1T Datasheet
538Kb / 2P
   AMPS/GSM/ DCS/PCS/ISM2.4 GHz Band Application
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com