Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPA38 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # CPA38
Description  Cascadable Amplifier 200 to 2000 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

CPA38 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  CPA38 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. CPA38 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Cascadable Amplifier
200 to 2000 MHz
Rev. V3
PA38 / SMPA38
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: Z0 = 50Ω, VCC = +15 VDC
Parameter
Units
Typical
Guaranteed
25ºC
0º to 50ºC
-54º to +85ºC*
Frequency
GHz
0.2-2.4
0.2-2.0
0.2-2.0
Small Signal Gain (min)
dB
10.0
8.5
8.0
Gain Flatness (max)
dB
±0.3
±0.7
±1.0
Reverse Isolation
dB
17
Noise Figure (max)
dB
4.0
4.7
5.2
Power Output
@ 1 dB comp. (min)
dBm
23.0
21.5
21.0
IP3
dBm
+34
IP2
dBm
+55
Second Order Harmonic IP
dBm
+60
VSWR Input / Output (max)
1.7:1 / 1.5:1
1.9:1 / 1.9:1
2.0:1 / 2.0:1
DC Current @ 15 Volts (max)
mA
150
158
160
Features
• WIDE BANDWIDTH: 200-2400 MHz (TYP.)
• HIGH OUTPUT LEVEL: +23.0 dBm (TYP.)
• LOW NOISE FIGURE: 4.0 dB (TYP.)
• HIGH THIRD ORDER I.P.: +34 dBm (TYP.)
Description
The PA38 RF amplifier is a discrete hybrid design, which uses
thin film manufacturing processes for accurate performance
and high reliability.
This two stage GaAs FET feedback amplifier design displays
impressive performance characteristics over a broadband
frequency range. Both TO-8 and Surface Mount packages
are hermetically sealed, and MIL-STD-883 environmental screen-
ing is available
.
Product Image
Ordering Information
Part Number
Package
PA38
TO-8
SMPA38
Surface Mount
CPA38 **
SMA Connectorized
Absolute Maximum Ratings
Parameter
Absolute
Maximum
Storage Temperature
-62ºC to +125ºC
Case Temperature
85ºC
DC Voltage
+16 V
Continuous Input Power
+17 dBm
Short Term Input power
(1 minute max.)
100 mW
Peak Power (3 µsec max.)
1 W
“S” Series Burn-In
Temperature (case)
85ºC
Thermal Data: VCC = +15 VDC
Parameter
Rating
Thermal Resistance θjc
125.8ºC/W
Transistor Power Dissipation Pd
0.578 W
Junction Temperature Rise
Above Case Tjc
72ºC
* Over temperature performance limits for part number CPA38, guaranteed from 0oC to +50oC only.
** The connectorized version is not RoHs compliant.


Similar Part No. - CPA38

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CPA38 MACOM-CPA38 Datasheet
369Kb / 2P
   Cascadable Amplifier 200 to 2000 MHz
logo
M/A-COM Technology Solu...
CPA38-2 MA-COM-CPA38-2 Datasheet
1Mb / 2P
   Cascadable Amplifier 200 to 2600 MHz
More results

Similar Description - CPA38

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PA38 MACOM-PA38 Datasheet
369Kb / 2P
   Cascadable Amplifier 200 to 2000 MHz
logo
M/A-COM Technology Solu...
PA2010 MA-COM-PA2010_15 Datasheet
603Kb / 3P
   Cascadable Amplifier 200 to 2000 MHz
SMPA2010 MA-COM-SMPA2010 Datasheet
1Mb / 2P
   Cascadable Amplifier 200 to 2000 MHz
logo
Teledyne Technologies I...
AP2048 TELEDYNE-AP2048 Datasheet
160Kb / 2P
   200 TO 2000 MHz TO-8 CASCADABLE AMPLIFIER
AC2058 TELEDYNE-AC2058 Datasheet
160Kb / 2P
   200 TO 2000 MHz TO-8 CASCADABLE AMPLIFIER
logo
Tyco Electronics
PA2010 MACOM-PA2010 Datasheet
98Kb / 1P
   200 TO 2000 MHz TO-8 CASCADABLE AMPLIFIER
A32 MACOM-A32 Datasheet
112Kb / 1P
   100 TO 2000 MHz CASCADABLE AMPLIFIER
A33 MACOM-A33 Datasheet
365Kb / 2P
   Cascadable Amplifier 10 to 2000 MHz
A34 MACOM-A34_1 Datasheet
377Kb / 2P
   Cascadable Amplifier 100 to 2000 MHz
A35 MACOM-A35_1 Datasheet
379Kb / 2P
   Cascadable Amplifier 10 to 2000 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com