Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8363-EVALZ1 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8363-EVALZ1
Description  50 Hz to 6 GHz, 50 dB TruPwr??Detector
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8363-EVALZ1 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8363-EVALZ1 Datasheet HTML 2Page - Analog Devices AD8363-EVALZ1 Datasheet HTML 3Page - Analog Devices AD8363-EVALZ1 Datasheet HTML 4Page - Analog Devices AD8363-EVALZ1 Datasheet HTML 5Page - Analog Devices AD8363-EVALZ1 Datasheet HTML 6Page - Analog Devices AD8363-EVALZ1 Datasheet HTML 7Page - Analog Devices AD8363-EVALZ1 Datasheet HTML 8Page - Analog Devices AD8363-EVALZ1 Datasheet HTML 9Page - Analog Devices AD8363-EVALZ1 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
AD8363
Rev. 0 | Page 6 of 36
Parameter
Conditions
Min
Typ
Max
Unit
SETPOINT INPUT
VSET (Pin 7)
Voltage Range
Log conformance error ≤ 1 dB, minimum 2.14 GHz
2.0
V
Log conformance error ≤ 1 dB, maximum 2.14 GHz
0.7
V
Input Resistance
72
Logarithmic Scale Factor
f = 2.14 GHz, −40°C ≤ TA ≤ +85°C
19.2
dB/V
Logarithmic Intercept
f = 2.14 GHz, −40°C ≤ TA ≤ +85°C, referred to 50 Ω
−54
dBm
TEMPERATURE COMPENSATION
TCM1 (Pin 16), TCM2 (Pin 1)
Input Voltage Range
0
2.5
V
Input Bias Current, TCM1
VTCM1 = 0 V
−140
μA
VTCM1 = 0.5 V
80
μA
Input Resistance, TCM1
VTCM1 > 0.7 V
5
Input Current, TCM2
VTCM2 = 5 V
2
μA
VTCM2 = 4.5 V
750
μA
VTCM2 = 1 V
−2
μA
VTCM2 = 0 V
−3
μA
Input Resistance, TCM2
0.7 V ≤ VTCM2 ≤ 4.0 V
500
VOLTAGE REFERENCE
VREF (Pin 11)
Output Voltage
RFIN = −55 dBm
2.3
V
Temperature Sensitivity
25°C ≤ TA ≤ 70°C
0.04
mV/°C
70°C ≤ TA ≤ 125°C
−0.06
mV/°C
−40°C ≤ TA ≤ +25°C
−0.18
mV/°C
Current Source/Sink Capability
25°C ≤ TA ≤ 125°C
4/0.05
mA
−40°C ≤ TA < +25°C
3/0.05
mA
Voltage Regulation
TA = 25°C, ILOAD = 3 mA
−0.6
%
TEMPERATURE REFERENCE
TEMP (Pin 8)
Output Voltage
TA = 25°C, RL ≥ 10 kΩ
1.4
V
Temperature Coefficient
−40°C ≤ TA ≤ +125°C, RL ≥ 10 kΩ
5
mV/°C
Current Source/Sink Capability
25°C ≤ TA ≤ 125°C
4/0.05
mA
−40°C ≤ TA < +25°C
3/0.05
mA
Voltage Regulation
TA = 25°C, ILOAD = 3 mA
−0.1
%
RMS TARGET INTERFACE
VTGT (Pin 12)
Input Voltage Range
1.4
2.5
V
Input Bias Current
VTGT = 1.4 V
14
μA
Input Resistance
100
POWER-DOWN INTERFACE
TCM2 (Pin1)
Logic Level to Enable
VPWDN decreasing
4.2
V
Logic Level to Disable
VPWDN increasing
4.7
V
Input Current
VTCM2 = 5 V
2
μA
VTCM2 = 4.5 V
750
μA
VTCM2 = 1 V
−2
μA
VTCM2 = 0 V
−3
μA
Enable Time
TCM2 low to VOUT at 1 dB of final value, CLPF = 470 pF,
CHPF = 220 pF, RFIN = 0 dBm
35
μs
Disable Time
TCM2 high to VOUT at 1 dB of final value, CLPF = 470 pF,
CHPF = 220 pF, RFIN = 0 dBm
25
μs
POWER SUPPLY INTERFACE
VPOS (Pin 3, Pin 10)
Supply Voltage
4.5
5
5.5
V
Quiescent Current
TA = 25°C, RFIN = −55 dBm
60
mA
TA = 85°C
72
mA
Power-Down Current
VTCM2 > VPOS − 0.3 V
300
μA


Similar Part No. - AD8363-EVALZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8363-EVALZ AD-AD8363-EVALZ Datasheet
3Mb / 14P
   50 Hz to 6 GHz 50 dB TruPwr Detector
Rev. PrB
AD8363-EVALZ AD-AD8363-EVALZ Datasheet
1Mb / 29P
   50 Hz to 6 GHz, 50 dB TruPwr Detector
More results

Similar Description - AD8363-EVALZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8363 AD-AD8363 Datasheet
3Mb / 14P
   50 Hz to 6 GHz 50 dB TruPwr Detector
Rev. PrB
AD8363 AD-AD8363_15 Datasheet
1Mb / 29P
   50 Hz to 6 GHz, 50 dB TruPwr Detector
AD8362 AD-AD8362_1 Datasheet
1Mb / 32P
   50 Hz to 3.8 GHz 65 dB TruPwr??Detector
REV. D
AD8362 AD-AD8362 Datasheet
11Kb / 36P
   50 Hz to 2.7 GHz 60 dB TruPwr??Detector
REV. B
AD8362 AD-AD8362_15 Datasheet
896Kb / 32P
   50 Hz to 3.8 GHz 65 dB TruPwr Detector
Rev. E
ADL5501 AD-ADL5501_15 Datasheet
2Mb / 28P
   50 MHz to 6 GHz TruPwr Detector
REV. B
ADL5501 AD-ADL5501_09 Datasheet
2Mb / 28P
   50 MHz to 6 GHz TruPwr Detector
REV. B
ADL5902 AD-ADL5902_16 Datasheet
2Mb / 29P
   50 MHz to 9 GHz 65 dB TruPwr Detector
ADL5902 AD-ADL5902 Datasheet
2Mb / 28P
   50 MHz to 9 GHz 65 dB TruPwr Detector
REV. 0
ADL5501 AD-ADL5501 Datasheet
1Mb / 28P
   50 MHz to 4 GHz TruPwr Detector
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com